Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SS13-L Datasheet(PDF) 2 Page - Dc Components

Part # SS13-L
Description  RECTIFIER SPECIALISTS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DCCOM [Dc Components]
Direct Link  http://www.dccomponents.com
Logo DCCOM - Dc Components

SS13-L Datasheet(HTML) 2 Page - Dc Components

  SS13-L Datasheet HTML 1Page - Dc Components SS13-L Datasheet HTML 2Page - Dc Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
FIG.5 - TYPICAL JUNCTION CAPACITANCE
PERCENT OF RATED PEAK REVERSE VOLTAGE, (%)
TJ= 25oC
REVERSE VOLTAGE, (V)
INSTANTANEOUS FORWARD VOLTAGE, (V)
.4
1.0
4
10
40
.1
400
200
100
80
80
60
40
20
10
R
DC COMPONENTS CO., LTD.
RATING AND CHARACTERISTIC CURVES ( SS12-L THRU SS110-L )
FIG.1 - TYPICAL FORWARD CURRENT DERATING CURVE
Single Phase
Half Wave 60Hz
Resistive of
Inductive Load
LEAD TEMPERATURE, (oC)
.25
.75
.50
0
1.0
25
50
75
100
125
0
150
175
FIG.2 - TYPICAL INSTANTANEOUS FORWARD
CHARACTERISTICS
TJ= 25oC
Pulse Width = 300
µS
1% Duty Cycle
.3
.5
.7
.1
20
10
1.0
.1
.9
FIG.3 - TYPICAL REVERSE CHARACTERISTICS
TJ= 125oC
TJ= 75oC
TJ= 25oC
20
40
60
80
100
0
10
1.0
.1
.01
.001
120
140
100
SS12-L~14-L
SS15-L~110-L
FIG.4 - TYPICAL REVERSE CHARACTERISTICS
TJ= 25oC
TJ= 75oC
TJ= 125oC
TJ= 150oC
10
1.0
.1
.01
.001
100
PERCENT OF RATED PEAK REVERSE VOLTAGE, (%)
0
40
60
80
100
0
120
140
FIG.6 - MAXIMUM NON-REPETITIVE
FORWARD SURGE CURRENT
NUMBER OF CYCLE AT 60Hz
At rated TL8.3ms Single Half
Sine-Wave(JEDEC Method)
2
1
4
6 8 10
20
40
80 100
10
20
30
40
50
SS12-L~14-L
SS15-L~110-L


Similar Part No. - SS13-L

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SS13-L MCC-SS13-L Datasheet
259Kb / 3P
   1 Amp Schottky Rectifier 20 to 100 Volts
SS13-L MCC-SS13-L Datasheet
274Kb / 3P
   1 Amp Schottky Rectifier 20 to 100 Volts
SS13-L MCC-SS13-L Datasheet
338Kb / 3P
   1 Amp Schottky Rectifier 20 to 100 Volts
logo
Frontier Electronics.
SS13-LFR FRONTIER-SS13-LFR Datasheet
127Kb / 2P
   1A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - SS13-L

ManufacturerPart #DatasheetDescription
logo
Yea Shin Technology Co....
RS1A YEASHIN-RS1A Datasheet
208Kb / 2P
   RECTIFIER SPECIALISTS
logo
Dc Components
1EZ6.2 DCCOM-1EZ6.2 Datasheet
44Kb / 3P
   RECTIFIER SPECIALISTS
MBK22F DCCOM-MBK22F Datasheet
38Kb / 2P
   RECTIFIER SPECIALISTS
MB05F DCCOM-MB05F Datasheet
38Kb / 2P
   RECTIFIER SPECIALISTS
SMB2EZ6.2 DCCOM-SMB2EZ6.2 Datasheet
55Kb / 2P
   RECTIFIER SPECIALISTS
SPA2040 DCCOM-SPA2040 Datasheet
72Kb / 2P
   RECTIFIER SPECIALISTS
SQ1530 DCCOM-SQ1530 Datasheet
44Kb / 2P
   RECTIFIER SPECIALISTS
SS52F DCCOM-SS52F Datasheet
82Kb / 2P
   RECTIFIER SPECIALISTS
DZL4728A DCCOM-DZL4728A Datasheet
31Kb / 2P
   RECTIFIER SPECIALISTS
FMB05F DCCOM-FMB05F Datasheet
38Kb / 2P
   RECTIFIER SPECIALISTS
MB05S DCCOM-MB05S Datasheet
37Kb / 2P
   RECTIFIER SPECIALISTS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com