Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CHK8015-99F Datasheet(PDF) 5 Page - United Monolithic Semiconductors

Part # CHK8015-99F
Description  16W Power Transistor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHK8015-99F Datasheet(HTML) 5 Page - United Monolithic Semiconductors

  CHK8015-99F Datasheet HTML 1Page - United Monolithic Semiconductors CHK8015-99F Datasheet HTML 2Page - United Monolithic Semiconductors CHK8015-99F Datasheet HTML 3Page - United Monolithic Semiconductors CHK8015-99F Datasheet HTML 4Page - United Monolithic Semiconductors CHK8015-99F Datasheet HTML 5Page - United Monolithic Semiconductors CHK8015-99F Datasheet HTML 6Page - United Monolithic Semiconductors CHK8015-99F Datasheet HTML 7Page - United Monolithic Semiconductors CHK8015-99F Datasheet HTML 8Page - United Monolithic Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
16W Power Transistor
CHK8015-99F
Ref. : DSCHK80156315 - 10 Nov 16
5/8
Specifications subject to change without notice
Bât. Charmille - Parc SILIC - 10, Avenue du Québec - 91140 VILLEBON-SUR-YVETTE - France
Tel.: +33 (0) 1 69 86 32 00 - Fax: +33 (0) 1 69 86 34 34 - www.ums-gaas.com
Elementary Cell Maximum Gain & Stability Characteristics
Tref = +25°C, VDS = +30V, ID_Q = 50mA, simulated results
Elementary Cell Load Pull Performances
Tref = +25°C, VDS = +30V, ID_Q = 50mA, simulated results
The impedances are chosen as a trade-off between Output Power, PAE and Stability of the
device. Second harmonic of output load has been tuned.
These values are given in the bonding pads reference plan.
Frequency
(GHz)
Zs
Zl
Gain (dB)
@PAEmax
PAEmax
(%)
Pout (W)
@PAEmax
Poutmax
(W)
3
15 + j18
60 + j65
12.8
72
4.9
5.3
6
8.2 + j14.8
24.8 + j51.7
12.4
69
4.4
5
9
2.8 + j6.4
11.7 + j33.7
10.8
68
4.7
5.1
12
2.1 + j3.5
8 + j24
10
52
3.8
4.8
15
1.87 + j0
5 + j17.3
8.6
50
3.6
4.7
18
1.7
– j3.1
4 + j12.7
7.6
46
3.6
4.8
0
1
2
3
4
5
6
7
0
5
10
15
20
25
30
35
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
Frequency (GHz)
K Factor
MAG
K Factor
MAG
Zl
Zs


Similar Part No. - CHK8015-99F

ManufacturerPart #DatasheetDescription
logo
SYNERGY MICROWAVE CORPO...
CHK-705S SYNERGY-CHK-705S Datasheet
45Kb / 2P
   MIXERS TRIPLE-BALANCED
CHK-706 SYNERGY-CHK-706 Datasheet
45Kb / 2P
   MIXERS TRIPLE-BALANCED
CHK-710S SYNERGY-CHK-710S Datasheet
45Kb / 2P
   MIXERS TRIPLE-BALANCED
CHK-7M3 SYNERGY-CHK-7M3 Datasheet
45Kb / 2P
   MIXERS TRIPLE-BALANCED
logo
United Monolithic Semic...
CHK015A-QIA UMS-CHK015A-QIA Datasheet
710Kb / 18P
   15W Power Packaged Transistor
More results

Similar Description - CHK8015-99F

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
PH0104-16 MACOM-PH0104-16 Datasheet
89Kb / 1P
   CW POWER TRANSISTOR, 16W, 30-400MHz
logo
Mitsubishi Electric Sem...
RD16HHF1 MITSUBISHI-RD16HHF1 Datasheet
282Kb / 8P
   Silicon MOSFET Power Transistor 30MHz,16W
RD16HHF1 MITSUBISHI-RD16HHF1_10 Datasheet
268Kb / 9P
   Silicon MOSFET Power Transistor 30MHz,16W
RD16HHF1 MITSUBISHI-RD16HHF1_11 Datasheet
590Kb / 9P
   RoHS Compliance, Silicon MOSFET Power Transistor 30MHz,16W
RD16HHF1 MITSUBISHI-RD16HHF1_08 Datasheet
314Kb / 8P
   RF POWER MOS FET Silicon MOSFET Power Transistor 30MHz,16W
logo
Power Integrations, Inc...
DER-51 POWERINT-DER-51 Datasheet
517Kb / 30P
   16W Power Supply using TOP243P
logo
Mean Well Enterprises C...
APC-16 MEANWELL-APC-16 Datasheet
187Kb / 2P
   16W Single Output Switching Power Supply
APC-16E MEANWELL-APC-16E Datasheet
75Kb / 3P
   16W Single Output Switching Power Supply
logo
Tyco Electronics
MAAP-000076-PKG001 MACOM-MAAP-000076-PKG001 Datasheet
189Kb / 5P
   Amplifier, Power, 16W 1.3-2.5 GHz
logo
Mean Well Enterprises C...
APC-16 MEANWELL-APC-16_12 Datasheet
775Kb / 2P
   16W Single Output Switching Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com