Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CHK8015-99F Datasheet(PDF) 4 Page - United Monolithic Semiconductors

Part # CHK8015-99F
Description  16W Power Transistor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHK8015-99F Datasheet(HTML) 4 Page - United Monolithic Semiconductors

  CHK8015-99F Datasheet HTML 1Page - United Monolithic Semiconductors CHK8015-99F Datasheet HTML 2Page - United Monolithic Semiconductors CHK8015-99F Datasheet HTML 3Page - United Monolithic Semiconductors CHK8015-99F Datasheet HTML 4Page - United Monolithic Semiconductors CHK8015-99F Datasheet HTML 5Page - United Monolithic Semiconductors CHK8015-99F Datasheet HTML 6Page - United Monolithic Semiconductors CHK8015-99F Datasheet HTML 7Page - United Monolithic Semiconductors CHK8015-99F Datasheet HTML 8Page - United Monolithic Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
CHK8015-99F
16W Power Transistor
Ref. : DSCHK80156315 - 10 Nov 16
4/8
Specifications subject to change without notice
Bât. Charmille - Parc SILIC - 10, Avenue du Québec - 91140 VILLEBON-SUR-YVETTE - France
Tel.: +33 (0) 1 69 86 32 00 - Fax: +33 (0) 1 69 86 34 34 - www.ums-gaas.com
Power Bar Description
The device is composed of 4 elementary 4W cells. These cells are connected
together with a specific network providing a good trade-off between performance and
stability (resistance between gates and drains as described on the schematic). The
reference plans are on the center of the bonding pads.
A multiport non-linear model is available on request.
4-cells Power Bar
G1
G2
D1
D2
G1
G2
D1
D2
G4
D3
D4
G3
G3
G4
D3
D4


Similar Part No. - CHK8015-99F

ManufacturerPart #DatasheetDescription
logo
SYNERGY MICROWAVE CORPO...
CHK-705S SYNERGY-CHK-705S Datasheet
45Kb / 2P
   MIXERS TRIPLE-BALANCED
CHK-706 SYNERGY-CHK-706 Datasheet
45Kb / 2P
   MIXERS TRIPLE-BALANCED
CHK-710S SYNERGY-CHK-710S Datasheet
45Kb / 2P
   MIXERS TRIPLE-BALANCED
CHK-7M3 SYNERGY-CHK-7M3 Datasheet
45Kb / 2P
   MIXERS TRIPLE-BALANCED
logo
United Monolithic Semic...
CHK015A-QIA UMS-CHK015A-QIA Datasheet
710Kb / 18P
   15W Power Packaged Transistor
More results

Similar Description - CHK8015-99F

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
PH0104-16 MACOM-PH0104-16 Datasheet
89Kb / 1P
   CW POWER TRANSISTOR, 16W, 30-400MHz
logo
Mitsubishi Electric Sem...
RD16HHF1 MITSUBISHI-RD16HHF1 Datasheet
282Kb / 8P
   Silicon MOSFET Power Transistor 30MHz,16W
RD16HHF1 MITSUBISHI-RD16HHF1_10 Datasheet
268Kb / 9P
   Silicon MOSFET Power Transistor 30MHz,16W
RD16HHF1 MITSUBISHI-RD16HHF1_11 Datasheet
590Kb / 9P
   RoHS Compliance, Silicon MOSFET Power Transistor 30MHz,16W
RD16HHF1 MITSUBISHI-RD16HHF1_08 Datasheet
314Kb / 8P
   RF POWER MOS FET Silicon MOSFET Power Transistor 30MHz,16W
logo
Power Integrations, Inc...
DER-51 POWERINT-DER-51 Datasheet
517Kb / 30P
   16W Power Supply using TOP243P
logo
Mean Well Enterprises C...
APC-16 MEANWELL-APC-16 Datasheet
187Kb / 2P
   16W Single Output Switching Power Supply
APC-16E MEANWELL-APC-16E Datasheet
75Kb / 3P
   16W Single Output Switching Power Supply
logo
Tyco Electronics
MAAP-000076-PKG001 MACOM-MAAP-000076-PKG001 Datasheet
189Kb / 5P
   Amplifier, Power, 16W 1.3-2.5 GHz
logo
Mean Well Enterprises C...
APC-16 MEANWELL-APC-16_12 Datasheet
775Kb / 2P
   16W Single Output Switching Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com