Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CHK015A-QIA Datasheet(PDF) 8 Page - United Monolithic Semiconductors

Part # CHK015A-QIA
Description  15W Power Packaged Transistor
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHK015A-QIA Datasheet(HTML) 8 Page - United Monolithic Semiconductors

Back Button CHK015A-QIA Datasheet HTML 4Page - United Monolithic Semiconductors CHK015A-QIA Datasheet HTML 5Page - United Monolithic Semiconductors CHK015A-QIA Datasheet HTML 6Page - United Monolithic Semiconductors CHK015A-QIA Datasheet HTML 7Page - United Monolithic Semiconductors CHK015A-QIA Datasheet HTML 8Page - United Monolithic Semiconductors CHK015A-QIA Datasheet HTML 9Page - United Monolithic Semiconductors CHK015A-QIA Datasheet HTML 10Page - United Monolithic Semiconductors CHK015A-QIA Datasheet HTML 11Page - United Monolithic Semiconductors CHK015A-QIA Datasheet HTML 12Page - United Monolithic Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
CHK015A-QIA
15W Power Packaged Transistor
Ref. : DSCHK015A-QIA5357 - 23 Dec 15
8/18
Specifications subject to change without notice
Bât. Charmille - Parc SILIC - 10, Avenue du Québec - 91140 VILLEBON-SUR-YVETTE - France
Tel.: +33 (0) 1 69 86 32 00 - Fax: +33 (0) 1 69 86 34 34 - www.ums-gaas.com
Typical Performance on Evaluation Board (ref 61502522)
Calibration and measurements are done on the connector access planes of the evaluation
boards.
Tamb. = +25°C. Pulsed Mode
(1). V
DS=50V. ID_Q=100mA
Pout. PAE. Gain & ID @ Pin=30dBm
(1) Input RF and gate voltage are pulsed. Conditions are 100µs width. 10% duty cycle and 1µs
offset between DC and RF pulse.
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
10
15
20
25
30
35
40
45
50
55
2.5
2.6
2.7
2.8
2.9
3
3.1
3.2
3.3
3.4
3.5
Frequency (GHz)
Gain
ID
Pout
PAE


Similar Part No. - CHK015A-QIA

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHK015A-SMA UMS-CHK015A-SMA Datasheet
410Kb / 12P
   15W Power Packaged Transistor
CHK015A-SMA26 UMS-CHK015A-SMA26 Datasheet
410Kb / 12P
   15W Power Packaged Transistor
More results

Similar Description - CHK015A-QIA

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHK015A-SMA UMS-CHK015A-SMA Datasheet
410Kb / 12P
   15W Power Packaged Transistor
CHK025A-SOA UMS-CHK025A-SOA Datasheet
581Kb / 14P
   25W Power Packaged Transistor
CHK080A-SRA UMS-CHK080A-SRA Datasheet
577Kb / 14P
   80W Power Packaged Transistor
CHK040A-SOA UMS-CHK040A-SOA Datasheet
405Kb / 14P
   40W Power Packaged Transistor
logo
Mospec Semiconductor
2SC5706 MOSPEC-2SC5706 Datasheet
45Kb / 2P
   POWER TRANSISTOR(5A,50V,15W)
logo
Mitsubishi Electric Sem...
RD15HVF1 MITSUBISHI-RD15HVF1 Datasheet
406Kb / 9P
   Silicon MOSFET Power Transistor, 175MHz520MHz,15W
RD15HVF1 MITSUBISHI-RD15HVF1_10 Datasheet
334Kb / 10P
   Silicon MOSFET Power Transistor, 175MHz520MHz,15W
logo
M/A-COM Technology Solu...
PH0810-15 MA-COM-PH0810-15 Datasheet
92Kb / 2P
   Wireless Power Transistor 15W, 850-960MHz, 26V
logo
MicroPower Direct, LLC
MPM-15SV MPD-MPM-15SV Datasheet
810Kb / 4P
   15W Output Power
logo
Mitsubishi Electric Sem...
RD15HVF1 MITSUBISHI-RD15HVF1_11 Datasheet
531Kb / 10P
   RoHS Compliance, Silicon MOSFET Power Transistor, 175MHz520MHz,15W
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com