Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CHA6194-QXG Datasheet(PDF) 10 Page - United Monolithic Semiconductors

Part # CHA6194-QXG
Description  37- 40GHz Power Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHA6194-QXG Datasheet(HTML) 10 Page - United Monolithic Semiconductors

Back Button CHA6194-QXG Datasheet HTML 6Page - United Monolithic Semiconductors CHA6194-QXG Datasheet HTML 7Page - United Monolithic Semiconductors CHA6194-QXG Datasheet HTML 8Page - United Monolithic Semiconductors CHA6194-QXG Datasheet HTML 9Page - United Monolithic Semiconductors CHA6194-QXG Datasheet HTML 10Page - United Monolithic Semiconductors CHA6194-QXG Datasheet HTML 11Page - United Monolithic Semiconductors CHA6194-QXG Datasheet HTML 12Page - United Monolithic Semiconductors CHA6194-QXG Datasheet HTML 13Page - United Monolithic Semiconductors CHA6194-QXG Datasheet HTML 14Page - United Monolithic Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
CHA6194-QXG
37- 40GHz Power Amplifier
Ref. : DSCHA6194-QXG6130 - 09 May 16
10/16
Specifications subject to change without notice
Bât. Charmille - Parc SILIC - 10, Avenue du Québec - 91140 VILLEBON-SUR-YVETTE - France
Tel.: +33 (0) 1 69 86 32 00 - Fax: +33 (0) 1 69 86 34 34 - www.ums-gaas.com
Typical Board Measurements
Tamb.= +25°C, Vd = +6.0V, Id = 800mA
Power Detector versus Output power
Gain variation with temperature
0.01
0.1
1
10
0
5
10
15
20
25
30
Output power (dBm)
37GHz
38GHz
39GHz
40GHz
10
12
14
16
18
20
22
24
26
28
30
34
35
36
37
38
39
40
41
42
Frequency (GHz)
-40 C
25 C
85 C


Similar Part No. - CHA6194-QXG

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHA6105 UMS-CHA6105 Datasheet
228Kb / 8P
   8-12GHz Driver Amplifier
CHA6105 UMS-CHA6105 Datasheet
239Kb / 8P
   8-12GHz Driver Amplifier
CHA6105-99F UMS-CHA6105-99F Datasheet
228Kb / 8P
   8-12GHz Driver Amplifier
CHA6105-99F00 UMS-CHA6105-99F00 Datasheet
228Kb / 8P
   8-12GHz Driver Amplifier
CHA6105 UMS-CHA6105_15 Datasheet
239Kb / 8P
   8-12GHz Driver Amplifier
More results

Similar Description - CHA6194-QXG

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHA5292A UMS-CHA5292A Datasheet
130Kb / 6P
   37-40GHz Medium Power Amplifier
CHA5297 UMS-CHA5297 Datasheet
103Kb / 4P
   37-40GHz High Power Amplifier
CHR3694-QDG UMS-CHR3694-QDG Datasheet
363Kb / 18P
   37-40GHz Integrated Down converter 37-40GHz Integrated Down converter
MFC-PO13811-QDG UMS-MFC-PO13811-QDG Datasheet
461Kb / 10P
   37-40GHz Down converter
CHR3894-98F UMS-CHR3894-98F_15 Datasheet
530Kb / 12P
   37-40GHz Integrated Down Converter
CHR3394-QEG UMS-CHR3394-QEG_15 Datasheet
450Kb / 14P
   37-40GHz Integrated Down Converter
CHR3894-98F UMS-CHR3894-98F Datasheet
518Kb / 12P
   37-40GHz Integrated Down Converter
CHR3894-QEG UMS-CHR3894-QEG Datasheet
378Kb / 14P
   37-40GHz Integrated Down Converter
MFC-PO13811 UMS-MFC-PO13811 Datasheet
186Kb / 4P
   37-40GHz Integrated Down converter
CHR3694-QDG UMS-CHR3694-QDG_11 Datasheet
538Kb / 18P
   37-40GHz Integrated Down converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com