Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CHA3397-QDG Datasheet(PDF) 2 Page - United Monolithic Semiconductors

Part # CHA3397-QDG
Description  36-40.5GHz Medium Power Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHA3397-QDG Datasheet(HTML) 2 Page - United Monolithic Semiconductors

  CHA3397-QDG Datasheet HTML 1Page - United Monolithic Semiconductors CHA3397-QDG Datasheet HTML 2Page - United Monolithic Semiconductors CHA3397-QDG Datasheet HTML 3Page - United Monolithic Semiconductors CHA3397-QDG Datasheet HTML 4Page - United Monolithic Semiconductors CHA3397-QDG Datasheet HTML 5Page - United Monolithic Semiconductors CHA3397-QDG Datasheet HTML 6Page - United Monolithic Semiconductors CHA3397-QDG Datasheet HTML 7Page - United Monolithic Semiconductors CHA3397-QDG Datasheet HTML 8Page - United Monolithic Semiconductors CHA3397-QDG Datasheet HTML 9Page - United Monolithic Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
CHA3397-QDG
36-40.5GHz Medium Power Amplifier
Ref. :DSCHA3397QDG6113 - 22 Apr 16
2/16
Specifications subject to change without notice
Bât. Charmille - Parc SILIC - 10, Avenue du Québec - 91140 VILLEBON-SUR-YVETTE - France
Tel.: +33 (0) 1 69 86 32 00 - Fax: +33 (0) 1 69 86 34 34
Electrical Characteristics
Tamb.= +25°C, Vd = +4.0V
Symbol
Parameter
Min
Typ
Max
Unit
Freq
Frequency range
36.0
40.5
GHz
Gain
Linear Gain
21
dB
ΔG
Gain variation in temperature
0.03
dB/°C
GCTRL
Gain control range
15
dB
OTOI
3
rd order Intercept point
29
dBm
P-1dB
Output power @ 1dB
18
dBm
Psat
Saturated Output Power
20
dBm
RLin
Input Return Loss at max. gain
12
dB
RLout
Output Return Loss at min. gain
12
dB
NF
Noise figure
7
dB
Id
Quiescent Drain current
200
mA
Vg
Gate voltage
-0.4
V
These values are representative of onboard measurements as defined on the drawing in
paragraph "Evaluation mother board".


Similar Part No. - CHA3397-QDG

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHA3395-QDG UMS-CHA3395-QDG Datasheet
726Kb / 16P
   21-29.5GHz Medium Power Amplifier
CHA3395-QDG UMS-CHA3395-QDG_15 Datasheet
726Kb / 16P
   21-29.5GHz Medium Power Amplifier
CHA3396-QDG UMS-CHA3396-QDG Datasheet
523Kb / 16P
   27-33.5GHz Medium Power Amplifier
CHA3396-QDG UMS-CHA3396-QDG_15 Datasheet
523Kb / 16P
   27-33.5GHz Medium Power Amplifier
More results

Similar Description - CHA3397-QDG

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
2SA1979U KODENSHI-2SA1979U Datasheet
277Kb / 4P
   Medium power amplifier
2SC5342U KODENSHI-2SC5342U Datasheet
194Kb / 4P
   Medium power amplifier
logo
BOWEI Integrated Circui...
HE167 BOWEI-HE167 Datasheet
61Kb / 1P
   Medium Power Amplifier
HE584 BOWEI-HE584 Datasheet
130Kb / 1P
   Medium Power Amplifier
HE641D BOWEI-HE641D Datasheet
94Kb / 1P
   Medium Power Amplifier
HE642 BOWEI-HE642 Datasheet
246Kb / 1P
   Medium Power Amplifier
logo
KODENSHI_AUK CORP.
2SC5342UF KODENSHI-2SC5342UF Datasheet
217Kb / 4P
   Medium power amplifier
logo
OKI electronic componet...
KGF1262 OKI-KGF1262 Datasheet
141Kb / 10P
   Medium-Power Amplifier
logo
BOWEI Integrated Circui...
HE080 BOWEI-HE080 Datasheet
113Kb / 1P
   Medium Power Amplifier
HE572L BOWEI-HE572L Datasheet
106Kb / 1P
   Medium Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com