Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NB100LVEP91 Datasheet(PDF) 1 Page - ON Semiconductor

Part # NB100LVEP91
Description  2.5 V/3.3 V Any Level Positive Input to -2.5 V/-3.3 V LVNECL Output Translator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NB100LVEP91 Datasheet(HTML) 1 Page - ON Semiconductor

  NB100LVEP91_16 Datasheet HTML 1Page - ON Semiconductor NB100LVEP91_16 Datasheet HTML 2Page - ON Semiconductor NB100LVEP91_16 Datasheet HTML 3Page - ON Semiconductor NB100LVEP91_16 Datasheet HTML 4Page - ON Semiconductor NB100LVEP91_16 Datasheet HTML 5Page - ON Semiconductor NB100LVEP91_16 Datasheet HTML 6Page - ON Semiconductor NB100LVEP91_16 Datasheet HTML 7Page - ON Semiconductor NB100LVEP91_16 Datasheet HTML 8Page - ON Semiconductor NB100LVEP91_16 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
© Semiconductor Components Industries, LLC, 2016
August, 2016 − Rev. 19
1
Publication Order Number:
NB100LVEP91/D
NB100LVEP91
2.5 V/3.3 V Any Level
Positive Input to
-2.5 V/-3.3 V LVNECL
Output Translator
Description
The NB100LVEP91 is a triple any level positive input to NECL
output translator. The device accepts LVPECL, LVTTL, LVCMOS,
HSTL, CML or LVDS signals, and translates them to differential
LVNECL output signals (−2.5 V / −3.3 V).
To accomplish the level translation the LVEP91 requires three
power rails. The VCC pins should be connected to the positive power
supply, and the VEE pin should be connected to the negative power
supply. The GND pins are connected to the system ground plane. Both
VEE and VCC should be bypassed to ground via 0.01 mF capacitors.
Under open input conditions, the D input will be biased at VCC/2
and the D input will be pulled to GND. These conditions will force the
Q outputs to a low state, and Q outputs to a high state, which will
ensure stability.
The VBB pin, an internally generated voltage supply, is available to
this device only. For single-ended input conditions, the unused
differential input is connected to VBB as a switching reference voltage.
VBB may also rebias AC coupled inputs. When used, decouple VBB
and VCC via a 0.01 mF capacitor and limit current sourcing or sinking
to 0.5 mA. When not used, VBB should be left open.
Features
Maximum Input Clock Frequency > 2.0 GHz Typical
Maximum Input Data Rate > 2.0 Gb/s Typical
500 ps Typical Propagation Delay
Operating Range:
VCC = 2.375 V to 3.8 V; VEE = −2.375 V to −3.8 V; GND = 0 V
Q Output will Default LOW with Inputs Open or at GND
These Devices are Pb-Free, Halogen Free and are RoHS Compliant
MARKING DIAGRAMS*
SOIC−20 WB
DW SUFFIX
CASE 751D−05
1
20
A
= Assembly Location
WL, L
= Wafer Lot
YY, Y
= Year
WW, W = Work Week
G or G = Pb-Free Package
N100
VP91
ALYWG
G
1
24
QFN−24
MN SUFFIX
CASE 485L−01
24
1
20
1
NB100LVEP91
AWLYYWWG
www.onsemi.com
(Note: Microdot may be in either location)
*For additional marking information, refer to
Application Note AND8002/D.
ORDERING INFORMATION
Device
Package
Shipping
MB100LVEP91DWG
SOIC−20 WB
(Pb-Free)
38 Units/Tube
MB100LVEP91DWR2G SOIC−20 WB
(Pb-Free)
1000/Tape & Reel
QFN−24
(Pb-Free)
MB100LVEP91MNR2G
3000/Tape & Reel
QFN−24
(Pb-Free)
MB100LVEP91MNG
92 Units/Tube
†For information on tape and reel specifications, in-
cluding part orientation and tape sizes, please refer
to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.


Similar Part No. - NB100LVEP91_16

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB100LVEP91DW ONSEMI-NB100LVEP91DW Datasheet
76Kb / 8P
   2.5V / 3.3V Any Level Positive Input to -2.5V -3.3V / -5V NECL Output Translator
January, 2003 - Rev. 2
NB100LVEP91DW ONSEMI-NB100LVEP91DW Datasheet
145Kb / 10P
   2.5 V/3.3 V Any Level Positive Input to ??.5 V/??.3 V LVNECL Output Translator
November, 2006 ??Rev. 13
NB100LVEP91DWG ONSEMI-NB100LVEP91DWG Datasheet
145Kb / 10P
   2.5 V/3.3 V Any Level Positive Input to ??.5 V/??.3 V LVNECL Output Translator
November, 2006 ??Rev. 13
NB100LVEP91DWR2 ONSEMI-NB100LVEP91DWR2 Datasheet
76Kb / 8P
   2.5V / 3.3V Any Level Positive Input to -2.5V -3.3V / -5V NECL Output Translator
January, 2003 - Rev. 2
NB100LVEP91DWR2 ONSEMI-NB100LVEP91DWR2 Datasheet
145Kb / 10P
   2.5 V/3.3 V Any Level Positive Input to ??.5 V/??.3 V LVNECL Output Translator
November, 2006 ??Rev. 13
More results

Similar Description - NB100LVEP91_16

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB100LVEP91 ONSEMI-NB100LVEP91_06 Datasheet
145Kb / 10P
   2.5 V/3.3 V Any Level Positive Input to ??.5 V/??.3 V LVNECL Output Translator
November, 2006 ??Rev. 13
MC100EP91 ONSEMI-MC100EP91 Datasheet
168Kb / 10P
   2.5 V/3.3 V Any Level Positive Input to -3.3 V/-5.5 V NECL Output Translator
August, 2006 ??Rev. 1
MC100LVEL91 ONSEMI-MC100LVEL91_16 Datasheet
146Kb / 6P
   3.3 V Triple LVPECL Input to -3.3 V to -5.0 V ECL Output Translator
July, 2016 ??Rev. 12
logo
Texas Instruments
SN74AUP1T32 TI-SN74AUP1T32 Datasheet
167Kb / 11P
[Old version datasheet]   LOW POWER, 1.8/2.5/3.3-V INPUT,3.3-V CMOS OUTPUT, 2-INPUT POSITIVE-OR GATE
logo
ON Semiconductor
NB6L11 ONSEMI-NB6L11_06 Datasheet
212Kb / 12P
   2.5 V/3.3 V Multilevel Input to Differential LVPECL/LVNECL 1:2 Clock or Data Fanout Buffer/Translator
November, 2006 ??Rev. 6
logo
Analog Devices
ADG3242 AD-ADG3242_15 Datasheet
680Kb / 16P
   2.5 V/3.3 V, 2-Bit Common Control Level Translator Bus Switch
REV. A
ADG3242 AD-ADG3242 Datasheet
247Kb / 12P
   2.5 V/3.3 V, 2-Bit, Common Control Level Translator Bus Switch
REV. 0
ADG3243 AD-ADG3243 Datasheet
187Kb / 12P
   2.5 V/3.3 V, 2-Bit, Individual Control Level Translator Bus Switch
REV. 0
logo
Texas Instruments
SN74AUP1T00 TI-SN74AUP1T00 Datasheet
164Kb / 11P
[Old version datasheet]   LOW POWER, 1.8/2.5/3.3-V INPUT, 3.3-V CMOS OUTPUT, SINGLE 2-INPUT POSITIVE-NAND GATE
SN74AUP1T02 TI-SN74AUP1T02 Datasheet
164Kb / 11P
[Old version datasheet]   LOW POWER, 1.8/2.5/3.3-V INPUT, 3.3-V CMOS OUTPUT,SINGLE 2-INPUT POSITIVE-NOR GATE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com