Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NB100ELT23LDTG Datasheet(PDF) 2 Page - ON Semiconductor

Part # NB100ELT23LDTG
Description  3.3V Dual Differential LVPECL/LVDS to LVTTL Translator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NB100ELT23LDTG Datasheet(HTML) 2 Page - ON Semiconductor

  NB100ELT23LDTG Datasheet HTML 1Page - ON Semiconductor NB100ELT23LDTG Datasheet HTML 2Page - ON Semiconductor NB100ELT23LDTG Datasheet HTML 3Page - ON Semiconductor NB100ELT23LDTG Datasheet HTML 4Page - ON Semiconductor NB100ELT23LDTG Datasheet HTML 5Page - ON Semiconductor NB100ELT23LDTG Datasheet HTML 6Page - ON Semiconductor NB100ELT23LDTG Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
NB100ELT23L
www.onsemi.com
2
1
2
3
45
6
7
8
Q0
GND
VCC
Figure 1. 8−Lead Pinout (Top View) and
Logic Diagram
D0
Q1
D1
D1
D0
LVPECL
LVTTL
Table 1. PIN DESCRIPTION
PIN
FUNCTION
Q0, Q1
LVTTL Outputs
D0*, D1*
D0**, D1**
Differential LVPECL Inputs
VCC
Positive Supply
GND
Ground
*Pins will default to VCC/2 when left open. If connected to a
common termination voltage under no signal conditions, then the
device will be susceptible to self−oscillation.
**Pins will default to 2/3 VCC when left open. If connected to a
common termination voltage under no signal conditions, then the
device will be susceptible to self−oscillation. See AND8020,
Section 6 for options.
Table 2. ATTRIBUTES
Characteristics
Value
Internal Input Pulldown Resistor
D
D
50 k
W
75 k
W
Internal Input Pullup Resistor
50 k
W
ESD Protection
Human Body Model
Machine Model
Charged Device Model
> 1.5 kV
> 100 V
> 2 kV
Moisture Sensitivity, Indefinite Time Out of Drypack (Note 1)
Pb−Free Pkg
SO−8
TSSOP−8
Level 1
Level 3
Flammability Rating
Oxygen Index: 28 to 34
UL 94 V−0 @ 1.25 in
Transistor Count
91 Devices
Meets or exceeds JEDEC Spec EIA/JESD78 IC Latchup Test
1. For additional information, see Application Note AND8003/D.


Similar Part No. - NB100ELT23LDTG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB100ELT23LDTG ONSEMI-NB100ELT23LDTG Datasheet
62Kb / 6P
   3.3V Dual Differential LVPECL/LVDS to LVTTL Translator
February, 2005 ??Rev. 4
NB100ELT23LDTG ONSEMI-NB100ELT23LDTG Datasheet
84Kb / 8P
   3.3V Dual Differential LVPECL/LVDS to LVTTL Translator
March, 2007 ??Rev. 8
More results

Similar Description - NB100ELT23LDTG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB100ELT23L ONSEMI-NB100ELT23L_07 Datasheet
84Kb / 8P
   3.3V Dual Differential LVPECL/LVDS to LVTTL Translator
March, 2007 ??Rev. 8
NB100ELT23L ONSEMI-NB100ELT23L Datasheet
62Kb / 6P
   3.3V Dual Differential LVPECL/LVDS to LVTTL Translator
February, 2005 ??Rev. 4
logo
Renesas Technology Corp
MC100ES60T23 RENESAS-MC100ES60T23 Datasheet
628Kb / 9P
   3.3V Dual Differential LVPECL to LVTTL Translator
2019
logo
ON Semiconductor
MC100EPT23 ONSEMI-MC100EPT23_06 Datasheet
85Kb / 8P
   3.3V Dual Differential LVPECL/LVDS/CML to LVTTL/LVCMOS Translator
December, 2006 ??Rev. 15
logo
Micrel Semiconductor
SY89323L MICREL-SY89323L_06 Datasheet
461Kb / 5P
   3.3V DUAL DIFFERENTIAL LVPECL-TO-LVTTL TRANSLATOR
SY10ELT23L MICREL-SY10ELT23L Datasheet
51Kb / 4P
   3.3V DUAL DIFFERENTIAL LVPECL-to-LVTTL TRANSLATOR
SY100EPT23L MICREL-SY100EPT23L_05 Datasheet
111Kb / 6P
   3.3V DUAL DIFFERENTIAL LVPECL-to-LVTTL TRANSLATOR
SY100EPT23L MICREL-SY100EPT23L Datasheet
74Kb / 8P
   3.3V DUAL DIFFERENTIAL LVPECL-to-LVTTL TRANSLATOR
SY10ELT23L MICREL-SY10ELT23L_06 Datasheet
58Kb / 5P
   3.3V, DUAL DIFFERENTIAL LVPECL-TO-LVTTL TRANSLATOR
SY89223L MICREL-SY89223L Datasheet
41Kb / 5P
   3.3V DUAL DIFFERENTIAL LVPECL-to-LVTTL TRANSLATOR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com