Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NB6N239S Datasheet(PDF) 2 Page - ON Semiconductor

Part # NB6N239S
Description  3.3 V, 3.0 GHz Any Differential Clock IN to LVDS OUT Clock Divider
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NB6N239S Datasheet(HTML) 2 Page - ON Semiconductor

  NB6N239S_13 Datasheet HTML 1Page - ON Semiconductor NB6N239S_13 Datasheet HTML 2Page - ON Semiconductor NB6N239S_13 Datasheet HTML 3Page - ON Semiconductor NB6N239S_13 Datasheet HTML 4Page - ON Semiconductor NB6N239S_13 Datasheet HTML 5Page - ON Semiconductor NB6N239S_13 Datasheet HTML 6Page - ON Semiconductor NB6N239S_13 Datasheet HTML 7Page - ON Semiconductor NB6N239S_13 Datasheet HTML 8Page - ON Semiconductor NB6N239S_13 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
NB6N239S
http://onsemi.com
2
SELA0
Figure 2. Pinout: QFN−16 (Top View)
CLK
CLK
VBBAC
VT
EN
QA
QB
SELB1
QA
GND
QB
1
2
3
4
5
678
9
10
11
12
13
14
15
16
VCC
SELA1
SELB0
NB6N239S
MR
Exposed Pad (EP)
Table 1. PIN DESCRIPTION
Pin
Name
I/O
Description
1
VT
Internal 100 W Center−Tapped Termination Pin for CLK and CLK.
2
CLK
LVDS, LVPECL, CML,
HCSL, HSTL Input
Noninverted Differential CLOCK Input.
3
CLK
LVDS, LVPECL, CML,
HCSL, HSTL Input
Inverted Differential CLOCK Input.
4
VBBAC
Output Voltage Reference for Capacitor Coupled Inputs, only.
5
EN*
LVCMOS/LVTTL Input
Synchronous Output Enable
6
SELB0*
LVCMOS/LVTTL Input
Clock Divide Select Pin
7
SELB1*
LVCMOS/LVTTL Input
Clock Divide Select Pin
8
GND
Power Supply
Negative Supply Voltage
9
QB
LVDS Output
Inverted Differential Output. Typically terminated with 100 W across differential outputs.
10
QB
LVDS Output
Noninverted Differential Output. Typically terminated with 100 W across differential
outputs.
11
QA
LVDS Output
Inverted Differential Output. Typically terminated with 100 W across differential outputs.
12
QA
LVDS Output
Noninverted Differential Output. Typically terminated with 100 W across differential out-
puts.
13
VCC
Power Supply
Positive Supply Voltage.
14
SELA1*
LVCMOS/LVTTL Input
Clock Divide Select Pin
15
SELA0*
LVCMOS/LVTTL Input
Clock Divide Select Pin
16
MR**
LVCMOS/LVTTL Input
Master Reset Asynchronous, Default Open High, Asserted LOW
EP
Power Supply (OPT)
The Exposed Pad on the QFN−16 package bottom is thermally connected to the die for
improved heat transfer out of package. The pad is electrically connected to the die, and
is recommended to be electrically and thermally connected to GND on the PC board.
*Pins will default LOW when left OPEN.
**Pins will default HIGH when left OPEN.


Similar Part No. - NB6N239S_13

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB6N239SMN ONSEMI-NB6N239SMN Datasheet
175Kb / 12P
   3.3 V, 3.0 GHz Any Differential Clock IN to LVDS OUT 첨1/2/4/8, 첨2/4/8/16 Clock Divider
July, 2006 ??Rev. 3
NB6N239SMNEVB ONSEMI-NB6N239SMNEVB Datasheet
147Kb / 12P
   3.3 V, 3.0 GHz Any Differential Clock IN to LVDS OUT 첨1/2/4/8, 첨2/4/8/16 Clock Divider
January, 2013 ??Rev. 6
NB6N239SMNG ONSEMI-NB6N239SMNG Datasheet
175Kb / 12P
   3.3 V, 3.0 GHz Any Differential Clock IN to LVDS OUT 첨1/2/4/8, 첨2/4/8/16 Clock Divider
July, 2006 ??Rev. 3
NB6N239SMNR2 ONSEMI-NB6N239SMNR2 Datasheet
175Kb / 12P
   3.3 V, 3.0 GHz Any Differential Clock IN to LVDS OUT 첨1/2/4/8, 첨2/4/8/16 Clock Divider
July, 2006 ??Rev. 3
NB6N239SMNR2G ONSEMI-NB6N239SMNR2G Datasheet
175Kb / 12P
   3.3 V, 3.0 GHz Any Differential Clock IN to LVDS OUT 첨1/2/4/8, 첨2/4/8/16 Clock Divider
July, 2006 ??Rev. 3
More results

Similar Description - NB6N239S_13

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB6N239SMNEVB ONSEMI-NB6N239SMNEVB Datasheet
147Kb / 12P
   3.3 V, 3.0 GHz Any Differential Clock IN to LVDS OUT 첨1/2/4/8, 첨2/4/8/16 Clock Divider
January, 2013 ??Rev. 6
NB6N239S ONSEMI-NB6N239S Datasheet
175Kb / 12P
   3.3 V, 3.0 GHz Any Differential Clock IN to LVDS OUT 첨1/2/4/8, 첨2/4/8/16 Clock Divider
July, 2006 ??Rev. 3
NB6L239 ONSEMI-NB6L239 Datasheet
94Kb / 12P
   2.5 V / 3.3 V Any Differential Clock IN to Differential LVPECL OUT 첨1/2/4/8, 첨2/4/8/16 Clock Divider
April, 2004 ??Rev. 0
NB6L239 ONSEMI-NB6L239_13 Datasheet
147Kb / 12P
   2.5V / 3.3V Any Differential Clock IN to Differential LVPECL OUT
January, 2013 ??Rev. 6
NB6L239 ONSEMI-NB6L239_06 Datasheet
104Kb / 13P
   2.5V / 3.3V Any Differential Clock IN to Differential LVPECL OUT /1/2/4/8, /2/4/8/16 Clock Divider
December, 2006 ??Rev. 5
NB4L339 ONSEMI-NB4L339_07 Datasheet
176Kb / 12P
   2.5 V / 3.3 V Differential 2:1 Clock IN to Differential LVPECL Clock Generator / Divider / Fan?뭀ut Buffer
January, 2007 ??Rev. P2
NB4L339 ONSEMI-NB4L339_12 Datasheet
144Kb / 12P
   2.5 V / 3.3 V Differential 2:1 Clock IN to Differential LVPECL Clock Generator
September, 2012 ??Rev. 3
logo
Renesas Technology Corp
8T74S208C-01 RENESAS-8T74S208C-01 Datasheet
666Kb / 21P
   2.5 V Differential LVDS Clock Divider and Fanout Buffer
August 22, 2016
logo
Integrated Device Techn...
8T74S208C-01 IDT-8T74S208C-01 Datasheet
469Kb / 20P
   2.5 V Differential LVDS Clock Divider and Fanout Buffer
logo
Micrel Semiconductor
SY89871U MICREL-SY89871U_07 Datasheet
163Kb / 10P
   2.5GHz ANY DIFF. IN-TO-LVPECL PROGRAMMABLE CLOCK DIVIDER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com