Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NB6L72MNG Datasheet(PDF) 3 Page - ON Semiconductor

Part # NB6L72MNG
Description  2.5V / 3.3V Differential 2 X 2 Crosspoint Switch with LVPECL Outputs
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NB6L72MNG Datasheet(HTML) 3 Page - ON Semiconductor

  NB6L72MNG Datasheet HTML 1Page - ON Semiconductor NB6L72MNG Datasheet HTML 2Page - ON Semiconductor NB6L72MNG Datasheet HTML 3Page - ON Semiconductor NB6L72MNG Datasheet HTML 4Page - ON Semiconductor NB6L72MNG Datasheet HTML 5Page - ON Semiconductor NB6L72MNG Datasheet HTML 6Page - ON Semiconductor NB6L72MNG Datasheet HTML 7Page - ON Semiconductor NB6L72MNG Datasheet HTML 8Page - ON Semiconductor NB6L72MNG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
NB6L72
http://onsemi.com
3
VTD1
D1
D1
SEL1
GND
Q0
Q0
VCC
VCC
Q1
Q1
GND
SEL0
D0
D0
VTD0
5
678
16
15
14
13
12
11
10
9
1
2
3
4
NB6L72
Exposed Pad (EP)
Figure 2. Pin Configuration (Top View)
Table 1. INPUT/OUTPUT SELECT TRUTH TABLE
SEL0*
SEL1*
Q0
Q1
L
L
D0
D0
H
L
D1
D0
L
H
D0
D1
H
H
D1
D1
*Defaults HIGH when left open
Table 2. PIN DESCRIPTION
Pin
Name
I/O
Description
1
SEL0
LVTTL, LVCMOS
Input
Select Logic Input control that selects D0 or D1 to output Q0. See Table 1, Select Input
Function Table. Pin defaults HIGH when left open
2
D0
LVPECL, CML,
LVDS, LVTTL,
LVCMOS, Input
Noninverted Differential Input. Note 1.
3
D0
LVPECL, CML,
LVDS, LVTTL,
LVCMOS, Input
Inverted Differential Input. Note 1.
4
VTD0
-
Internal 50
W Termination Pin. Note 1.
5
VTD1
-
Internal 50
W termination pin. Note 1.
6
D1
LVPECL, CML,
LVDS, LVTTL,
LVCMOS, Input
Noninverted Differential Input. Note 1.
7
D1
LVPECL, CML,
LVDS, LVTTL,
LVCMOS, Input
Inverted Differential Input. Note 1.
8
SEL1
LVTTL,LVCMOS
Input
Select Logic Input control that selects D0 or D1 to output Q1. See Table 1, Select Input
Function Table. Pin defaults HIGH when left open
9
GND
-
Negative Supply Voltage
10
Q1
LVPECL Output
Inverted Differential Output. Typically Terminated with 50
W Resistor to VCC - 2.0 V.
11
Q1
LVPECL Output
Noninverted Differential Output. Typically Terminated with 50
W Resistor to VCC - 2.0 V.
12
VCC
-
Positive Supply Voltage
13
VCC
-
Positive Supply Voltage
14
Q0
LVPECL Output
Inverted Differential Reset Input. Typically Terminated with 50
W Resistor to VCC - 2.0 V.
15
Q0
LVPECL Output
Noninverted Differential Reset Input. Typically Terminated with 50
W Resistor to VCC - 2.0 V.
16
GND
-
Negative Supply Voltage
-
EP
-
The Exposed Pad (EP) on the QFN-16 package bottom is thermally connected to the die for
improved heat transfer out of package. The exposed pad must be attached to a heat-sinking
conduit. The pad is not electrically connected to the die, but is recommended to be
electrically and thermally connected to GND on the PC board.
1. In the differential configuration when the input termination pin (VTDn, VTDn) are connected to a common termination voltage or left open,
and if no signal is applied on Dn/Dn input, then the device will be susceptible to self-oscillation.
2. All VCC and GND pins must be externally connected to a power supply for proper operation.


Similar Part No. - NB6L72MNG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB6L72MNG ONSEMI-NB6L72MNG Datasheet
149Kb / 10P
   2.5V / 3.3V Differential 2 X 2 Crosspoint Switch with LVPECL Outputs
December, 2006 ??Rev. 0
More results

Similar Description - NB6L72MNG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB6L72 ONSEMI-NB6L72 Datasheet
149Kb / 10P
   2.5V / 3.3V Differential 2 X 2 Crosspoint Switch with LVPECL Outputs
December, 2006 ??Rev. 0
NB6L72M ONSEMI-NB6L72M Datasheet
149Kb / 10P
   2.5V / 3.3V Differential 2 X 2 Crosspoint Switch with CML Outputs
December, 2006 ??Rev. 0
NB6L72M ONSEMI-NB6L72M_07 Datasheet
149Kb / 10P
   2.5V / 3.3V Differential 2 X 2 Crosspoint Switch with CML Outputs
January, 2007 ??Rev. 1
NBSG72A ONSEMI-NBSG72A Datasheet
140Kb / 16P
   2.5V/3.3V SiGe Differential 2 X 2 Crosspoint Switch with Output Level Select
October, 2004 ??Rev. 2
NBSG72A ONSEMI-NBSG72A_06 Datasheet
671Kb / 14P
   2.5V/3.3V SiGe Differential 2 x 2 Crosspoint Switch with Output Level Select
November, 2006 ??Rev. 5
NB7V72M ONSEMI-NB7V72M Datasheet
161Kb / 8P
   1.8V / 2.5V Differential 2 x 2 Crosspoint Switch with CML Outputs Clock/Data Buffer/Translator
October, 2009 ??Rev. 1
NB7L72M ONSEMI-NB7L72M_17 Datasheet
90Kb / 8P
   Differential 2 x 2 Crosspoint Switch with CML Outputs Clock/Data Buffer/Translator
January, 2017 ??Rev. 4
logo
Renesas Technology Corp
853S202 RENESAS-853S202 Datasheet
1Mb / 23P
   12:2, Differential-to-3.3V, 2.5V LVPECL Multiplexer
July 23, 2018
logo
ON Semiconductor
NB4N840M ONSEMI-NB4N840M_14 Datasheet
107Kb / 9P
   3.3V 3.2Gb/s Dual Differential Clock/Data 2 x 2 Crosspoint Switch
August, 2014 ??Rev. 5
logo
Micrel Semiconductor
SY55858U MICREL-SY55858U Datasheet
73Kb / 8P
   2.5V/3.3V 3.0GHZ DUAL 2 x 2 CML CROSSPOINT SWITCH W/INTERNAL TERMINATION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com