Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NB4N507ADR2G Datasheet(PDF) 5 Page - ON Semiconductor

Part # NB4N507ADR2G
Description  3.3V/5V, 50 MHz to 200 MHz PECL Clock Synthesizer
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NB4N507ADR2G Datasheet(HTML) 5 Page - ON Semiconductor

  NB4N507ADR2G Datasheet HTML 1Page - ON Semiconductor NB4N507ADR2G Datasheet HTML 2Page - ON Semiconductor NB4N507ADR2G Datasheet HTML 3Page - ON Semiconductor NB4N507ADR2G Datasheet HTML 4Page - ON Semiconductor NB4N507ADR2G Datasheet HTML 5Page - ON Semiconductor NB4N507ADR2G Datasheet HTML 6Page - ON Semiconductor NB4N507ADR2G Datasheet HTML 7Page - ON Semiconductor NB4N507ADR2G Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
NB4N507A
http://onsemi.com
5
Figure 4. Output Structure
GND
15 mA
Current Source
Q
Q
NB4N507
PECL
Driver
PECL
Receiver
D
GND
GND
Figure 5. Evaluation Test Load for the NB4N507A
GND
GND
VDD
VDD
VDD
D
z = 50
W
270
W
62
W
62
W
z = 50
W
z = 50
W
z = 50
W
270
W
Receiver
A
Figure 6. Alternate Termination for Output Driver and Device Evaluation
VDD
50
W
50
W
Z = 50
W
Z = 50
W
NB4N507A
VDD
VDD
GND = 0 V


Similar Part No. - NB4N507ADR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB4N507ADR2G ONSEMI-NB4N507ADR2G Datasheet
124Kb / 7P
   3.3V/5V, 50 MHz to 200 MHz PECL Clock Synthesizer
November, 2006 ??Rev. 2
More results

Similar Description - NB4N507ADR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB4N507A ONSEMI-NB4N507A_06 Datasheet
124Kb / 7P
   3.3V/5V, 50 MHz to 200 MHz PECL Clock Synthesizer
November, 2006 ??Rev. 2
logo
List of Unclassifed Man...
NB4N507A ETC-NB4N507A Datasheet
131Kb / 7P
   3.3V/5V, 50 MHz to 200 MHz PECL Clock Synthesizer
logo
Motorola, Inc
MPC9230 MOTOROLA-MPC9230 Datasheet
296Kb / 16P
   800 MHz Low Voltage PECL Clock Synthesizer
MPC9229 MOTOROLA-MPC9229 Datasheet
366Kb / 12P
   400 MHz Low Voltage PECL Clock Synthesizer
MPC92429 MOTOROLA-MPC92429 Datasheet
216Kb / 12P
   400 MHz Low Voltage PECL Clock Synthesizer
logo
ON Semiconductor
NB3N511 ONSEMI-NB3N511_13 Datasheet
110Kb / 6P
   3.3V / 5.0V 14 MHz to 200 MHz PLL Clock Multiplier
November, 2013 ??Rev. 4
NB3N511 ONSEMI-NB3N511 Datasheet
111Kb / 6P
   3.3V / 5.0V 14 MHz to 200 MHz PLL Clock Multiplier
May, 2012 ??Rev. 3
logo
Cypress Semiconductor
W320-03 CYPRESS-W320-03_05 Datasheet
302Kb / 18P
   200-MHz Spread Spectrum Clock Synthesizer/Driver
logo
Micrel Semiconductor
SY89312V MICREL-SY89312V_13 Datasheet
408Kb / 7P
   3.3V/5V, 4GHz PECL/ECL첨2 Clock Generator
logo
Integrated Device Techn...
MPC92469 IDT-MPC92469 Datasheet
913Kb / 12P
   400 MHz Low Voltage PECL Clock Synthesizer w/Spread Spectrum
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com