Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NB4L7210 Datasheet(PDF) 10 Page - ON Semiconductor

Part # NB4L7210
Description  2.5V/3.3V Differential 2x10 Crosspoint Clock Driver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NB4L7210 Datasheet(HTML) 10 Page - ON Semiconductor

Back Button NB4L7210 Datasheet HTML 3Page - ON Semiconductor NB4L7210 Datasheet HTML 4Page - ON Semiconductor NB4L7210 Datasheet HTML 5Page - ON Semiconductor NB4L7210 Datasheet HTML 6Page - ON Semiconductor NB4L7210 Datasheet HTML 7Page - ON Semiconductor NB4L7210 Datasheet HTML 8Page - ON Semiconductor NB4L7210 Datasheet HTML 9Page - ON Semiconductor NB4L7210 Datasheet HTML 10Page - ON Semiconductor NB4L7210 Datasheet HTML 11Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
NB4L7210
www.onsemi.com
10
50
W
VCC
VCC
LVDS
Driver
CLK
CLK
50
W
NB4L7210
VEE
VTCLK
VEE
VTCLK
Figure 15. LVDS to NB4L7210 Receiver Interface
Z = 50
W
Z = 50
W
Figure 16. Typical Termination for Output Driver and Device Evaluation
(See Application Note AND8020/D − Termination of ECL Logic Devices.)
NB4L7210
Receiver
QD
Q
D
50
W
Zo = 50 W
Zo = 50 W
50
W
VTT
VTT = VCC − 2.0 V
ORDERING INFORMATION
Device
Package
Shipping
NB4L7210MNG
QFN−52
(Pb−Free)
46 Units / Rail
NB4L7210MNTXG
QFN−52
(Pb−Free)
2000 / Tape & Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.


Similar Part No. - NB4L7210

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB4L7210 ONSEMI-NB4L7210 Datasheet
360Kb / 11P
   2.5V/3.3V Differential 2x10 Crosspoint Clock Driver with SDI Programmable Output Selects
August, 2009 ??Rev. 7
NB4L7210MNG ONSEMI-NB4L7210MNG Datasheet
360Kb / 11P
   2.5V/3.3V Differential 2x10 Crosspoint Clock Driver with SDI Programmable Output Selects
August, 2009 ??Rev. 7
NB4L7210MNTXG ONSEMI-NB4L7210MNTXG Datasheet
360Kb / 11P
   2.5V/3.3V Differential 2x10 Crosspoint Clock Driver with SDI Programmable Output Selects
August, 2009 ??Rev. 7
More results

Similar Description - NB4L7210

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB4L7210 ONSEMI-NB4L7210 Datasheet
360Kb / 11P
   2.5V/3.3V Differential 2x10 Crosspoint Clock Driver with SDI Programmable Output Selects
August, 2009 ??Rev. 7
NB4L858M ONSEMI-NB4L858M_09 Datasheet
104Kb / 10P
   2.5V/3.3V, 3 GHz Dual Differential Clock/Data 2x2 Crosspoint Switch
December, 2005 ??Rev. 9
logo
Micrel Semiconductor
SY100EP111U MICREL-SY100EP111U_11 Datasheet
104Kb / 9P
   2.5V/3.3V 1:10 DIFFERENTIAL LVPECL/LVECL/HSTL CLOCK DRIVER
logo
ON Semiconductor
NB100LVEP221 ONSEMI-NB100LVEP221_06 Datasheet
165Kb / 11P
   2.5V/3.3V 1:20 Differential HSTL/ECL/PECL Clock Driver
November, 2006 ??Rev. 7
MC100LVEP111 ONSEMI-MC100LVEP111_06 Datasheet
155Kb / 10P
   2.5V / 3.3V 1:10 Differential ECL/PECL/HSTL Clock Driver
November, 2006 ??Rev. 13
MC100LVEP14 ONSEMI-MC100LVEP14_14 Datasheet
96Kb / 7P
   2.5V / 3.3V 1:5 Differential ECL/PECL/HSTL Clock Driver
April, 2014 ??Rev. 14
MC100LVEP14 ONSEMI-MC100LVEP14_06 Datasheet
137Kb / 9P
   2.5V / 3.3V 1:5 Differential ECL/PECL/HSTL Clock Driver
November, 2006 ??Rev. 11
NB100LVEP221 ONSEMI-NB100LVEP221 Datasheet
94Kb / 10P
   2.5V/3.3V 1:20 Differential HSTL/ECL/PECL Clock Driver
January, 2003 - Rev. 4
logo
Renesas Technology Corp
MC100ES6226 RENESAS-MC100ES6226 Datasheet
566Kb / 10P
   2.5v/3.3v Differential LVPECL 1:9 Clock Distribution Buffer and Clock Driver
2019
logo
ON Semiconductor
NB100LVEP17 ONSEMI-NB100LVEP17 Datasheet
147Kb / 10P
   2.5V / 3.3V Quad Differential Driver/Receiver
November, 2006 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com