Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NB4L6254 Datasheet(PDF) 8 Page - ON Semiconductor

Part # NB4L6254
Description  2.5V / 3.3V Differential LVPECL 2x2 Clock Switch and Low Skew Fanout Buffer
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NB4L6254 Datasheet(HTML) 8 Page - ON Semiconductor

Back Button NB4L6254 Datasheet HTML 3Page - ON Semiconductor NB4L6254 Datasheet HTML 4Page - ON Semiconductor NB4L6254 Datasheet HTML 5Page - ON Semiconductor NB4L6254 Datasheet HTML 6Page - ON Semiconductor NB4L6254 Datasheet HTML 7Page - ON Semiconductor NB4L6254 Datasheet HTML 8Page - ON Semiconductor NB4L6254 Datasheet HTML 9Page - ON Semiconductor NB4L6254 Datasheet HTML 10Page - ON Semiconductor NB4L6254 Datasheet HTML 11Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
NB4L6254
http://onsemi.com
8
Example Configurations
Figure 7. 2 x 2 Clock Switch
CLK0
CLK1
SEL0
SEL1
System A
System B
3
3
SEL0
SEL1
Switch Configuration
0
0
CLK0 Clocks System A and
System B
0
1
CLK1 Clocks System A and
System B
1
0
CLK0 Clocks System A and CLK1
Clocks System B
1
1
CLK1 Clocks System B and CLK1
Clocks System A
Figure 8. 1:6 Clock Fanout Buffer
CLK0
CLK1
SEL0
SEL1
0
0
Figure 9. Loopback Device
System−Tx
CLK0
SEL0
SEL1
QBn
CLK1
Transmitter
QAn
System−Rx
Receiver
SEL0
SEL1
Switch Configuration
0
0
System Loopback
0
1
Line Loopback
1
0
Transmit/Receive Operation
1
1
System and Line Loopback
APPLICATIONS INFORMATION
Maintaining Lowest Device Skew
The NB4L6254 guarantees low output−output bank skew
at 50 ps and a part−to−part skew of 250 ps. To ensure low
skew clock signals in the application, both outputs of any
differential output pair need to be terminated identically,
even if only one output is used. When fewer than all nine
output pairs are used, identical termination of all output pairs
within the output bank is recommended. If an entire output
bank is not used, it is recommended to leave all of these
outputs open and unterminated. This will reduce the device
power consumption while maintaining minimum output
skew.
Power Supply Bypassing
The NB4L6254 is a mixed analog/digital product. The
differential architecture of the NB4L6254 supports low
noise signal operation at high frequencies. In order to
maintain its superior signal quality all VCC pins should be
bypassed by high−frequency ceramic capacitors connected
to GND. If the spectral frequencies of the internally
generated switching noise on the supply pins cross the series
resonant port of an individual bypass capacitor, its overall
impedance begins to look inductive and thus increases with
increasing frequency. The parallel capacitor combination
shown ensures that a low impedance path to ground exists
for frequencies well above the noise bandwidth.
Figure 10. VCC Power Supply Bypass
VCC
NB4L6254
33 − 100 nF
0.1 nF
VCC


Similar Part No. - NB4L6254

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB4L6254 ONSEMI-NB4L6254 Datasheet
137Kb / 9P
   2.5V / 3.3V Differential LVPECL 2x2 Clock Switch and Low Skew Fanout Buffer
August, 2006 ??Rev. 1
NB4L6254D ONSEMI-NB4L6254D Datasheet
137Kb / 9P
   2.5V / 3.3V Differential LVPECL 2x2 Clock Switch and Low Skew Fanout Buffer
August, 2006 ??Rev. 1
NB4L6254FAG ONSEMI-NB4L6254FAG Datasheet
137Kb / 9P
   2.5V / 3.3V Differential LVPECL 2x2 Clock Switch and Low Skew Fanout Buffer
August, 2006 ??Rev. 1
NB4L6254FAR2G ONSEMI-NB4L6254FAR2G Datasheet
137Kb / 9P
   2.5V / 3.3V Differential LVPECL 2x2 Clock Switch and Low Skew Fanout Buffer
August, 2006 ??Rev. 1
More results

Similar Description - NB4L6254

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB4L6254 ONSEMI-NB4L6254 Datasheet
137Kb / 9P
   2.5V / 3.3V Differential LVPECL 2x2 Clock Switch and Low Skew Fanout Buffer
August, 2006 ??Rev. 1
logo
Integrated Device Techn...
MC100ES6254 IDT-MC100ES6254_13 Datasheet
358Kb / 12P
   2.5/3.3V Differential LVPECL 2x2 Clock Switch and Fanout Buffer
logo
Renesas Technology Corp
MC100ES6254 RENESAS-MC100ES6254 Datasheet
643Kb / 13P
   2.5/3.3V Differential LVPECL 2x2 Clock Switch and Fanout Buffer
2019
logo
Motorola, Inc
MC100ES6254 MOTOROLA-MC100ES6254 Datasheet
386Kb / 12P
   2.5/3.3V Differential LVPECL 2x2 Clock Switch and Fanout Buffer
logo
Integrated Device Techn...
MC100ES6254 IDT-MC100ES6254 Datasheet
536Kb / 9P
   2.5/3.3V DIFFERENTIAL LVPECL 2x2 CLOCK SWITCH AND FANOUT BUFFER
IDT8T73S208I IDT-IDT8T73S208I Datasheet
1Mb / 22P
   2.5V, 3.3V Differential LVPECL Clock Divider and Fanout Buffer
logo
Renesas Technology Corp
8V79S674 RENESAS-8V79S674 Datasheet
617Kb / 22P
   Differential-to-3.3V, 2.5V LVPECL Clock Divider and Fanout Buffer
04/10/15
logo
Integrated Circuit Syst...
ICS85314-01 ICST-ICS85314-01 Datasheet
112Kb / 15P
   LOW SKEW, 1-TO-5 DIFFERENTIAL-TO-2.5V/3.3V LVPECL FANOUT BUFFER
ICS85314I-01 ICST-ICS85314I-01 Datasheet
252Kb / 19P
   LOW SKEW, 1-TO-5 DIFFERENTIAL-TO-2.5V/3.3V LVPECL FANOUT BUFFER
ICS858012 ICST-ICS858012 Datasheet
231Kb / 15P
   LOW SKEW, 1-TO-2, DIFFERENTIAL-TO-2.5V, 3.3V LVPECL FANOUT BUFFER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com