Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

NB4L339 Datasheet(PDF) 11 Page - ON Semiconductor

Part No. NB4L339
Description  2.5 V / 3.3 V Differential 2:1 Clock IN to Differential LVPECL Clock Generator
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo 

NB4L339 Datasheet(HTML) 11 Page - ON Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
NB4L339
http://onsemi.com
11
Figure 21. Typical Termination for Output Driver and Device Evaluation
(See Application Note AND8020/D − Termination of ECL Logic Devices)
Q
D
Driver
Device
Receiver
Device
50 W
50 W
Q
D
VTT
VTT = VCC − 2.0 V
ZO = 50 W
ZO = 50 W
ORDERING INFORMATION
Device
Package
Shipping
NB4L339MNG
QFN32
(Pb−free)
74 Units / Tray
NB4L339MNR4G
QFN32
(Pb−free)
1000 / Tape & Reel
*For additional information on our Pb−Free strategy and soldering details, please download the ON Semiconductor Soldering and Mounting
Techniques Reference Manual, SOLDERRM/D.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn