Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

NB4L339 Datasheet(PDF) 9 Page - ON Semiconductor

Part No. NB4L339
Description  2.5 V / 3.3 V Differential 2:1 Clock IN to Differential LVPECL Clock Generator
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo 

NB4L339 Datasheet(HTML) 9 Page - ON Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
NB4L339
http://onsemi.com
9
Figure 9. Input Structure
Figure 10. Differential Input Driven Single−Ended
Figure 11. Vth Diagram
Figure 12. Differential Inputs Driven Differentially
Figure 13. Differential Inputs Driven Differentially
Figure 14. VCMR Diagram
Figure 15. AC Reference Measurement
NOTE: VEE ≤ VIN ≤ VCC; VIH > VIL
VIHD
VILD
VID = |VIHD(CLK) − VILD(CLK)|
CLK
CLK
CLK
Vth
CLK
CLK
CLK
CLK
CLK
Q
Q
tPLH
tPHL
VINPP = VIH(CLK) − VIL(CLK)
VOUTPP = VOH(Q) − VOL(Q)
50 W
50 W
CLKn
VTn
CLKn
VCC
VEE
Vthmin
Vthmax
Vth
CLK
VIHmax
VILmax
VIH
Vth
VIL
VIHmin
VILmin
VCC
VEE
VCMmax
VCMmax
VCMR
CLK
CLK
VIHDmax
VILDmax
VID = VIHD − VILD
VIHDtyp
VILDtyp
VIHDmin
VILDmin
Vth


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn