Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NB3W1900LMNG Datasheet(PDF) 8 Page - ON Semiconductor

Part # NB3W1900LMNG
Description  3.3 V 100/133 MHz Differential 1:19 HCSL-Compatible Push?륯ull Clock ZDB/Fanout Buffer
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NB3W1900LMNG Datasheet(HTML) 8 Page - ON Semiconductor

Back Button NB3W1900LMNG Datasheet HTML 4Page - ON Semiconductor NB3W1900LMNG Datasheet HTML 5Page - ON Semiconductor NB3W1900LMNG Datasheet HTML 6Page - ON Semiconductor NB3W1900LMNG Datasheet HTML 7Page - ON Semiconductor NB3W1900LMNG Datasheet HTML 8Page - ON Semiconductor NB3W1900LMNG Datasheet HTML 9Page - ON Semiconductor NB3W1900LMNG Datasheet HTML 10Page - ON Semiconductor NB3W1900LMNG Datasheet HTML 11Page - ON Semiconductor NB3W1900LMNG Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
NB3W1900L
www.onsemi.com
8
Table 11. ELECTRICAL CHARACTERISTICS − DIF 0.7 V LOW POWER DIFFERENTIAL OUTPUTS
(TA =0°C− 70°C; Supply Voltage VDD/VDDA = 3.3 V ±5%, VDDIO = 1.05 V to 3.3 V ±5%. See Test Loads for Loading Conditions)
(Note 12)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
dV/dt
Slew Rate (Notes 13, 14)
Scope averaging on
1
4
V/ns
DdV/dt
Slew Rate Matching (Notes 13, 15)
Slew rate matching, Scope averaging on
20
%
VHigh
Voltage High
Statistical measurement on single-ended
signal using oscilloscope math function.
(Scope averaging on)
660
850
mV
VLow
Voltage Low
−150
150
Vmax
Max Voltage
Measurement on single ended signal using
Absolute value. (Scope averaging off)
1150
mV
Vmin
Min Voltage
−300
Vswing
Vswing (Note 13)
Scope averaging off
300
mV
Vcross_abs
Crossing Voltage (abs) (Note 16)
Scope averaging off
250
550
mV
DVcross
Crossing Voltage (var) (Note 17)
Scope averaging off
140
mV
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
12. Guaranteed by design and characterization, not tested in production. CL = 2 pF with RS = 33 W for Zo = 50 W (100 W differential trace
impedance).
13. Measured from differential waveform
14. Slew rate is measured through the Vswing voltage range centered around differential 0 V. This results in a ±150 mV window around differential
0 V.
15. Matching applies to rising edge rate for Clock and falling edge rate for Clock#. It is measured using a
±75 mV window centered on the average
cross point where Clock rising meets Clock# falling. The median cross point is used to calculate the voltage thresholds the oscilloscope is
to use for the edge rate calculations.
16. Vcross is defined as voltage where Clock = Clock# measured on a component test board and only applies to the differential rising edge
(i.e. Clock rising and Clock# falling).
17. The total variation of all Vcross measurements in any particular system. Note that this is a subset of Vcross_min/max (Vcross absolute) allowed.
The intent is to limit Vcross induced modulation by setting DVcross to be smaller than Vcross absolute.


Similar Part No. - NB3W1900LMNG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB3W1900LMNG ONSEMI-NB3W1900LMNG Datasheet
168Kb / 18P
   3.3 V 100/133 MHz Differential 1:19 HCSL-Compatible Push?륯ull
October, 2014 ??Rev. 0
NB3W1900LMNG ONSEMI-NB3W1900LMNG Datasheet
185Kb / 20P
   Differential 1:19 HCSL-Compatible Push?륯ull Clock ZDB/Fanout Buffer
January, 2018 ??Rev. 3
More results

Similar Description - NB3W1900LMNG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB3W1900L ONSEMI-NB3W1900L_18 Datasheet
185Kb / 20P
   Differential 1:19 HCSL-Compatible Push?륯ull Clock ZDB/Fanout Buffer
January, 2018 ??Rev. 3
NB3W1900L ONSEMI-NB3W1900L Datasheet
168Kb / 18P
   3.3 V 100/133 MHz Differential 1:19 HCSL-Compatible Push?륯ull
October, 2014 ??Rev. 0
NB3N1900K ONSEMI-NB3N1900K Datasheet
198Kb / 20P
   Differential 1:19 HCSL Clock ZDB/Fanout Buffer
January, 2015 ??Rev. 3
NB3N1900K ONSEMI-NB3N1900K_16 Datasheet
211Kb / 21P
   Differential 1:19 HCSL Clock ZDB/Fanout Buffer for PCIe
July, 2016 ??Rev. 4
NB3W800L ONSEMI-NB3W800L Datasheet
143Kb / 16P
   Differential 1:8 HCSL Compatible Push-Pull Clock ZDB/Fanout Buffer for PCIe
August, 2015 ??Rev. 1
NB3N1200K ONSEMI-NB3N1200K_17 Datasheet
181Kb / 26P
   Differential 1:12 HCSL Push-Pull Clock ZDB/Fanout Buffer for PCle
July, 2017 ??Rev. 3
NB3N1900K ONSEMI-NB3N1900K_17 Datasheet
211Kb / 21P
   3.3V 100/133 MHz Differential 1:19 HCSL
March, 2017 ??Rev. 5
NB3N1200K ONSEMI-NB3N1200K Datasheet
230Kb / 26P
   Differential 1:12 HCSL or Push-Pull Clock ZDB/Fanout Buffer for PCle
August, 2013 ??Rev. 0
NB3N1200K ONSEMI-NB3N1200K_16 Datasheet
180Kb / 26P
   Differential 1:12 HCSL or Push-Pull Clock ZDB/Fanout Buffer for PCle
July, 2016 ??Rev. 1
NB3L204K ONSEMI-NB3L204K_17 Datasheet
406Kb / 14P
   Differential 1:4 HCSL Fanout Buffer
October, 2017 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com