Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NB3W800LMNG Datasheet(PDF) 7 Page - ON Semiconductor

Part # NB3W800LMNG
Description  Differential 1:8 HCSLCompatible Push-Pull Clock
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NB3W800LMNG Datasheet(HTML) 7 Page - ON Semiconductor

Back Button NB3W800LMNG Datasheet HTML 3Page - ON Semiconductor NB3W800LMNG Datasheet HTML 4Page - ON Semiconductor NB3W800LMNG Datasheet HTML 5Page - ON Semiconductor NB3W800LMNG Datasheet HTML 6Page - ON Semiconductor NB3W800LMNG Datasheet HTML 7Page - ON Semiconductor NB3W800LMNG Datasheet HTML 8Page - ON Semiconductor NB3W800LMNG Datasheet HTML 9Page - ON Semiconductor NB3W800LMNG Datasheet HTML 10Page - ON Semiconductor NB3W800LMNG Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
NB3W800L
www.onsemi.com
7
Table 12. DIF 0.7 V AC TIMING CHARACTERISTICS (Non−Spread or −0.5% Spread Spectrum Mode)
(VDD = VDDA = 3.3 V ±5%, TA = 0°C * 70°C), See Test Loads for Loading Conditions.
Symbol
Parameter
CLK = 100 MHz, 133.33 MHz
Unit
Min
Max
Tstab (Note 32)
Clock Stabilization Time
1.8
ms
Laccuracy (Notes 15, 19, 27, 33)
Long Accuracy
100
ppm
Tabs (Notes 15, 16, 19)
Absolute
Min/Max
Host CLK
Period
No Spread
9.94900 for 100 MHz
10.05100 for 100 MHz
ns
7.44925 for 133 MHz
7.55075 for 133 MHz
−0.5% Spread
9.49900 for 100 MHz
10.10126 for 100 MHz
7.44925 for 133 MHz
7.58845 for 133 MHz
Slew_rate (Notes 13, 15, 19)
DIFF OUT Slew_rate
1.0
4.0
V/ns
DTrise / DTfall (Notes 15, 19, 29)
Rise and Fall Time Variation
125
ps
Rise/Fall Matching (Notes 15, 19, 30, 31)
20
%
VHigh (Notes 15, 18, 21)
Voltage High (typ
0.70 Volts)
660
850
mV
VLow (Notes 15, 18, 22)
Voltage Low (typ
0.0 Volts)
−150
150
mV
Vmax (Note 18)
Maximum Voltage
1150
mV
Vcross absolute (Notes 12, 14, 15, 18, 25)
Absolute Crossing Point Voltages
250
550
mV
Vcross relative (Notes 15, 17, 18, 25)
Relative Crossing Point Voltages
Calc
Calc
Total
D Vcross (Notes 15, 18, 26)
Total Variation of Vcross
Over All Edges
140
mV
Vovs (Notes 15, 18, 23)
Maximum Voltage (Overshoot)
Vhigh + 0.3
V
Vuds (Notes 15, 18, 24)
Maximum Voltage (Undershoot)
Vlow − 0.3
V
12. Measured at crossing point where the instantaneous voltage value of the rising edge of CLK equals the falling edge of CLK#.
13. Measurment taken from differential waveform on a component test board. The slew rate is measured from −150 mV to +150 mV on the
differential waveform. Scope is set to average because the scope sample clock is making most of the dynamic wiggles along the clock edge
Only valid for Rising CLK_IN and Falling CLK_IN#. Signal must be monotonic through the Vol to Voh region for Trise and Tfall.
14. This measurement refers to the total variation from the lowest crossing point to the highest, regardless of which edge is crossing.
15. Test configuration is; Rs = 27
W, 2 pF for 85 W transmission line.
16. The average period over any 1
ms period of time must be greater than the minimum and less than the maximum specified period.
17. Vcross(rel) Min and Max are derived using the following, Vcross(rel) Min = 0.250 + 0.5 (Vhavg − 0.700), Vcross(rel) Max = 0.550 − 0.5 (0.700
– Vhavg)
18. Measurement taken from Single Ended waveform.
19. Measurement taken from differential waveform. Bypass mode, input duty cycle = 50%.
20. Unless otherwise noted, all specifications in this table apply to all processor frequencies.
21. VHigh is defined as the statistical average High value as obtained by using the Oscilloscope VHigh Math function.
22. VLow is defined as the statistical average Low value as obtained by using the Oscilloscope VLow Math function.
23. Overshoot is defined as the absolute value of the maximum voltage.
24. Undershoot is defined as the absolute value of the minimum voltage.
25. The crossing point must meet the absolute and relative crossing point specifications simultaneously.
26.
DVcross is defined as the total variation of all crossing voltages of Rising DIF and Falling DIF#. This is the maximum allowed variance in
Vcross for any particular system.
27. Using frequency counter with the measurement interval equal or greater than 0.15 s, target frequencies are 100,000,000 Hz, 133,333,333 Hz.
28. Using frequency counter with the measurement interval equal or greater than 0.15 s, target frequencies are 99,750,00 Hz, 133,000,000 Hz.
29. Measured with oscilloscope, averaging off, using min max statistics. Variation is the delta between min and max
.
30. Measured with oscilloscope, averaging on, The difference between the rising edge rate (average) of DIF versus the falling edge rate
(average) of DIF#. Measured in a
±75 mV window around the crosspoint of DIF and DIF#.
31. Rise/Fall matching is derived using the following, 2*(Trise – Tfall) / (Trise + Tfall).
32. This is the time from the valid CLK_IN input clocks and the assertion of the PWRGD signal level at 1.8 V – 2.0 V to the time that stable clocks
are output from the buffer chip (PLL locked).
33. All Long Term Accuracy specifications are guaranteed with the assumption that the input clock complies with CK410B+/CK420BQ accuracy
requirements. The NB3W800L itself does not contribute to ppm error.


Similar Part No. - NB3W800LMNG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB3W800LMNG ONSEMI-NB3W800LMNG Datasheet
143Kb / 16P
   Differential 1:8 HCSL Compatible Push-Pull Clock ZDB/Fanout Buffer for PCIe
August, 2015 ??Rev. 1
NB3W800LMNG ONSEMI-NB3W800LMNG Datasheet
152Kb / 17P
   Differential 1:8 HCSLCompatible Push-Pull Clock
February, 2017 ??Rev. 3
More results

Similar Description - NB3W800LMNG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB3W800L ONSEMI-NB3W800L_17 Datasheet
152Kb / 17P
   Differential 1:8 HCSLCompatible Push-Pull Clock
February, 2017 ??Rev. 3
NB3W800L ONSEMI-NB3W800L Datasheet
143Kb / 16P
   Differential 1:8 HCSL Compatible Push-Pull Clock ZDB/Fanout Buffer for PCIe
August, 2015 ??Rev. 1
NB3N1200K ONSEMI-NB3N1200K_17 Datasheet
181Kb / 26P
   Differential 1:12 HCSL Push-Pull Clock ZDB/Fanout Buffer for PCle
July, 2017 ??Rev. 3
NB3N1200K ONSEMI-NB3N1200K Datasheet
230Kb / 26P
   Differential 1:12 HCSL or Push-Pull Clock ZDB/Fanout Buffer for PCle
August, 2013 ??Rev. 0
NB3N1200K ONSEMI-NB3N1200K_16 Datasheet
180Kb / 26P
   Differential 1:12 HCSL or Push-Pull Clock ZDB/Fanout Buffer for PCle
July, 2016 ??Rev. 1
logo
Integrated Device Techn...
IDTCV141 IDT-IDTCV141 Datasheet
87Kb / 10P
   1-TO-8 DIFFERENTIAL CLOCK BUFFER
logo
Renesas Technology Corp
CV141 RENESAS-CV141 Datasheet
245Kb / 11P
   1-TO-8 DIFFERENTIAL CLOCK BUFFER
OCTOBER 2005
ICS854S058I RENESAS-ICS854S058I Datasheet
838Kb / 17P
   8:1 Differential-to-LVDS Clock Multiplexer
2019
logo
Premier Magnetics, Inc.
PM-SM15 PMI-PM-SM15 Datasheet
50Kb / 1P
   8-PIN SMD PUSH-PULL TRANSFORMERS
logo
ON Semiconductor
NB3N108K ONSEMI-NB3N108K Datasheet
156Kb / 9P
   3.3V Differential 1:8 Fanout Clock Data Driver
April, 2012 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com