Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NB3W800L Datasheet(PDF) 2 Page - ON Semiconductor

Part # NB3W800L
Description  Differential 1:8 HCSLCompatible Push-Pull Clock
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NB3W800L Datasheet(HTML) 2 Page - ON Semiconductor

  NB3W800L_16 Datasheet HTML 1Page - ON Semiconductor NB3W800L_16 Datasheet HTML 2Page - ON Semiconductor NB3W800L_16 Datasheet HTML 3Page - ON Semiconductor NB3W800L_16 Datasheet HTML 4Page - ON Semiconductor NB3W800L_16 Datasheet HTML 5Page - ON Semiconductor NB3W800L_16 Datasheet HTML 6Page - ON Semiconductor NB3W800L_16 Datasheet HTML 7Page - ON Semiconductor NB3W800L_16 Datasheet HTML 8Page - ON Semiconductor NB3W800L_16 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
NB3W800L
www.onsemi.com
2
Figure 1. Simplified Block Diagram
FB_OUT
DIF[7:0]
Control
Logic
CLK_IN
SSC Compatible
PLL
8
SDA
SCL
MUX
100M_133M#
PWRGD/PWRDN#
HBW_BYP_LBW#
OE[7:0]#
CLK_IN#
FB_OUT#
DIF[7:0]#
Table 1. OE AND POWER PIN TABLE
Inputs
OE# Hardware Pins & Control Register Bits
Outputs
PLL State
PWRGD/
PWRDN#
CLK_IN/
CLK_IN#
SMBUS
Enable Bit
OE# Pin
DIF/DIF# [7:
0]
FB_OUT/
FB_OUT#
0
X
X
X
Hi−Z
Hi−Z
OFF
1
Running
0
X
Hi−Z
Running
ON
1
0
Running
Running
ON
1
1
Hi−Z
Running
ON
Table 2. FUNCTIONALITY AT POWER−UP (PLL MODE)
100M_133M#
CLK_IN MHz
DIF(7:0)
1
100.00
CLK_IN
0
133.33
CLK_IN
Table 3. POWER CONNECTIONS
Pin Number
Description
VDD
GND
44
49
Analog PLL
3
2
Analog Input
10, 15, 19, 27, 34, 38, 42
49
DIF clocks
Table 4. SMBus ADDRESS
Address
+ Read/Write bit
D8
R
Table 5. PLL OPERATING MODE READBACK TABLE
HBW_BYP_LBW#
Byte0, bit 7
Byte 0, bit 6
Low (Low BW)
0
0
Mid (Bypass)
0
1
High (High BW)
1
1
Table 6. TRI−LEVEL INPUT THRESHOLDS
Level
Voltage
Low
<0.8 V
Mid
1.2<Vin<1.8 V
High
Vin > 2.2 V
Table 7. PLL OPERATING MODE
HBW_BYP_LBW#
Mode
Low
PLL Lo BW
Mid
Bypass
High
PLL Hi BW
NOTE:
PLL is OFF in Bypass Mode


Similar Part No. - NB3W800L_16

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB3W800L ONSEMI-NB3W800L_17 Datasheet
152Kb / 17P
   Differential 1:8 HCSLCompatible Push-Pull Clock
February, 2017 ??Rev. 3
More results

Similar Description - NB3W800L_16

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB3W800L ONSEMI-NB3W800L_17 Datasheet
152Kb / 17P
   Differential 1:8 HCSLCompatible Push-Pull Clock
February, 2017 ??Rev. 3
NB3W800L ONSEMI-NB3W800L Datasheet
143Kb / 16P
   Differential 1:8 HCSL Compatible Push-Pull Clock ZDB/Fanout Buffer for PCIe
August, 2015 ??Rev. 1
NB3N1200K ONSEMI-NB3N1200K_17 Datasheet
181Kb / 26P
   Differential 1:12 HCSL Push-Pull Clock ZDB/Fanout Buffer for PCle
July, 2017 ??Rev. 3
NB3N1200K ONSEMI-NB3N1200K Datasheet
230Kb / 26P
   Differential 1:12 HCSL or Push-Pull Clock ZDB/Fanout Buffer for PCle
August, 2013 ??Rev. 0
NB3N1200K ONSEMI-NB3N1200K_16 Datasheet
180Kb / 26P
   Differential 1:12 HCSL or Push-Pull Clock ZDB/Fanout Buffer for PCle
July, 2016 ??Rev. 1
logo
Integrated Device Techn...
IDTCV141 IDT-IDTCV141 Datasheet
87Kb / 10P
   1-TO-8 DIFFERENTIAL CLOCK BUFFER
logo
Renesas Technology Corp
CV141 RENESAS-CV141 Datasheet
245Kb / 11P
   1-TO-8 DIFFERENTIAL CLOCK BUFFER
OCTOBER 2005
ICS854S058I RENESAS-ICS854S058I Datasheet
838Kb / 17P
   8:1 Differential-to-LVDS Clock Multiplexer
2019
logo
Premier Magnetics, Inc.
PM-SM15 PMI-PM-SM15 Datasheet
50Kb / 1P
   8-PIN SMD PUSH-PULL TRANSFORMERS
logo
ON Semiconductor
NB3N108K ONSEMI-NB3N108K Datasheet
156Kb / 9P
   3.3V Differential 1:8 Fanout Clock Data Driver
April, 2012 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com