Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EKZN500ELL151MJC5S Datasheet(PDF) 1 Page - United Chemi-Con, Inc.

Part # EKZN500ELL151MJC5S
Description  MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHEMI-CON [United Chemi-Con, Inc.]
Direct Link  http://www.chemi-con.com
Logo CHEMI-CON - United Chemi-Con, Inc.

EKZN500ELL151MJC5S Datasheet(HTML) 1 Page - United Chemi-Con, Inc.

  EKZN500ELL151MJC5S Datasheet HTML 1Page - United Chemi-Con, Inc. EKZN500ELL151MJC5S Datasheet HTML 2Page - United Chemi-Con, Inc. EKZN500ELL151MJC5S Datasheet HTML 3Page - United Chemi-Con, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Product specifications in this catalog are subject to change without notice.Request our product specifications before purchase and/or use. Please use our products based on the information contained in this catalog and product specifications.
Low impedance, 105
KZN
Series
・Adoption of innovative high stability electrolyte
・High ripple current and long endurance
・Rated voltage range : 6.3 to 100Vdc, Capacitance range : 8.2 to 22,000µF
・Endurance with ripple current : 6,000 to 10,000 hours at 105℃
・Non solvent resistant type
・RoHS Compliant
◆SPECIFICATIONS
Items
Characteristics
Category
Temperature Range
-40 to +105
Rated Voltage Range
6.3 to 100Vdc
Capacitance Tolerance
±20% (M)
(at 20
℃, 120Hz)
Leakage Current
I=0.01CV or 3µA, whichever is greater.
Where, I : Max. leakage current (µA), C : Nominal capacitance (µF), V : Rated voltage (V)
(at 20
℃ after 2 minutes)
Dissipation Factor
(tanδ)
Rated voltage (Vdc)
6.3V 10V
16V
25V
35V
50V
63V
80V 100V
tan
δ (Max.)
0.22 0.19 0.16 0.14 0.12 0.10 0.09 0.09 0.08
When nominal capacitance exceeds 1,000µF, add 0.02 to the value above for each 1,000µF increase.
(at 20
℃, 120Hz)
Low Temperature
Characteristics
Z(-25
℃)/Z(+20℃)
2 max.
Z(-40
℃)/Z(+20℃)
3 max.
(at 120Hz)
Endurance
The following specifications shall be satisfied when the capacitors are restored to 20
℃ after subjected to DC voltage with the rated
ripple current is applied (the peak voltage shall not exceed the rated voltage) for the specified period of time at 105
℃.
Time
Case size
φ5&φ6.3 φ8×11.5L φ10×12.5L φ8×15L, 20L φ
10
×16L, 20L, 25L
φ12.5 to φ18
6.3Vdc
6,000 hours 8,000 hours 9,000 hours 9,000 hours
10,000 hours
10 to 50Vdc 7,000 hours 9,000 hours 9,000 hours 10,000 hours
10,000 hours
63 to 100Vdc 6,000 hours 8,000 hours 9,000 hours 9,000 hours
10,000 hours
Capacitance change
≦±25% of the initial value (6.3, 10Vdc : ≦±30%)
D.F. (tan
δ)
≦200% of the initial specified value
Leakage current
≦The initial specified value
Shelf Life
The following specifications shall be satisfied when the capacitors are restored to 20
℃ after exposing them for 500 hours at 105℃ without
voltage applied. Before the measurement, the capacitor shall be preconditioned by applying voltage according to Item 4.1 of JIS C 5101-4.
Capacitance change
≦±25% of the initial value (6.3, 10Vdc : ≦±30%)
D.F. (tan
δ)
≦200% of the initial specified value
Leakage current
≦The initial specified value
◆DIMENSIONS [mm]
Sleeve(PET : Brown)
L'
15min.
4min.
Vent
(Except
φ5 & φ6.3)
Terminal Code : E
(
φ5 to 10)
(
φ12.5 to 18)
Gas escape end seal
φD
φd
F
D'
L'
8
0.6
3.5
6.3
0.5
2.5
5
0.5
2.0
10
0.6
5.0
12.5
0.6
5.0
16
0.8
7.5
18
0.8
7.5
φD+0.5max.
L
+1.5max.
◆PART NUMBERING SYSTEM
Supplement code
Size code
Capacitance tolerance code
Capacitance code (ex. 100
µF:101, 3,900µF:392)
Lead forming·taping code
Terminal code
Voltage code (ex. 16V:160 50V:500)
Series code
Category
E K Z N A A A E A A A A A
A A A N
M
1
3
4
2
6
7
8
9
10
13
12
5
18
17
16
11
15
14
Please refer to "Product code guide (radial lead type)"
Higher ripple
KZN
KZM P158
155
CAT. No. E1001Q
MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS


Similar Part No. - EKZN500ELL151MJC5S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EKZN500EXX101MHB5D ETC2-EKZN500EXX101MHB5D Datasheet
284Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
EKZN500EXX102MK35S ETC2-EKZN500EXX102MK35S Datasheet
284Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
EKZN500EXX121MH15D ETC2-EKZN500EXX121MH15D Datasheet
284Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
EKZN500EXX122ML25S ETC2-EKZN500EXX122ML25S Datasheet
284Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
EKZN500EXX122MM20S ETC2-EKZN500EXX122MM20S Datasheet
284Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
More results

Similar Description - EKZN500ELL151MJC5S

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
BXC RUBYCON-BXC_1 Datasheet
261Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
NSKV RUBYCON-NSKV Datasheet
50Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
AXW RUBYCON-AXW Datasheet
47Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
ZLJ RUBYCON-ZLJ Datasheet
251Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
50ML20 RUBYCON-50ML20 Datasheet
344Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NRSS101M16V5X11F NIC-NRSS101M16V5X11F Datasheet
303Kb / 6P
   Miniature Aluminum Electrolytic Capacitors
logo
United Chemi-Con, Inc.
EKMG350ELL472MMP1S CHEMI-CON-EKMG350ELL472MMP1S Datasheet
60Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
RUBYCON CORPORATION
50YXF47MEFC63X11 RUBYCON-50YXF47MEFC63X11 Datasheet
73Kb / 7P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NRELS NIC-NRELS Datasheet
87Kb / 2P
   Miniature Aluminum Electrolytic Capacitors
NRWPC NIC-NRWPC Datasheet
116Kb / 6P
   Miniature Aluminum Electrolytic Capacitors
NLEL NIC-NLEL Datasheet
285Kb / 5P
   Miniature Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com