Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NB3V1108CDTR2G Datasheet(PDF) 9 Page - ON Semiconductor

Part # NB3V1108CDTR2G
Description  3.3V/2.5V/1.8V LVCMOS Low Skew Fanout Buffer Family
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NB3V1108CDTR2G Datasheet(HTML) 9 Page - ON Semiconductor

Back Button NB3V1108CDTR2G Datasheet HTML 4Page - ON Semiconductor NB3V1108CDTR2G Datasheet HTML 5Page - ON Semiconductor NB3V1108CDTR2G Datasheet HTML 6Page - ON Semiconductor NB3V1108CDTR2G Datasheet HTML 7Page - ON Semiconductor NB3V1108CDTR2G Datasheet HTML 8Page - ON Semiconductor NB3V1108CDTR2G Datasheet HTML 9Page - ON Semiconductor NB3V1108CDTR2G Datasheet HTML 10Page - ON Semiconductor NB3V1108CDTR2G Datasheet HTML 11Page - ON Semiconductor NB3V1108CDTR2G Datasheet HTML 12Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
NB3V110xC Series
www.onsemi.com
9
PACKAGE DIMENSIONS
TSSOP−8
CASE 948S
ISSUE C
DIM
MIN
MAX
MIN
MAX
INCHES
MILLIMETERS
A
2.90
3.10
0.114
0.122
B
4.30
4.50
0.169
0.177
C
---
1.10
---
0.043
D
0.05
0.15
0.002
0.006
F
0.50
0.70
0.020
0.028
G
0.65 BSC
0.026 BSC
L
6.40 BSC
0.252 BSC
M
0
8
0
8
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: MILLIMETER.
3. DIMENSION A DOES NOT INCLUDE MOLD FLASH.
PROTRUSIONS OR GATE BURRS. MOLD FLASH
OR GATE BURRS SHALL NOT EXCEED 0.15
(0.006) PER SIDE.
4. DIMENSION B DOES NOT INCLUDE INTERLEAD
FLASH OR PROTRUSION. INTERLEAD FLASH OR
PROTRUSION SHALL NOT EXCEED 0.25 (0.010)
PER SIDE.
5. TERMINAL NUMBERS ARE SHOWN FOR
REFERENCE ONLY.
6. DIMENSION A AND B ARE TO BE DETERMINED
AT DATUM PLANE -W-.
__
_
_
SEATING
PLANE
PIN 1
1
4
85
DETAIL E
B
C
D
A
G
L
2X
L/2
−U−
S
U
0.20 (0.008) T
S
U
M
0.10 (0.004)
V S
T
0.076 (0.003)
−T−
−V−
−W−
8x
REF
K
IDENT
K
0.19
0.30
0.007
0.012
S
U
0.20 (0.008) T
DETAIL E
F
M
0.25 (0.010)
K1
K
JJ1
SECTION N−N
J
0.09
0.20
0.004
0.008
K1
0.19
0.25
0.007
0.010
J1
0.09
0.16
0.004
0.006
N
N


Similar Part No. - NB3V1108CDTR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB3V1108CDTR2G ONSEMI-NB3V1108CDTR2G Datasheet
332Kb / 13P
   LVCMOS Low Skew Fanout Buffer Family
January, 2017 ??Rev. 3
More results

Similar Description - NB3V1108CDTR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB3V1102C ONSEMI-NB3V1102C Datasheet
318Kb / 11P
   3.3V/2.5V/1.8V LVCMOS Low Skew Fanout Buffer Family
August, 2015 ??Rev. 1
NB3V110XC ONSEMI-NB3V110XC Datasheet
332Kb / 13P
   LVCMOS Low Skew Fanout Buffer Family
January, 2017 ??Rev. 3
logo
Alliance Semiconductor ...
ASM2I99456 ALSC-ASM2I99456 Datasheet
554Kb / 14P
   3.3V/2.5V LVCMOS Clock Fanout Buffer
logo
PulseCore Semiconductor
ASM2I99456 PULSECORE-ASM2I99456 Datasheet
558Kb / 14P
   3.3V/2.5V LVCMOS Clock Fanout Buffer
logo
Renesas Technology Corp
MPC9443 RENESAS-MPC9443 Datasheet
469Kb / 16P
   2.5V, 3.3V LVCMOS Clock Fanout Buffer
2019
87946I-147 RENESAS-87946I-147 Datasheet
411Kb / 15P
   1-to-10 Low Skew, 1, 2 LVCMOS/LVTTL 2.5V, 3.3V Fanout Buffer
September 19, 2016
logo
Pericom Semiconductor C...
PI6C4911506-06 PERICOM-PI6C4911506-06 Datasheet
967Kb / 7P
   Low Skew, 1-To-6, Crystal/LVCMOS/Differential - 3.3V, 2.5V LVPECL Fanout Buffer
logo
Renesas Technology Corp
87946I-01 RENESAS-87946I-01 Datasheet
438Kb / 16P
   1-to-10 Low Skew, 1, 2 LVCMOS/LVTTL 2.5V, 3.3V Fanout Buffer
September 20, 2016
logo
ON Semiconductor
NB3M8302C ONSEMI-NB3M8302C Datasheet
88Kb / 6P
   LVCMOS/LVTTL Low Skew Fanout Buffer
December, 2014 ??Rev. 3
logo
Pericom Semiconductor C...
PI6C10806B PERICOM-PI6C10806B Datasheet
741Kb / 13P
   1.8V/2.5V/3.3V, 100MHz, Low Skew 1:6 Crystal to LVCMOS Clock Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com