Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NB3V60113GV3MTR2G Datasheet(PDF) 7 Page - ON Semiconductor

Part # NB3V60113GV3MTR2G
Description  1.8 V 12.288 MHz OmniClock Generator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NB3V60113GV3MTR2G Datasheet(HTML) 7 Page - ON Semiconductor

  NB3V60113GV3MTR2G Datasheet HTML 1Page - ON Semiconductor NB3V60113GV3MTR2G Datasheet HTML 2Page - ON Semiconductor NB3V60113GV3MTR2G Datasheet HTML 3Page - ON Semiconductor NB3V60113GV3MTR2G Datasheet HTML 4Page - ON Semiconductor NB3V60113GV3MTR2G Datasheet HTML 5Page - ON Semiconductor NB3V60113GV3MTR2G Datasheet HTML 6Page - ON Semiconductor NB3V60113GV3MTR2G Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
NB3V60113GV3
www.onsemi.com
7
PACKAGE DIMENSIONS
C
A
SEATING
PLANE
D
E
0.10 C
A3
A
A1
0.10 C
WDFN8 2x2, 0.5P
CASE 511AT
ISSUE O
DIM
A
MIN
MAX
MILLIMETERS
0.70
0.80
A1
0.00
0.05
A3
0.20 REF
b
0.20
0.30
D
E
e
L
PIN ONE
REFERENCE
0.05 C
0.05 C
A
0.10 C
NOTE 3
L2
e
b
B
4
8
8X
1
5
0.05 C
L1
2.00 BSC
2.00 BSC
0.50 BSC
0.40
0.60
---
0.15
BOTTOM VIEW
L
7X
L1
DETAIL A
L
ALTERNATE TERMINAL
CONSTRUCTIONS
L
DETAIL B
MOLD CMPD
EXPOSED Cu
ALTERNATE
CONSTRUCTIONS
DETAIL B
DETAIL A
L2
0.50
0.70
B
TOP VIEW
SIDE VIEW
NOTES:
1. DIMENSIONING AND TOLERANCING PER
ASME Y14.5M, 1994.
2. CONTROLLING DIMENSION: MILLIMETERS.
3. DIMENSION b APPLIES TO PLATED
TERMINAL AND IS MEASURED BETWEEN
0.15 AND 0.30 MM FROM TERMINAL TIP.
*For additional information on our Pb−Free strategy and soldering
details, please download the ON Semiconductor Soldering and
Mounting Techniques Reference Manual, SOLDERRM/D.
SOLDERING FOOTPRINT*
2.30
0.50
0.78
7X
DIMENSIONS: MILLIMETERS
0.30
PITCH
8X
1
PACKAGE
OUTLINE
RECOMMENDED
0.88
2X
2X
8X
e/2
ON Semiconductor and
are trademarks of Semiconductor Components Industries, LLC dba ON Semiconductor or its subsidiaries in the United States and/or other countries.
ON Semiconductor owns the rights to a number of patents, trademarks, copyrights, trade secrets, and other intellectual property. A listing of ON Semiconductor’s product/patent
coverage may be accessed at www.onsemi.com/site/pdf/Patent−Marking.pdf. ON Semiconductor reserves the right to make changes without further notice to any products herein.
ON Semiconductor makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does ON Semiconductor assume any liability
arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages.
Buyer is responsible for its products and applications using ON Semiconductor products, including compliance with all laws, regulations and safety requirements or standards,
regardless of any support or applications information provided by ON Semiconductor. “Typical” parameters which may be provided in ON Semiconductor data sheets and/or
specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including “Typicals” must be validated for each customer
application by customer’s technical experts. ON Semiconductor does not convey any license under its patent rights nor the rights of others. ON Semiconductor products are not
designed, intended, or authorized for use as a critical component in life support systems or any FDA Class 3 medical devices or medical devices with a same or similar classification
in a foreign jurisdiction or any devices intended for implantation in the human body. Should Buyer purchase or use ON Semiconductor products for any such unintended or unauthorized
application, Buyer shall indemnify and hold ON Semiconductor and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and
expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such
claim alleges that ON Semiconductor was negligent regarding the design or manufacture of the part. ON Semiconductor is an Equal Opportunity/Affirmative Action Employer. This
literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
N. American Technical Support: 800−282−9855 Toll Free
USA/Canada
Europe, Middle East and Africa Technical Support:
Phone: 421 33 790 2910
Japan Customer Focus Center
Phone: 81−3−5817−1050
NB3V60113GV3/D
LITERATURE FULFILLMENT:
Literature Distribution Center for ON Semiconductor
19521 E. 32nd Pkwy, Aurora, Colorado 80011 USA
Phone: 303−675−2175 or 800−344−3860 Toll Free USA/Canada
Fax: 303−675−2176 or 800−344−3867 Toll Free USA/Canada
Email: orderlit@onsemi.com
ON Semiconductor Website: www.onsemi.com
Order Literature: http://www.onsemi.com/orderlit
For additional information, please contact your local
Sales Representative


Similar Part No. - NB3V60113GV3MTR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB3V60113G ONSEMI-NB3V60113G Datasheet
268Kb / 20P
   1.8 V Programmable OmniClock Generator
January, 2016 ??Rev. 2
NB3V60113G00MTR2G ONSEMI-NB3V60113G00MTR2G Datasheet
268Kb / 20P
   1.8 V Programmable OmniClock Generator
January, 2016 ??Rev. 2
NB3V60113GxxMTR2G ONSEMI-NB3V60113GxxMTR2G Datasheet
268Kb / 20P
   1.8 V Programmable OmniClock Generator
January, 2016 ??Rev. 2
More results

Similar Description - NB3V60113GV3MTR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB3V60113G ONSEMI-NB3V60113G Datasheet
268Kb / 20P
   1.8 V Programmable OmniClock Generator
January, 2016 ??Rev. 2
NB3H63143G-D ONSEMI-NB3H63143G-D Datasheet
305Kb / 24P
   3.3 V / 2.5 V Programmable OmniClock Generator
January, 2016 ??Rev. 4
NB3N3010B ONSEMI-NB3N3010B Datasheet
157Kb / 9P
   3.3V, 12.288 MHz Audio Oversampling Clock Generator
May, 2011 ??Rev. 0
NB3H73113G ONSEMI-NB3H73113G Datasheet
303Kb / 24P
   Programmable OmniClock Generator
March, 2017 ??Rev. 0
NB3H60113G ONSEMI-NB3H60113G Datasheet
292Kb / 22P
   3.3 V / 2.5 V Programmable OmniClock Generator
January, 2016 ??Rev. 2
NB3H60113GH2 ONSEMI-NB3H60113GH2 Datasheet
337Kb / 10P
   3.3 V OmniClock Generator with Single Ended LVCMOS Output
December, 2019 ??Rev. 0
NB3H60113GH3 ONSEMI-NB3H60113GH3 Datasheet
164Kb / 12P
   2.5 V Programmable OmniClock Generator with Differential LVDS Output
March, 2022 ??Rev. 0
CAT93C86 ONSEMI-CAT93C86_13 Datasheet
49Kb / 1P
   High Speed Operation: 4 MHz (5 V), 2 MHz (1.8 V) Sequential Read
6/13/2013
logo
Texas Instruments
LMV791 TI1-LMV791 Datasheet
1Mb / 34P
[Old version datasheet]   17-MHz, Low-Noise, CMOS Input, 1.8-V Operational Amplifiers
logo
Analog Devices
HMC1033LP6GE AD-HMC1033LP6GE Datasheet
1Mb / 40P
   HigH Performance, 3.3 V clock generator 25 - 550 mHz
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com