Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NB3N5573DTR2G Datasheet(PDF) 4 Page - ON Semiconductor

Part # NB3N5573DTR2G
Description  Dual HCSL Clock Generator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NB3N5573DTR2G Datasheet(HTML) 4 Page - ON Semiconductor

  NB3N5573DTR2G Datasheet HTML 1Page - ON Semiconductor NB3N5573DTR2G Datasheet HTML 2Page - ON Semiconductor NB3N5573DTR2G Datasheet HTML 3Page - ON Semiconductor NB3N5573DTR2G Datasheet HTML 4Page - ON Semiconductor NB3N5573DTR2G Datasheet HTML 5Page - ON Semiconductor NB3N5573DTR2G Datasheet HTML 6Page - ON Semiconductor NB3N5573DTR2G Datasheet HTML 7Page - ON Semiconductor NB3N5573DTR2G Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
NB3N5573
www.onsemi.com
4
Table 6. AC CHARACTERISTICS (VDD = 3.3 V ±10%, GND = 0 V, TA = −40°C to +85°C; Note 5)
Symbol
Characteristic
Min
Typ
Max
Unit
fCLKIN
Clock/Crystal Input Frequency
25
MHz
fCLKOUT
Output Clock Frequency
25
200
MHz
qNOISE
Phase−Noise Performance
fCLKx = 200 MHz/100 MHz
dBc/Hz
@ 100 Hz offset from carrier
−103/−109
@ 1 kHz offset from carrier
−118/−127.8
@ 10 kHz offset from carrier
−122/−136.2
@ 100 kHz offset from carrier
−130/−138.8
@ 1 MHz offset from carrier
−132/−138.2
@ 10 MHz offset from carrier
−149/−164
tJITTER
Period Jitter Peak−to−Peak (Note 6)
fCLKx = 200 MHz
10
20
ps
Period Jitter RMS (Note 6)
fCLKx = 200 MHz
1.5
3
Cycle−Cycle RMS Jitter (Note 7)
fCLKx = 200 MHz
2
5
Cycle−to−Cycle Peak to Peak Jitter (Note 7)
fCLKx = 200 MHz
20
35
ps
tJIT(F)
Additive Phase RMS Jitter, Integration Range 12 kHz to 20 MHz
0.4
ps
OE
Output Enable/Disable Time
10
ms
tDUTY_CYCLE
Output Clock Duty Cycle (Measured at cross point)
45
50
55
%
tR
Output Risetime (Measured from 175 mV to 525 mV, Figure 5)
175
340
700
ps
tF
Output Falltime (Measured from 525 mV to 175 mV, Figure 5)
175
340
700
ps
DtR
Output Risetime Variation (Single−Ended)
125
ps
DtF
Output Falltime Variation (Single−Ended)
125
ps
Stabilization
Time
Stabilization Time From Powerup VDD = 3.3 V
3.0
ms
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm.
5. Measurement taken from differential output on single−ended channel terminated with RS = 33.2 W, RL = 49.9 W, with test load capacitance
of 2 pF and current biasing resistor set at 475
W. See Figure 3.
6. Sampled with 10000 cycles.
7. Sampled with 1000 cycles.


Similar Part No. - NB3N5573DTR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB3N5573DTR2G ONSEMI-NB3N5573DTR2G Datasheet
114Kb / 7P
   3.3V, Crystal - To- HCSL Clock Generator
August, 2007 - Rev. 1
NB3N5573DTR2G ONSEMI-NB3N5573DTR2G Datasheet
88Kb / 7P
   3.3V, Crystal - To- HCSL Clock Generator
April, 2008 - Rev. 2
More results

Similar Description - NB3N5573DTR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB3N51032 ONSEMI-NB3N51032 Datasheet
290Kb / 13P
   Dual HCSL/LVDS Clock Generator
July, 2014 ??Rev. 1
NB3N51032 ONSEMI-NB3N51032_16 Datasheet
292Kb / 13P
   Dual HCSL/LVDS Clock Generator
April, 2016 ??Rev. 2
NB3N51032 ONSEMI-NB3N51032_17 Datasheet
612Kb / 13P
   Dual HCSL/LVDS Clock Generator
September, 2017 ??Rev. 3
NB3N3002 ONSEMI-NB3N3002_17 Datasheet
87Kb / 8P
   HCSL Clock Generator
May, 2017 ??Rev. 7
NB3N3002 ONSEMI-NB3N3002_13 Datasheet
126Kb / 8P
   HCSL Clock Generator
October, 2013 ??Rev. 6
logo
Integrated Device Techn...
8413S12B IDT-8413S12B Datasheet
845Kb / 33P
   HCSL/ LVCMOS Clock Generator
logo
Maxim Integrated Produc...
DS4100H MAXIM-DS4100H Datasheet
128Kb / 6P
   100MHz HCSL Clock Generator
Rev 0; 11/07
logo
Renesas Technology Corp
8413S12B RENESAS-8413S12B Datasheet
1Mb / 34P
   HCSL/ LVCMOS Clock Generator
August 18, 2016
8413S12BI-126 RENESAS-8413S12BI-126 Datasheet
952Kb / 30P
   HCSL/ LVCMOS Clock Generator
January 7, 2016
logo
Integrated Device Techn...
8413S12BI IDT-8413S12BI Datasheet
591Kb / 33P
   HCSL/ LVCMOS Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com