Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NB3N51032 Datasheet(PDF) 2 Page - ON Semiconductor

Part # NB3N51032
Description  Dual HCSL/LVDS Clock Generator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NB3N51032 Datasheet(HTML) 2 Page - ON Semiconductor

  NB3N51032 Datasheet HTML 1Page - ON Semiconductor NB3N51032 Datasheet HTML 2Page - ON Semiconductor NB3N51032 Datasheet HTML 3Page - ON Semiconductor NB3N51032 Datasheet HTML 4Page - ON Semiconductor NB3N51032 Datasheet HTML 5Page - ON Semiconductor NB3N51032 Datasheet HTML 6Page - ON Semiconductor NB3N51032 Datasheet HTML 7Page - ON Semiconductor NB3N51032 Datasheet HTML 8Page - ON Semiconductor NB3N51032 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
NB3N51032
www.onsemi.com
2
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
S0
S1
SS0
X1/CLK
X2
OE
GNDXD
SS1
VDDXD
CLK0
GNDODA
VDDODA
IREF
CLK0
Figure 2. Pin Configuration (Top View)
CLK1
CLK1
Table 1. PIN DESCRIPTION
Pin
Symbol
I/O
Description
1
S0
Input
LVTTL/LVCMOS frequency select input 0. Internal pullup resistor to VDDXD. See output
select table 2 for details.
2
S1
Input
LVTTL/LVCMOS frequency select input 1. Internal pullup resistor to VDDXD. See output
select Table 2 for details.
3
SS0
Input
LVTTL/LVCMOS Spread select input 0. Internal pullup resistor to VDDXD. See Spread se-
lection Table 3 for details.
4
X1/CLK
Input
Crystal or Clock input. Connect to 25 MHz crystal source or single−ended clock.
5
X2
Input
Crystal input. Connect to a 25 MHz crystal or leave unconnected for clock input.
6
OE
Input
Output enable tri−states output when connected to GND. Internal pullup resistor to VDDXD.
7
GNDXD
Power Supply
Ground 0 V. This pin provides GND return path for the device.
8
SS1
Input
LVTTL/LVCMOS Spread select input 1. Internal pullup resistor to VDDXD. See Spread se-
lection Table 3 for details.
9
IREF
Output
Output current reference pin. Precision resistor (typ. 475
W) is connected to set the output
current.
10
CLK1
HCSL or
LVDS Output
Inverted clock output. (For LVDS levels see Figure 10)
11
CLK1
HCSL or
LVDS Output
Noninverted clock output. (For LVDS levels see Figure 10)
12
VDDODA
Power Supply
Positive supply voltage pin connected to +3.3 V supply voltage.
13
GNDODA
Power Supply
Ground 0 V. These pins provide GND return path for the devices.
14
CLK0
HCSL or
LVDS Output
Inverted clock output. (For LVDS levels see Figure 10)
15
CLK0
HCSL or
LVDS Output
Noninverted clock output. (For LVDS levels see Figure 10)
16
VDDXD
Power Supply
Positive supply voltage pin connected to +3.3 V supply voltage.


Similar Part No. - NB3N51032

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB3N51032 ONSEMI-NB3N51032 Datasheet
290Kb / 13P
   Dual HCSL/LVDS Clock Generator
July, 2014 ??Rev. 1
NB3N51032 ONSEMI-NB3N51032 Datasheet
612Kb / 13P
   Dual HCSL/LVDS Clock Generator
September, 2017 ??Rev. 3
NB3N51032DTG ONSEMI-NB3N51032DTG Datasheet
290Kb / 13P
   Dual HCSL/LVDS Clock Generator
July, 2014 ??Rev. 1
NB3N51032DTG ONSEMI-NB3N51032DTG Datasheet
612Kb / 13P
   Dual HCSL/LVDS Clock Generator
September, 2017 ??Rev. 3
NB3N51032DTR2G ONSEMI-NB3N51032DTR2G Datasheet
290Kb / 13P
   Dual HCSL/LVDS Clock Generator
July, 2014 ??Rev. 1
More results

Similar Description - NB3N51032

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB3N51032 ONSEMI-NB3N51032 Datasheet
290Kb / 13P
   Dual HCSL/LVDS Clock Generator
July, 2014 ??Rev. 1
NB3N51032 ONSEMI-NB3N51032_17 Datasheet
612Kb / 13P
   Dual HCSL/LVDS Clock Generator
September, 2017 ??Rev. 3
NB3N51034 ONSEMI-NB3N51034 Datasheet
397Kb / 9P
   Quad HCSL/LVDS Clock Generator
October, 2013 ??Rev. 1
NB3N51034 ONSEMI-NB3N51034_17 Datasheet
440Kb / 12P
   Quad HCSL/LVDS Clock Generator
September, 2017 ??Rev. 3
NB3N51044 ONSEMI-NB3N51044_17 Datasheet
219Kb / 13P
   Quad HCSL / LVDS Clock Generator
September, 2017 ??Rev. 2
NB3N51054 ONSEMI-NB3N51054_18 Datasheet
164Kb / 15P
   Quad HCSL/LVDS PCIe Clock Generator
May, 2018 ??Rev. 5
NB3N5573 ONSEMI-NB3N5573_16 Datasheet
86Kb / 8P
   Dual HCSL Clock Generator
July, 2016 ??Rev. 10
NB3N3002 ONSEMI-NB3N3002_17 Datasheet
87Kb / 8P
   HCSL Clock Generator
May, 2017 ??Rev. 7
NB3N3002 ONSEMI-NB3N3002_13 Datasheet
126Kb / 8P
   HCSL Clock Generator
October, 2013 ??Rev. 6
logo
Integrated Device Techn...
8413S12B IDT-8413S12B Datasheet
845Kb / 33P
   HCSL/ LVCMOS Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com