Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K5V10043P Datasheet(PDF) 1 Page - ITT Industries

Part # K5V10043P
Description  Panel Mount Lighted Tact Switch
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

K5V10043P Datasheet(HTML) 1 Page - ITT Industries

  K5V10043P Datasheet HTML 1Page - ITT Industries K5V10043P Datasheet HTML 2Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Dimensions are shown: mm (inch)
Dimensions subject to change
www.ittcannon.com
B
B–48
K5V
Panel Mount Lighted Tact Switch
Features
Gold plated dome contact SPST/SPDT
Excellent ergonomie
High bright leds
Reduced space usage on
pannel
50 N overload
Lead free compliant
Mechanical
Specification
FUNCTION: momentary action
CONTACT ARRANGEMENT: Normally Open + Normally Closed
BACKLIGHTING: high bright LED, independent terminals
TERMINALS: Solder terminals with wire holes 1.3 x 0.6mm
1
) Tolerances of operating force FA is ± 25%.
Operating force
Operating
Travel (total
FA1 Newtons
life
travel)
Type
(grams)
(operations)
mm(mm)
K5V10033P
2.0 (200)
100,000
0.6 (2.5)
K5V10043P
4.5 (450)
30,000
1.2 (2.5)
Typical Applications
When backlighting and switch are
required to be a “2 in 1” component
The dome contact secures a superior
contact reliability in time
The ergonomie of K5V provides a long
travel, a sharp tactile feel and a sound
click
Electrical
POWER MIN/MAX: 0.02VA / 1.0VA
VOLTAGE MIN/MAX: 20mVdc – 32 Vdc
CURRENT MIN/MAX dc: 0.05mA (gold)– 100mA (silver)
CONTACT RESISTANCE: <100mOhms
INSULATION RESISTANCE: >1GOhms initial, >10MOhms after damp heat
BOUNCE TIME: <5ms
Environmental
OPERATING TEMPERATURE: -40 C TO 85 C
STORAGE TEMPERATURE: -50 C TO 85 C
RELATIVE HUMIDITY: 90 to 96% according to NF EN 60068-2-30
OVERLOAD: 50N min
Process
SOLDERING: Low wattage soldering iron (25-50 watts max.
Solder time 3 seconds max.
FLUX TIGHT. No wash.
LEAD FREE AND RoHs COMPLIANT
Materials
CONTACTS: Au over Ni
SOLDERING: Ag or Au
HOUSING: Thermoplastic UL94 HB
Packaging
70 pieces per tray
350 pieces per box
How To Order
Our easy build-a-switch concept allows you to mix and match options to create the switch you need. To order, select desired
option from each category and and place it in the appropriate box.
Actuator color/LED color
90
Black Actuator/No LED
YE
Translucid/Yellow
GN
Translucid/Green
RD
Translucid/Red
OG
Translucid/Orange
BU
Translucid/Blue
WH Translucid/White
YG
Translucid/Yellow-Green
RG
Translucid/Red-Green
Operating Force
2 2 N (200 grams)
4 4.5 N (450 grams)
Contact Material
1 Silver
3 Gold
Termination
P Panel Mount/Solder lugs
K
5
V
P
1
Photo Here
In process:
due 2 July, ‘04


Similar Part No. - K5V10043P

ManufacturerPart #DatasheetDescription
logo
ITT Industries
K5V10043G ITT-K5V10043G Datasheet
220Kb / 2P
   Right Angle Lighted SMT Tact Switch
K5V10043T ITT-K5V10043T Datasheet
461Kb / 2P
   Right Angle Lighted THT Tact Switch
More results

Similar Description - K5V10043P

ManufacturerPart #DatasheetDescription
logo
C&K Components
K5AT CK-COMPONENTS-K5AT Datasheet
448Kb / 2P
   Lighted SMT Tact Switch
logo
ITT Industries
K5V_SMT ITT-K5V_SMT Datasheet
220Kb / 2P
   Right Angle Lighted SMT Tact Switch
logo
C&K Components
K5V CK-COMPONENTS-K5V Datasheet
743Kb / 6P
   Right Angle Lighted SMT Tact Switch
logo
ITT Industries
K5V ITT-K5V Datasheet
740Kb / 6P
   Right Angle Lighted SMT Tact Switch
K5V_THT ITT-K5V_THT Datasheet
461Kb / 2P
   Right Angle Lighted THT Tact Switch
logo
C&K Components
K8WH41G CK-COMPONENTS-K8WH41G Datasheet
483Kb / 3P
   Lighted SMT Tact Switch with Rugged LED Mounting Process
logo
Omron Electronics LLC
A3C OMRON-A3C Datasheet
2Mb / 14P
   Pushbutton Switch (Lighted/Non-Lighted) (Cylindrical 12-dia.)
A16 OMRON-A16 Datasheet
6Mb / 28P
   Pushbutton Switch (Detachable) (Lighted/Non-Lighted) (Cylindrical 16-dia.)
logo
Suntan Capacitors
TSS-RP-0302 SUNTAN-TSS-RP-0302 Datasheet
151Kb / 1P
   TACT SWITCH
logo
List of Unclassifed Man...
IT-1102WA8-160G-G ETC-IT-1102WA8-160G-G Datasheet
1Mb / 7P
   Tact Switch
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com