Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SR310L Datasheet(PDF) 1 Page - Mospec Semiconductor

Part # SR310L
Description  Surface Mount Schottky Barrier rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSPEC [Mospec Semiconductor]
Direct Link  http://www.mospec.com.tw
Logo MOSPEC - Mospec Semiconductor

SR310L Datasheet(HTML) 1 Page - Mospec Semiconductor

  SR310L Datasheet HTML 1Page - Mospec Semiconductor SR310L Datasheet HTML 2Page - Mospec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MOSPEC
SR310L
Surface Mount
Schottky Barrier rectifiers
Using the Schottky Barrier principle with a Refractory metal capable of high
temperature operation metal.
The proprietary barrier technology allows for
reliable operation up to 150℃ junction temperature. Typical application are in
switching Mode Power Supplies such as adaptors, DC/DC converters, free-
wheeling and polarity protection diodes.
Features
Low Forward Voltage.
Low Switching noise.
High Current Capacity
Guarantee Reverse Avalanche.
Guard-Ring for Stress Protection.
Low Power Loss & High efficiency.
150℃ Operating Junction Temperature
Low Stored Charge Majority Carrier Conduction.
Plastic Material used Carries Underwriters Laboratory
Flammability Classification 94V-O
Moisture Sensitivity Level: MSL-1
In compliance with EU RoHs 2002/95/EC directives
SCHOTTKY
BARRIER
RECTIFIERS
3.0 AMPERES
100 VOLTS
DO-214AA(SMB)
MAXIMUM RATINGS
Characteristic
Symbol
SR310L
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
100
V
RMS Reverse Voltage
VR(RMS)
70
V
Average Rectifier Forward Current
IO
3.0
A
Non-Repetitive Peak Surge Current
(Surge applied at rate load conditions half-wave, single
phase,60Hz )
IFSM
75
A
Operating and Storage Junction Temperature Range
TJ , TSTG
-65 to +150
MILLIMETERS
DIM
MIN
MAX
A
3.30
3.90
B
4.20
4.60
C
1.80
2.20
D
5.10
5.60
E
1.90
2.50
F
1.30
G
THERMAL RESISTANCES
Typical Thermal Resistance junction from Junction
to ambient
Rθ j-A
30
/w
0.22
H
0.95
1.35
ELECTRICAL CHARACTERISTICS
SR310L
Characteristic
Symbol
Min.
Typ.
Max.
Unit
---
0.31
0.35
---
0.55
0.60
Maximum Instantaneous Forward Voltage
(IF =0.1 Amp)
(IF =1.5 Amp)
(IF =3.0 Amp)
VF
---
0.75
0.85
V
Maximum Instantaneous Reverse Current
(Rated DC Voltage, TC = 25℃)
(Rated DC Voltage, TC = 125℃)
IR
0.1
20
mA
Typical Junction Capacitance
(Reverse Voltage of 4 volts & f=1 MHz)
CP
150
PF
CASE---
Transfer molded
plastic
POLARITY---
Cathode indicated
polarity band


Similar Part No. - SR310L

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
SR310 MOSPEC-SR310 Datasheet
227Kb / 3P
   SCHOTTKY BARRIER RECTIFIERS(3.0A,70-100V)
logo
Taiwan Semiconductor Co...
SR310 TSC-SR310 Datasheet
208Kb / 4P
   Schottky Barrier Rectifier
logo
Jinan Gude Electronic D...
SR310 JGD-SR310 Datasheet
143Kb / 2P
   3.0 AMPS. SCHOTTKY BARRIER RECTIFIERS
logo
Won-Top Electronics
SR310 WTE-SR310 Datasheet
47Kb / 4P
   3.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
Taiwan Semiconductor Co...
SR310 TSC-SR310 Datasheet
66Kb / 2P
   3.0 AMPS. Schottky Barrier Rectifiers
More results

Similar Description - SR310L

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SK12 EIC-SK12 Datasheet
29Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SK32S EIC-SK32S Datasheet
12Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SKO2 EIC-SKO2 Datasheet
29Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Pan Jit International I...
SD320YS PANJIT-SD320YS_09 Datasheet
89Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SD820T PANJIT-SD820T_09 Datasheet
47Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Weitron Technology
B120L WEITRON-B120L Datasheet
100Kb / 3P
   Surface Mount Schottky Barrier Rectifiers
logo
Vishay Siliconix
MSS1P2L VISHAY-MSS1P2L_11 Datasheet
91Kb / 4P
   Surface Mount Schottky Barrier Rectifiers
Revision: 19-Apr-11
MSS1P3 VISHAY-MSS1P3_11 Datasheet
93Kb / 4P
   Surface Mount Schottky Barrier Rectifiers
Revision: 19-Apr-11
MSS2P2 VISHAY-MSS2P2_11 Datasheet
93Kb / 4P
   Surface Mount Schottky Barrier Rectifiers
Revision: 19-Apr-11
logo
Weitron Technology
B520B WEITRON-B520B_09 Datasheet
603Kb / 3P
   Surface Mount Schottky Barrier Rectifiers
logo
Vishay Siliconix
MSS1P5 VISHAY-MSS1P5 Datasheet
107Kb / 4P
   Surface Mount Schottky Barrier Rectifiers
Revision: 04-Aug-08
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com