Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L-483SRD Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # L-483SRD
Description  1.0x5.0x10.0mm RECTANGULAR LED LAMP
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

L-483SRD Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  L-483SRD Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
L-483XX
1.0x5.0x10.0mm RECTANGULAR LED LAMP
Chip
Electro-Optical Characteristics
Vf(V)20mA
Iv(mcd)10mA
Part No.
Raw
Material
Emitted
Color
Lens Color
Wave
Length
λp(nm)
Typ.
Max.
Typ.
View
Angle
(deg)
L-483HD
GaP
Red
Red Diffused
700
2.1
2.8
3.0
130
L-483GD
GaP
Green
Green Diffused
565
2.1
2.8
6.0
130
L-483YD
GaAsP/GaP
Yellow
Yellow Diffused
585
2.1
2.8
6.0
130
L-483ED
GaAsP/GaP
Hi.effi Red
Red Diffused
635
2.0
2.8
8.0
130
L-483SRD
GaAlAs
Super Red
Red Diffused
660
1.8
2.4
50.0
130
L-493XX
1.8x5.3x8.0mm RECTANGULAR LED LAMP
Chip
Electro-Optical Characteristics
Vf(V)20mA
Iv(mcd)10mA
Part No.
Raw
Material
Emitted
Color
Lens Color
Wave
Length
λp(nm)
Typ.
Max.
Typ.
View
Angle
(deg)
L-493HD
GaP
Red
Red Diffused
700
2.1
2.8
4.0
130
L-493GD
GaP
Green
Green Diffused
565
2.1
2.8
8.0
130
L-493YD
GaAsP/GaP
Yellow
Yellow Diffused
585
2.1
2.8
8.0
130
L-493ED
GaAsP/GaP
Hi.effi Red
Red Diffused
635
2.0
2.8
10.0
130
L-493SRD
GaAlAs
Super Red
Red Diffused
660
1.8
2.4
80.0
130
1.All dimension are in millimeters (inches).
2.Tolerance is ±0.25 mm (0.01”) unless otherwise specified.


Similar Part No. - L-483SRD

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
L-483SRSG KINGBRIGHT-L-483SRSG Datasheet
793Kb / 5P
   T-1 (3mm) CYLINDRICAL LED LAMPS
More results

Similar Description - L-483SRD

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MT112T-RG-A MARKTECH-MT112T-RG-A_15 Datasheet
136Kb / 6P
   RECTANGULAR LED LAMP
MT112T-RG-A MARKTECH-MT112T-RG-A Datasheet
136Kb / 6P
   RECTANGULAR LED LAMP
MT212T-G-A MARKTECH-MT212T-G-A Datasheet
188Kb / 5P
   RECTANGULAR LED LAMP
MT212T-G-A MARKTECH-MT212T-G-A_15 Datasheet
188Kb / 5P
   RECTANGULAR LED LAMP
logo
Siemens Semiconductor G...
LRB4801111 SIEMENS-LRB4801111 Datasheet
94Kb / 1P
   RECTANGULAR LED LAMP
logo
BetLux Electronics
BL-L2516SRC BETLUX-BL-L2516SRC Datasheet
91Kb / 3P
   Rectangular Type LED lamp
logo
Kingbright Corporation
WP113EDT KINGBRIGHT-WP113EDT Datasheet
260Kb / 6P
   2x5mm RECTANGULAR LED LAMP
WP1773ND KINGBRIGHT-WP1773ND Datasheet
74Kb / 3P
   1.75x3.9mm RECTANGULAR LED LAMP
WP113GDT KINGBRIGHT-WP113GDT Datasheet
77Kb / 3P
   2x5mm RECTANGULAR LED LAMP
WP113GDT KINGBRIGHT-WP113GDT_07 Datasheet
260Kb / 6P
   2x5mm RECTANGULAR LED LAMP
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com