Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RB-231X2 Datasheet(PDF) 1 Page - C&K Components

Part # RB-231X2
Description  Rolling Ball Sensor Switch
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

RB-231X2 Datasheet(HTML) 1 Page - C&K Components

  RB-231X2 Datasheet HTML 1Page - C&K Components RB-231X2 Datasheet HTML 2Page - C&K Components RB-231X2 Datasheet HTML 3Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
C
C
C
C
A
3
5
1
2
4
3
0.60
TYP.2
COMAX
3A
1.60
6.50
1.60
OFF
ON
OFF
ANTICLOCKWISE
CLOCKWISE
145˚
175˚
348˚ 358˚
353˚
160˚
215˚
185˚
2˚ 15˚
OFF
360˚
200˚
ON
0˚ 7˚
OFF
P
ANTI
CLOCKWISE
CLOCKWISE
ROTATE ANGLE
RB Series
Rolling Ball Sensor Switch
Features/Benefits
Different angle options to trigger
Ultra miniature design
Patent awarded
Typical Applications
Household goods
Electronic toys
Consumer electronics including
irons, portable heaters, games,
toys
Safety and security controls
ø 5
0.5
2.5
0.7
0.27
4.8
4.2
12.4
4.8
0.4
ø 1
PCB LAYOUT
Specifications
CONTACT ARRANGEMENT: SPST
SENSOR ANGLE: 0˚ to -10˚ scope inside, terminal to
disconnection electric current
MINIMUM VOLTAGE: 1 VDC 10mA (resistive load)
MAXIMUM VOLTAGE: 5 VDC 1mA (resistive load)
OPERATING LIFE: 100,000 cycles
INSULATION RESISTANCE: 1000 M
Ω min. @ 100 VDC
DIELECTRIC STRENGTH: 500 V AC (50-60 Hz)
OPERATING TEMPERATURE: –20ºC to +70ºC
Materials
FRAME: Copper alloy, nickel plated
COVER: PA 46 (UL94V-0).
MOVABLE CONTACT: Copper alloy, nickel plated
TERMINALS: Copper alloy, gold plated
BRASS BALL: Brass, gold plated
1P-1T
Specifications
CONTACT ARRANGEMENT: SPST
SENSOR ANGLE: 15˚ to 90˚ scope inside, terminal to
disconnection electric current
MINIMUM VOLTAGE: 1 VDC 10mA (resistive load)
MAXIMUM VOLTAGE: 5 VDC 1mA (resistive load)
OPERATING LIFE: 20,000 cycles (without load);
100,000 cycles with load
INSULATION RESISTANCE: 10 M
Ω min. @ 100 VDC
DIELECTRIC STRENGTH: 100 V AC (50-60Hz)
OPERATING TEMPERATURE: –10ºC to +50ºC
Materials
HOUSING: PA
COVER: PA
BALL: Gold plated
500 pieces
RB-220-07 R
PACKAGING
PART NUMBER
1,000 pieces
RB-231X2
PACKAGING
PART NUMBER
E–46
Dimensions are shown: mm
Specifications and dimensions subject to change
www.ck-components.com
E


Similar Part No. - RB-231X2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RB-231X2 ETC2-RB-231X2 Datasheet
81Kb / 1P
   ROLLING BALL SENSOR
More results

Similar Description - RB-231X2

ManufacturerPart #DatasheetDescription
logo
C&K Components
RB CK-COMPONENTS-RB Datasheet
244Kb / 2P
   Rolling Ball Sensor Switch
7 Jul 22
logo
List of Unclassifed Man...
RB-231X2 ETC2-RB-231X2 Datasheet
81Kb / 1P
   ROLLING BALL SENSOR
logo
Cypress Semiconductor
IBIS4-1300 CYPRESS-IBIS4-1300 Datasheet
1Mb / 37P
   1.3 MPxl Rolling Shutter CMOS Image Sensor
IBIS4-1300 CYPRESS-IBIS4-1300_09 Datasheet
1Mb / 37P
   1.3 MPxl Rolling Shutter CMOS Image Sensor
logo
Holtek Semiconductor In...
HT6P60 HOLTEK-HT6P60 Datasheet
370Kb / 9P
   Rolling Encoder
logo
Cypress Semiconductor
CYII4SM1300AA CYPRESS-CYII4SM1300AA Datasheet
1Mb / 35P
   IBIS4-1300 1.3 MPxl Rolling Shutter CMOS Image Sensor
logo
ON Semiconductor
NOIM1SM9600A ONSEMI-NOIM1SM9600A Datasheet
569Kb / 66P
   MANO 9600 9.6 MegaPixel Rolling Shutter CMOS Image Sensor
February, 2014 ??Rev. P0
logo
Cypress Semiconductor
IBIS4-6600 CYPRESS-IBIS4-6600 Datasheet
1Mb / 63P
   High resolution 6.6 M Pixel Rolling shutter CMOS Image sensor
logo
Princeton Technology Co...
PT2282 PTC-PT2282 Datasheet
88Kb / 3P
   Programmable Rolling Code Encoder IC
PT2283 PTC-PT2283 Datasheet
814Kb / 5P
   Programmable Rolling Code Encoder IC
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com