Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IB048Q096T70N3-00 Datasheet(PDF) 2 Page - Vicor Corporation

Part # IB048Q096T70N3-00
Description  5:1 Intermediate Bus Converter Module: Up to 750W Output
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

IB048Q096T70N3-00 Datasheet(HTML) 2 Page - Vicor Corporation

  IB048Q096T70N3-00 Datasheet HTML 1Page - Vicor Corporation IB048Q096T70N3-00 Datasheet HTML 2Page - Vicor Corporation IB048Q096T70N3-00 Datasheet HTML 3Page - Vicor Corporation IB048Q096T70N3-00 Datasheet HTML 4Page - Vicor Corporation IB048Q096T70N3-00 Datasheet HTML 5Page - Vicor Corporation IB048Q096T70N3-00 Datasheet HTML 6Page - Vicor Corporation IB048Q096T70N3-00 Datasheet HTML 7Page - Vicor Corporation IB048Q096T70N3-00 Datasheet HTML 8Page - Vicor Corporation IB048Q096T70N3-00 Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
IBC Module
Rev 1.2
vicorpower.com
Page 2 of 18
09/2016
800 927.9474
IB0xxQ096T70xx-xx
Absolute Maximum Ratings
The absolute maximum ratings below are stress ratings only. Operation at or beyond these maximum ratings can cause permanent damage to the device.
Parameter
Comments
Min
Max
Unit
Input voltage (+IN to –IN)
See Input Range Specific Characteristics for details
-0.5
75
VDC
Input voltage slew rate
5
V / µs
EN to –IN
-0.5
20
VDC
Output voltage (+OUT to –OUT)
See OVP setpoint max
-0.5
(see note)
VDC
Output current
POUT ≤ 750W
70
A
Dielectric withstand
Input to output
1min
2250
1500 for IB048x
VDC
Output to baseplate
1min
707
Temperature
Operating junction
Hottest semiconductor
-40
125
ºC
Operating baseplate
-40
100
Storage
-55
125
Attribute
Symbol
Conditions / Notes
Min
Typ
Max
Unit
Input Range Specific Characteristics
Part Number IB048Q096T70xx-xx
Operating input voltage
38
48
55
VDC
Non-operating input surge withstand
< 100ms
75
VDC
Operating input dV / dt
0.003
5
V / µs
Undervoltage protection
Turn–on
33
38
VDC
Turn–off
31
36
VDC
Turn–on / turn–off hysteresis
2
VDC
Time constant
7
µs
Undervoltage blanking time
UV blanking time is enabled after start up
50
100
200
µs
Overvoltage protection
Turn–off
60
64
VDC
Turn–on
55
64
VDC
Time constant
4
µs
DC output voltage band
No load, over VIN range
7.6
9.6
11.0
VDC
Output OVP set point
Module will shut down
12.0
12.8
VDC
Dielctric withstand
Input to output and input to baseplate; 1min
1500
VDC
Output to baseplate
707
Insulation resistance
Input to output
30
Electrical Specifications
Specifications valid at 48VIN, 100% rated load and 25ºC ambient, unless otherwise indicated.


Similar Part No. - IB048Q096T70N3-00

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
IB048Q096T70N3-BP VICOR-IB048Q096T70N3-BP Datasheet
1Mb / 14P
   5:1 Intermediate Bus Converter Module: Up to 750 W Output
IB048Q096T70N3-OO VICOR-IB048Q096T70N3-OO Datasheet
1Mb / 14P
   5:1 Intermediate Bus Converter Module: Up to 750 W Output
More results

Similar Description - IB048Q096T70N3-00

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
IB054E096T40N1-00 VICOR-IB054E096T40N1-00 Datasheet
977Kb / 13P
   5:1 Intermediate Bus Converter Module: Up to 300 W Output
IB050E096T40N1-00 VICOR-IB050E096T40N1-00 Datasheet
1Mb / 13P
   5:1 Intermediate Bus Converter Module: Up to 300 W Output
IB054Q096T64N1-00 VICOR-IB054Q096T64N1-00 Datasheet
1Mb / 14P
   5:1 Intermediate Bus Converter Module: Up to 650 W Output
IB050Q096T70N1-00 VICOR-IB050Q096T70N1-00 Datasheet
2Mb / 14P
   5:1 Intermediate Bus Converter Module: Up to 750 W Output
IB048E096T40N1-00 VICOR-IB048E096T40N1-00 Datasheet
1Mb / 13P
   5:1 Intermediate Bus Converter Module: Up to 300 W Output
IB048E096T48N1-00 VICOR-IB048E096T48N1-00 Datasheet
992Kb / 13P
   5:1 Intermediate Bus Converter Module: Up to 500 W Output
IB048Q096T64N1-00 VICOR-IB048Q096T64N1-00 Datasheet
1Mb / 14P
   5:1 Intermediate Bus Converter Module: Up to 650 W Output
IB048Q096T70N1-00 VICOR-IB048Q096T70N1-00 Datasheet
1Mb / 14P
   5:1 Intermediate Bus Converter Module: Up to 750 W Output
IB054E096T48N1-00 VICOR-IB054E096T48N1-00 Datasheet
1,002Kb / 13P
   5:1 Intermediate Bus Converter Module: Up to 500 W Output
IB054Q096T70N1-00 VICOR-IB054Q096T70N1-00 Datasheet
1Mb / 14P
   5:1 Intermediate Bus Converter Module: Up to 750 W Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com