Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI3106-00-HVMZ Datasheet(PDF) 10 Page - Vicor Corporation

Part # PI3106-00-HVMZ
Description  24VIN, 5V and 12VOUT, ZVS Isolated Converter Module Family
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

PI3106-00-HVMZ Datasheet(HTML) 10 Page - Vicor Corporation

Back Button PI3106-00-HVMZ Datasheet HTML 6Page - Vicor Corporation PI3106-00-HVMZ Datasheet HTML 7Page - Vicor Corporation PI3106-00-HVMZ Datasheet HTML 8Page - Vicor Corporation PI3106-00-HVMZ Datasheet HTML 9Page - Vicor Corporation PI3106-00-HVMZ Datasheet HTML 10Page - Vicor Corporation PI3106-00-HVMZ Datasheet HTML 11Page - Vicor Corporation PI3106-00-HVMZ Datasheet HTML 12Page - Vicor Corporation PI3106-00-HVMZ Datasheet HTML 13Page - Vicor Corporation PI3106-00-HVMZ Datasheet HTML 14Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
24 Volt
Rev 1.4
vicorpower.com
Page 10 of 18
02/2015
800 927.9474
PI31xx-01-HVIZ
Figure 8 — Transient Response (VIN = 24V, IOUT = 5 – 10A,
0.1A/µs, COUT = 6 X 10µF X7R Ceramic)
Figure 7 — Start Up CREF = 0 (VIN = 36V, IOUT = 10A, CR,
COUT = 6 X 10µF X7R Ceramic)
Figure 9 — Output Ripple (VIN = 24V, IOUT = 10A, CR,
COUT = 6 X 10µF X7R Ceramic)
Figure 10 — Thermal Image (VIN = 24V, IOUT = 10A, CR,
0LFM Evaluation PCB)
PI3109-01-HVIZ Electrical Characteristics


Similar Part No. - PI3106-00-HVMZ

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
PI3106-00-HVMZ VICOR-PI3106-00-HVMZ Datasheet
552Kb / 15P
   16-50V Input, 12V / 4.2A / 50W Output Very High Density Isolated DC-DC Converter (334W/in3)
PI3106-00-HVMZ VICOR-PI3106-00-HVMZ Datasheet
3Mb / 22P
   Cool-Power ZVS Isolated DC-DC Converter Modules
PI3106-00-HVMZ VICOR-PI3106-00-HVMZ Datasheet
3Mb / 22P
   Cool-Power ZVS Isolated DC-DC Converter Modules
PI3106-00-HVMZ VICOR-PI3106-00-HVMZ Datasheet
4Mb / 26P
   Cool-Power ZVS Isolated DC-DC Converter Modules
PI3106-00-HVMZ VICOR-PI3106-00-HVMZ Datasheet
2Mb / 18P
   Cool-Power ZVS Isolated DC-DC Converter Modules
More results

Similar Description - PI3106-00-HVMZ

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
PI31XX-01-HVIZ VICOR-PI31XX-01-HVIZ_18 Datasheet
949Kb / 18P
   24VIN, 5V and 12VOUT, ZVS Isolated Converter Module Family
V24A12C400B VICOR-V24A12C400B Datasheet
150Kb / 8P
   24Vin / 12Vout / 400Watts DC-DC Converter Module
V24A12C400A VICOR-V24A12C400A Datasheet
195Kb / 8P
   24Vin / 12Vout / 400Watts DC-DC Converter Module
V24B12C200B VICOR-V24B12C200B Datasheet
146Kb / 8P
   24Vin / 12Vout / 200Watts DC-DC Converter Module
PI31XX-00-HVMZ VICOR-PI31XX-00-HVMZ Datasheet
1Mb / 26P
   28VIN, 3.3 to 15VOUT, ZVS Isolated Converter Module Family
PI31XX-00-HVMZ VICOR-PI31XX-00-HVMZ_18 Datasheet
1Mb / 26P
   28VIN, 3.3 to 15VOUT, ZVS Isolated Converter Module Family
PI31XX-0X-HVIZ VICOR-PI31XX-0X-HVIZ Datasheet
1Mb / 22P
   48VIN and 3.3 ??18VOUT, ZVS Isolated DC-DC Converter Modules
V24A48C400B VICOR-V24A48C400B Datasheet
151Kb / 8P
   24Vin / 48Vout / 400Watts DC-DC Converter Module
V375A12C600B VICOR-V375A12C600B Datasheet
150Kb / 8P
   375Vin / 12Vout / 600Watts DC-DC Converter Module
V24B5C200B VICOR-V24B5C200B Datasheet
145Kb / 8P
   24Vin / 5Vout / 200Watts DC-DC Converter Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com