Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI3109-01-HVIZ Datasheet(PDF) 8 Page - Vicor Corporation

Part # PI3109-01-HVIZ
Description  28VIN, 3.3 to 15VOUT, ZVS Isolated Converter Module Family
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

PI3109-01-HVIZ Datasheet(HTML) 8 Page - Vicor Corporation

Back Button PI3109-01-HVIZ Datasheet HTML 4Page - Vicor Corporation PI3109-01-HVIZ Datasheet HTML 5Page - Vicor Corporation PI3109-01-HVIZ Datasheet HTML 6Page - Vicor Corporation PI3109-01-HVIZ Datasheet HTML 7Page - Vicor Corporation PI3109-01-HVIZ Datasheet HTML 8Page - Vicor Corporation PI3109-01-HVIZ Datasheet HTML 9Page - Vicor Corporation PI3109-01-HVIZ Datasheet HTML 10Page - Vicor Corporation PI3109-01-HVIZ Datasheet HTML 11Page - Vicor Corporation PI3109-01-HVIZ Datasheet HTML 12Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
28 Volt - M Grade
Rev 1.6
vicorpower.com
Page 8 of 26
02/2015
800 927.9474
PI31xx-00-HVMZ
[
1] These parameters are not production tested but are guaranteed by design, characterization and correlation with statistical process control.
Unless otherwise specified, ATE tests are completed at room temperature.
[2] Current flow sourced by a pin has a negative sign.
PI3108-00-HVMZ Electrical Characteristics
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
ENABLE
DC Voltage Reference Output
VERO
4.65
4.9
5.15
VDC
Output Current Limit [2]
IECL
ENABLE = 3.3V
-3.3
-2.6
-1.9
mADC
Start Up Current Limit [2]
IESL
ENABLE = 1V
-120
-90
-60
µA
Module Enable Voltage
VEME
1.95
2.5
3.05
VDC
Module Disable Voltage
VEMD
2.35
VDC
Disable Hysteresis
VEDH
150
mV
Enable Delay Time
tEE
10
µs
Disable Delay Time
tED
10
µs
Maximum Capacitance
CEC
1500
pF
Maximum External Toggle Rate
fEXT
1
Hz
TRIM/SS
Trim Voltage Reference
VREF
1.240
VDC
Internal Capacitance
CREFI
10
nF
External Capacitance
CREF
0.22
µF
Internal Resistance
RREFI
10
TM (Temperature Monitor)
Temperature Coefficient [1]
TMTC
10
mV / ºK
Temperature Full Range Accuracy [1]
TMACC
-5
5
ºK
Drive Capability
ITM
-100
µA
TM Output Setting
VTM
Ambient Temperature = 300ºK
3.00
V
Thermal Specification
Junction Temperature Shutdown [1]
TMAX
130
135
140
ºC
Junction-to-Case Thermal Impedance
R
ΘJ-C
3
ºC / W
Case-to-Ambient Thermal Impedance
R
ΘC-A
Mounted on 9in2 1oz. Cu 6 layer PCB 25°C
9.6
ºC / W
Regulatory Specification
IEC 60950-1:2005 (2nd Edition)
EN 60950-1:2006
IEC 61000-4-2
UL60950-1:2007
CAN/CSA C22.2 NO. 60950-1-07
Recommended Input Fuse Rating
IFUSE
Fast acting LITTLEFUSE Nano2 Series Fuse
4
10
A


Similar Part No. - PI3109-01-HVIZ

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
PI3109-01-HVIZ VICOR-PI3109-01-HVIZ Datasheet
3Mb / 22P
   Cool-Power ZVS Isolated DC-DC Converter Modules
PI3109-01-HVIZ VICOR-PI3109-01-HVIZ Datasheet
3Mb / 22P
   Cool-Power ZVS Isolated DC-DC Converter Modules
PI3109-01-HVIZ VICOR-PI3109-01-HVIZ Datasheet
4Mb / 26P
   Cool-Power ZVS Isolated DC-DC Converter Modules
PI3109-01-HVIZ VICOR-PI3109-01-HVIZ Datasheet
2Mb / 18P
   Cool-Power ZVS Isolated DC-DC Converter Modules
PI3109-01-HVIZ VICOR-PI3109-01-HVIZ Datasheet
966Kb / 18P
   24VIN, 5V and 12VOUT, ZVS Isolated Converter Module Family
More results

Similar Description - PI3109-01-HVIZ

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
PI31XX-00-HVMZ VICOR-PI31XX-00-HVMZ_18 Datasheet
1Mb / 26P
   28VIN, 3.3 to 15VOUT, ZVS Isolated Converter Module Family
PI31XX-01-HVIZ VICOR-PI31XX-01-HVIZ Datasheet
966Kb / 18P
   24VIN, 5V and 12VOUT, ZVS Isolated Converter Module Family
PI31XX-01-HVIZ VICOR-PI31XX-01-HVIZ_18 Datasheet
949Kb / 18P
   24VIN, 5V and 12VOUT, ZVS Isolated Converter Module Family
PI31XX-0X-HVIZ VICOR-PI31XX-0X-HVIZ Datasheet
1Mb / 22P
   48VIN and 3.3 ??18VOUT, ZVS Isolated DC-DC Converter Modules
V48A15C500B VICOR-V48A15C500B Datasheet
150Kb / 8P
   48Vin / 15Vout / 500Watts DC-DC Converter Module
V300A15C500B VICOR-V300A15C500B Datasheet
151Kb / 8P
   300Vin / 15Vout / 500Watts DC-DC Converter Module
V48C15C150B VICOR-V48C15C150B Datasheet
173Kb / 8P
   48Vin / 15Vout / 150Watts DC-DC Converter Module
V375B15C300B VICOR-V375B15C300B Datasheet
149Kb / 8P
   375Vin / 15Vout / 300Watts DC-DC Converter Module
V375C15C150B VICOR-V375C15C150B Datasheet
142Kb / 8P
   375Vin / 15Vout / 150Watts DC-DC Converter Module
V300B15C250B VICOR-V300B15C250B Datasheet
145Kb / 8P
   300Vin / 15Vout / 250Watts DC-DC Converter Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com