Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IB050Q096T70P1-00 Datasheet(PDF) 5 Page - Vicor Corporation

Part # IB050Q096T70P1-00
Description  5:1 Intermediate Bus Converter Module: Up to 750W Output
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

IB050Q096T70P1-00 Datasheet(HTML) 5 Page - Vicor Corporation

  IB050Q096T70P1-00 Datasheet HTML 1Page - Vicor Corporation IB050Q096T70P1-00 Datasheet HTML 2Page - Vicor Corporation IB050Q096T70P1-00 Datasheet HTML 3Page - Vicor Corporation IB050Q096T70P1-00 Datasheet HTML 4Page - Vicor Corporation IB050Q096T70P1-00 Datasheet HTML 5Page - Vicor Corporation IB050Q096T70P1-00 Datasheet HTML 6Page - Vicor Corporation IB050Q096T70P1-00 Datasheet HTML 7Page - Vicor Corporation IB050Q096T70P1-00 Datasheet HTML 8Page - Vicor Corporation IB050Q096T70P1-00 Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
IBC Module
Rev 1.2
vicorpower.com
Page 5 of 18
09/2016
800 927.9474
IB0xxQ096T70xx-xx
Attribute
Symbol
Conditions / Notes
Min
Typ
Max
Unit
Common Input Specifications
Turn ON delay
Start-up inhibit
VIN reaching turn-on voltage to enable
function operational, see Figure 7
20
25
30
ms
Turn-on delay
Enable to 10% VOUT; pre-applied VIN,
0 load capacitance, see Figure 8
75
µs
Output voltage rise time
From 10% to 90% VOUT, 10% load,
0 load capacitance
50
µs
Restart turn-on delay
See page 14 for restart after EN pin disable
250
ms
No load power dissipation
Enabled
2.5
3.5
W
Disabled
0.12
0.15
W
Input current
Low line, full load
14.1
A
Inrush current overshoot
Using test circuit in Figure 22, 15% load, high line
10.5
A
Input reflected ripple current
At max power;
Using test circuit in Figure 23; see Figure 6
750
mArms
Peak short circuit input current
40
A
Repetitive short circuit peak current
25
A
Internal input capacitance
17.6
µF
Internal input inductance
5
nH
Recommended external
input capacitance
200nH maximum source inductance
47
470
µF
Electrical Specifications (Cont.)
Specifications valid at 48VIN, 100% rated load and 25ºC ambient, unless otherwise indicated.


Similar Part No. - IB050Q096T70P1-00

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
IB050Q096T70N1-00 VICOR-IB050Q096T70N1-00 Datasheet
2Mb / 14P
   5:1 Intermediate Bus Converter Module: Up to 750 W Output
IB050Q096T70N1-CB VICOR-IB050Q096T70N1-CB Datasheet
1Mb / 5P
   VI BRICK짰 IBC Customer Evaluation Board
More results

Similar Description - IB050Q096T70P1-00

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
IB054E096T40N1-00 VICOR-IB054E096T40N1-00 Datasheet
977Kb / 13P
   5:1 Intermediate Bus Converter Module: Up to 300 W Output
IB050E096T40N1-00 VICOR-IB050E096T40N1-00 Datasheet
1Mb / 13P
   5:1 Intermediate Bus Converter Module: Up to 300 W Output
IB054Q096T64N1-00 VICOR-IB054Q096T64N1-00 Datasheet
1Mb / 14P
   5:1 Intermediate Bus Converter Module: Up to 650 W Output
IB050Q096T70N1-00 VICOR-IB050Q096T70N1-00 Datasheet
2Mb / 14P
   5:1 Intermediate Bus Converter Module: Up to 750 W Output
IB048E096T40N1-00 VICOR-IB048E096T40N1-00 Datasheet
1Mb / 13P
   5:1 Intermediate Bus Converter Module: Up to 300 W Output
IB048E096T48N1-00 VICOR-IB048E096T48N1-00 Datasheet
992Kb / 13P
   5:1 Intermediate Bus Converter Module: Up to 500 W Output
IB048Q096T64N1-00 VICOR-IB048Q096T64N1-00 Datasheet
1Mb / 14P
   5:1 Intermediate Bus Converter Module: Up to 650 W Output
IB048Q096T70N1-00 VICOR-IB048Q096T70N1-00 Datasheet
1Mb / 14P
   5:1 Intermediate Bus Converter Module: Up to 750 W Output
IB054E096T48N1-00 VICOR-IB054E096T48N1-00 Datasheet
1,002Kb / 13P
   5:1 Intermediate Bus Converter Module: Up to 500 W Output
IB054Q096T70N1-00 VICOR-IB054Q096T70N1-00 Datasheet
1Mb / 14P
   5:1 Intermediate Bus Converter Module: Up to 750 W Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com