Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

400EB0000 Datasheet(PDF) 5 Page - C&K Components

Part # 400EB0000
Description  Illuminated Tact Switch
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

400EB0000 Datasheet(HTML) 5 Page - C&K Components

  400EB0000 Datasheet HTML 1Page - C&K Components 400EB0000 Datasheet HTML 2Page - C&K Components 400EB0000 Datasheet HTML 3Page - C&K Components 400EB0000 Datasheet HTML 4Page - C&K Components 400EB0000 Datasheet HTML 5Page - C&K Components 400EB0000 Datasheet HTML 6Page - C&K Components 400EB0000 Datasheet HTML 7Page - C&K Components 400EB0000 Datasheet HTML 8Page - C&K Components 400EB0000 Datasheet HTML 9Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
B–105
Dimensions are shown: mm
Specifications and dimensions subject to change
www.ck-components.com
B
ITS Series
Illuminated Tact Switch
MOUNTING STYLES
100
R1 - Right Angle; Thru-hole
6.8
3.3±0.05
3.3
0.7 TYP
2.5
7
3.5
6.3
1.2
98°
3.1
2.9
2.5
0.3 TYP
4.5
4.5
6.3
2.5
2.5
6X
1
4
4.6
2.5
1
2
3
4
L1
L2
COLOR 1
COLOR 2
TACT
LED
ELECTRICAL SCHEMATIC
L1
L2
2
4
1
3
P.C.B. LAYOUT
L1
L2
1
3
2
4
-A-
-A-
DOT SHOWING LED COLOR IS
MARKED FOR MINUS POLE (CATHODE)
SEE SCHEMATIC
5.95 REF
R2 - Right Angle; Thru-hole 2.5mm leads
2.5
5
5X
1
8.3
7.5
7
4.5
6.3
0.7
0.4
9.7
7.4
2.5 TYP
4.5
6.3
5
0.3 TYP
3.5
6.4
2.7
4
4.6
1
2
3
4
L1
L2
COLOR 1
COLOR 2
TACT
LED
ELECTRICAL SCHEMATIC
L2
L1
3
1
4
2
P.C.B.LAYOUT
L2
L1
3
1
4
2
DOT SHOWING LED
COLOR IS MARKED
FOR MINUS POLE
(CATHODE)
SEE SCHEMATIC
5.85
TRAY PACKAGING: 200 PIECES
TRAY PACKAGING: 200 PIECES


Similar Part No. - 400EB0000

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
400EBAAA0 ONSEMI-400EBAAA0 Datasheet
4Mb / 47P
   Fixed Frequency Current Mode Controller for Flyback Converters
February, 2022 - Rev. 8
400EBAAA1 ONSEMI-400EBAAA1 Datasheet
4Mb / 47P
   Fixed Frequency Current Mode Controller for Flyback Converters
February, 2022 - Rev. 8
400EBAAA2 ONSEMI-400EBAAA2 Datasheet
4Mb / 47P
   Fixed Frequency Current Mode Controller for Flyback Converters
February, 2022 - Rev. 8
400EBAAB0 ONSEMI-400EBAAB0 Datasheet
4Mb / 47P
   Fixed Frequency Current Mode Controller for Flyback Converters
February, 2022 - Rev. 8
400EBAAB1 ONSEMI-400EBAAB1 Datasheet
4Mb / 47P
   Fixed Frequency Current Mode Controller for Flyback Converters
February, 2022 - Rev. 8
More results

Similar Description - 400EB0000

ManufacturerPart #DatasheetDescription
logo
C&K Components
ITS CK-COMPONENTS-ITS_V02 Datasheet
850Kb / 9P
   Illuminated Tact Switch
3 Dec 21
ITS CK-COMPONENTS-ITS_V01 Datasheet
851Kb / 9P
   Illuminated Tact Switch
2021
K5V CK-COMPONENTS-K5V_V01 Datasheet
782Kb / 5P
   Illuminated Tact Switch
13 May 22
logo
E-SWITCH
TL1220 E-SWITCH-TL1220 Datasheet
1Mb / 3P
   ILLUMINATED TACT SWITCH
logo
C&K Components
K5AT CK-COMPONENTS-K5AT_V01 Datasheet
341Kb / 2P
   Illuminated SMT Tact Switch
10 jan 18
logo
E-SWITCH
TL1250 E-SWITCH-TL1250 Datasheet
175Kb / 1P
   ILLUMInATED RIGhT AnGLE TACT SWITCh
logo
C&K Components
K8 CK-COMPONENTS-K8 Datasheet
367Kb / 2P
   Illuminated SMT Tact Switch with Dedicated LED
10 jan 18
logo
E-SWITCH
TL1240 E-SWITCH-TL1240 Datasheet
203Kb / 2P
   TACT SWITCHES ILLUMINATED
TL1290 E-SWITCH-TL1290 Datasheet
242Kb / 1P
   TACT SWITCHES ILLUMINATED - RIGHT ANGLE
logo
Suntan Capacitors
TSS-RP-0302 SUNTAN-TSS-RP-0302 Datasheet
151Kb / 1P
   TACT SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com