Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

INA198AIDBVT Datasheet(PDF) 7 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # INA198AIDBVT
Description  CURRENT SHUNT MONITOR
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

INA198AIDBVT Datasheet(HTML) 7 Page - Burr-Brown (TI)

Back Button INA198AIDBVT Datasheet HTML 3Page - Burr-Brown (TI) INA198AIDBVT Datasheet HTML 4Page - Burr-Brown (TI) INA198AIDBVT Datasheet HTML 5Page - Burr-Brown (TI) INA198AIDBVT Datasheet HTML 6Page - Burr-Brown (TI) INA198AIDBVT Datasheet HTML 7Page - Burr-Brown (TI) INA198AIDBVT Datasheet HTML 8Page - Burr-Brown (TI) INA198AIDBVT Datasheet HTML 9Page - Burr-Brown (TI) INA198AIDBVT Datasheet HTML 10Page - Burr-Brown (TI) INA198AIDBVT Datasheet HTML 11Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
INA193,INA194
INA195,INA196
INA197,INA198
SBOS307B − MAY 2004 − REVISED JUNE 2004
www.ti.com
7
APPLICATIONS INFORMATION
BASIC CONNECTION
Figure 1 shows the basic connection of the INA19x. The
input pins, VIN+ and VIN−, should be connected as closely
as possible to the shunt resistor to minimize any resistance
in series with the shunt resistance.
Power-supply bypass capacitors are required for stability.
Applications with noisy or high impedance power supplies
may require additional decoupling capacitors to reject
power-supply noise. Connect bypass capacitors close to
the device pins.
RS
Load
VIN+
−16Vto+36V
IS
VIN+
V
IN
+2.7V to +13.5V
V+
OUT
INA193 −INA198
5k
5k
Figure 1. INA19x Basic Connection
POWER SUPPLY
The input circuitry of the INA19x can accurately measure
beyond its power-supply voltage, V+. For example, the V+
power supply can be 5V, whereas the load power-supply
voltage is up to +36V. The output voltage range of the OUT
terminal, however, is limited by the voltages on the
power-supply pin.
SELECTING RS
The value chosen for the shunt resistor, RS, depends on
the application and is a compromise between small-signal
accuracy and maximum permissible voltage loss in the
measurement line. High values of RS provide better
accuracy at lower currents by minimizing the effects of
offset, while low values of RS minimize voltage loss in the
supply line. For most applications, best performance is
attained with an RS value that provides a full-scale shunt
voltage range of 50mV to 100mV. Maximum input voltage
for accurate measurements is 500mV.
TRANSIENT PROTECTION
The −16V to +36V common-mode range of the INA19x is
ideal for withstanding automotive fault conditions ranging
from 12V battery reversal up to +36V transients, since no
additional protective components are needed up to those
levels. In the event that the INA19x is exposed to
transients on the inputs in excess of its ratings, then
external transient absorption with semiconductor transient
absorbers (zeners or Transzorbs) will be necessary. Use
of MOVs or VDRs is not recommended except when they
are used in addition to a semiconductor transient absorber.
Select the transient absorber such that it will never allow
the INA19x to be exposed to transients greater than +36V
(that is, allow for transient absorber tolerance, as well as
additional voltage due to transient absorber dynamic
impedance). Despite the use of internal zener-type ESD
protection, the INA19x does not lend itself to using external
resistors in series with the inputs since the internal gain
resistors can vary up to
±30%. (If gain accuracy is not
important, then resistors can be added in series with the
INA19x inputs with two equal resistors on each input.)
OUTPUT VOLTAGE RANGE
The output of the INA19x is accurate within the output
voltage swing range set by the power supply pin, V+. This
is best illustrated when using the INA195 or INA198 (which
are both versions using a gain of 100), where a 100mV
full-scale input from the shunt resistor requires an output
voltage swing of +10V, and a power-supply voltage
sufficient to achieve +10V on the output.


Similar Part No. - INA198AIDBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA198AIDBVT TI1-INA198AIDBVT Datasheet
513Kb / 24P
[Old version datasheet]   CURRENT SHUNT MONITOR ??6V to 80V Common-Mode Range
INA198AIDBVT TI1-INA198AIDBVT Datasheet
1Mb / 33P
[Old version datasheet]   Current Shunt Monitor ??6 V to 80 V Common-Mode Range
INA198AIDBVT TI1-INA198AIDBVT Datasheet
1Mb / 33P
[Old version datasheet]   Current Shunt Monitor ??6 V to 80 V Common-Mode Range
INA198AIDBVTG4 TI1-INA198AIDBVTG4 Datasheet
513Kb / 24P
[Old version datasheet]   CURRENT SHUNT MONITOR ??6V to 80V Common-Mode Range
INA198AIDBVTG4 TI1-INA198AIDBVTG4 Datasheet
1Mb / 33P
[Old version datasheet]   Current Shunt Monitor ??6 V to 80 V Common-Mode Range
More results

Similar Description - INA198AIDBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA199-Q1 TI1-INA199-Q1 Datasheet
1Mb / 27P
[Old version datasheet]   Current-Shunt Monitor
INA282-Q1 TI1-INA282-Q1_15 Datasheet
1Mb / 34P
[Old version datasheet]   Current Shunt Monitor
logo
Analog Devices
AD8215 AD-AD8215_11 Datasheet
234Kb / 16P
   High Voltage, Current Shunt Monitor
REV. A
logo
Texas Instruments
INA199 TI1-INA199 Datasheet
1Mb / 34P
[Old version datasheet]   Voltage Output Current Shunt Monitor
INA301 TI1-INA301 Datasheet
153Kb / 7P
[Old version datasheet]   Current-Shunt Monitor Overcurrent Comparator
logo
Analog Devices
AD8212 AD-AD8212 Datasheet
178Kb / 8P
   High Voltage Current Shunt Monitor
Rev. PrA
AD8215 AD-AD8215_16 Datasheet
258Kb / 13P
   High Voltage, Current Shunt Monitor
AD8212WYRMZ AD-AD8212WYRMZ Datasheet
335Kb / 16P
   High Voltage Current Shunt Monitor
REV. B
AD8212 AD-AD8212_17 Datasheet
371Kb / 13P
   High Voltage Current Shunt Monitor
AD8211 AD-AD8211_15 Datasheet
309Kb / 16P
   High Voltage Current Shunt Monitor
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com