Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX2871 Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX2871
Description  Low Normalized Inband Phase Noise of -230dBc/Hz
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2871 Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX2871 Datasheet HTML 4Page - Maxim Integrated Products MAX2871 Datasheet HTML 5Page - Maxim Integrated Products MAX2871 Datasheet HTML 6Page - Maxim Integrated Products MAX2871 Datasheet HTML 7Page - Maxim Integrated Products MAX2871 Datasheet HTML 8Page - Maxim Integrated Products MAX2871 Datasheet HTML 9Page - Maxim Integrated Products MAX2871 Datasheet HTML 10Page - Maxim Integrated Products MAX2871 Datasheet HTML 11Page - Maxim Integrated Products MAX2871 Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
TOC TITLE
fREF
(MHz)
fPFD
(MHz)
REGISTER
SETTINGS
(hex)
LOOP
FILTER
BW (Hz)
MAX2871 EV KIT COMPONENT VALUES
COMMENTS
C2
(F)
R2A +
R2B (I)
C1
(F)
R3
(I)
C3
(F)
3.0GHz VCO
OPEN-LOOP
PHASE NOISE
vs. FREQUENCY
N/A
N/A
80B40000,
80000141,
0000405A,
XX00013,
648020FC,
00000005
N/A
N/A
N/A
N/A
N/A
N/A
VCO bits set
for 3GHz
output,
VAS_SHDN = 1
4.5GHz VCO
OPEN-LOOP
PHASE NOISE
vs. FREQUENCY
N/A
N/A
80B40000,
80000141,
0000405A,
XX00013
648020FC,
00000005
N/A
N/A
N/A
N/A
N/A
N/A
VCO bits set
for 4.5GHz
output,
VAS_SHDN = 1
6.0GHz VCO
OPEN-LOOP
PHASE NOISE
vs. FREQUENCY
N/A
N/A
80B40000,
80000141
0000405A
XX00013,
648020FC
00000005
N/A
N/A
N/A
N/A
N/A
N/A
VCO bits set
for 6.0GHz
output,
VAS_SHDN = 1
3.0GHz
CLOSED-LOOP
PHASE NOISE
vs. FREQUENCY
50
25
803C0000
80000141
00009E42,
E8000013,
618160FC,
00400005
40k
0.1F
120
0.012F
250
820p
4.5GHz
CLOSED-LOOP
PHASE NOISE
vs. FREQUENCY
50
25
805A0000,
80000141,
00009E42,
E8000013,
618160FC,
00400005
40k
0.1F
120
0.012F
250
820p
6.0GHz
CLOSED-LOOP
PHASE NOISE
vs. FREQUENCY
50
25
80780000,
80000141,
00009E42,
EA000013,
608C80FC,
00400005
40k
0.1F
120
0.012F
250
820p
MAX2871
23.5MHz to 6000MHz Fractional/
Integer-N Synthesizer/VCO
Maxim Integrated │ 8
www.maximintegrated.com
Typical Operating Characteristics Testing Conditions Table


Similar Part No. - MAX2871

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2871 MAXIM-MAX2871 Datasheet
3Mb / 17P
   All Critical Peripheral Components Included
Rev 2; 11/15
MAX2871ETJ++ MAXIM-MAX2871ETJ+ Datasheet
1Mb / 30P
   23.5MHz to 6000MHz Fractional/ Integer-N Synthesizer/VCO
2020
MAX2871VKIT# MAXIM-MAX2871VKIT# Datasheet
3Mb / 17P
   All Critical Peripheral Components Included
Rev 2; 11/15
MAX2871 MAXIM-MAX2871_V01 Datasheet
1Mb / 30P
   23.5MHz to 6000MHz Fractional/ Integer-N Synthesizer/VCO
2020
More results

Similar Description - MAX2871

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMX2492 TI1-LMX2492 Datasheet
1Mb / 41P
[Old version datasheet]   -227 dBc/Hz Normalized PLL Noise
logo
Advanced XTAL Products
AXIOM5151 AXTAL-AXIOM5151 Datasheet
134Kb / 4P
   OCXO with Ultra-Low Phase Noise Floor of -180 dBc/Hz
AXIOM5050ULN AXTAL-AXIOM5050ULN Datasheet
115Kb / 4P
   OCXO with Ultra-Low Phase Noise Floor of -180 dBc/Hz
logo
Analog Devices
HMC432 AD-HMC432 Datasheet
354Kb / 6P
   Ultra Low SSB Phase Noise: -148 dBc/Hz
logo
QUARTZCOM the communica...
OCO-M36BS QUARTZCOM-OCO-M36BS Datasheet
138Kb / 1P
   Through hole OCXO Sine wave Low phase noise ??floor of < -165 dBc/Hz
logo
Z-Communications, Inc
PCA0174A-LF ZCOMM-PCA0174A-LF Datasheet
65Kb / 2P
   PHASE NOISE (1 Hz BW, typical)
PSA2444A ZCOMM-PSA2444A Datasheet
86Kb / 2P
   PHASE NOISE (1 Hz BW, typical)
PCA1550B-LF ZCOMM-PCA1550B-LF Datasheet
75Kb / 2P
   PHASE NOISE (1 Hz BW, typical)
PCA1292B-LF ZCOMM-PCA1292B-LF Datasheet
75Kb / 2P
   PHASE NOISE (1 Hz BW, typical)
logo
SYNERGY MICROWAVE CORPO...
DXO720840-5 SYNERGY-DXO720840-5 Datasheet
399Kb / 3P
   Low Phase Noise
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com