Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DMN3404L Datasheet(PDF) 1 Page - ZP Semiconductor

Part # DMN3404L
Description  N-CHANNEL ENHANCEMENT MODE MOSFET
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZPSEMI [ZP Semiconductor]
Direct Link  http://zpsemi.com/
Logo ZPSEMI - ZP Semiconductor

DMN3404L Datasheet(HTML) 1 Page - ZP Semiconductor

  DMN3404L Datasheet HTML 1Page - ZP Semiconductor DMN3404L Datasheet HTML 2Page - ZP Semiconductor DMN3404L Datasheet HTML 3Page - ZP Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
DMN3404L
N-CHANNEL ENHANCEMENT MODE MOSFET
Product Summary
V(BR)DSS
RDS(ON) max
ID max
TA = +25°C
30V
28mΩ @ VGS = 10V
5.8A
42mΩ @ VGS = 4.5V
4.8A
82mΩ @ VGS = 3V
2.0A
Description
This MOSFET has been designed to minimize the on-state resistance
(RDS(ON)) and yet maintain superior switching performance, making it
ideal for high efficiency power management applications.
Applications
Battery Charging
Power Management Functions
DC-DC Converters
Portable Power Adaptors
Features and Benefits
Low On-Resistance
Low Input Capacitance
Fast Switching Speed
Low Input/Output Leakage
Totally Lead-Free & Fully RoHS compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3) 
Qualified to AEC-Q101 Standards for High Reliability
Mechanical Data
Case: SOT23
Case Material: Molded Plastic, “Green” Molding Compound.
UL Flammability Classification Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminals: Finish
 Matte Tin annealed over Copper leadframe.
Solderable per MIL-STD-202, Method 208
Terminals Connections: See Diagram Below
Weight: 0.008 grams (approximate)
Ordering Information (Note 4 & 5)
Part Number
Compliance
Case
Packaging
DMN3404L-7
Standard
SOT23
3000/Tape & Reel
DMN3404LQ-7
Automotive
SOT23
3000/Tape & Reel
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. Halogen- and Antimony-free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
Marking Information
Date Code Key
Year
2009
2010
2011
2012
2013
2014
2015
Code
W
X
Y
Z
A
B
C
Month
Jan
Feb
Mar
Apr
May
Jun
Jul
Aug
Sep
Oct
Nov
Dec
Code
1
2
3
4
5
6
7
8
9
O
N
D
Top View
Internal Schematic
Top View
D
G
S
Source
Gate
Drain
34N = Product Type Marking Code
YM = Date Code Marking
Y = Year (ex: W = 2009)
M = Month (ex: 9 = September)
34N
e3
1 of 3
sales@zpsemi.com
www.zpsemi.com


Similar Part No. - DMN3404L

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMN3404L DIODES-DMN3404L Datasheet
164Kb / 6P
   N-CHANNEL ENHANCEMENT MODE MOSFET
DMN3404L-7 DIODES-DMN3404L-7 Datasheet
164Kb / 6P
   N-CHANNEL ENHANCEMENT MODE MOSFET
DMN3404L-7 DIODES-DMN3404L-7 Datasheet
338Kb / 8P
   N-CHANNEL ENHANCEMENT MODE MOSFET
DMN3404LQ-7 DIODES-DMN3404LQ-7 Datasheet
338Kb / 8P
   N-CHANNEL ENHANCEMENT MODE MOSFET
DMN3404L DIODES-DMN3404L_15 Datasheet
338Kb / 8P
   N-CHANNEL ENHANCEMENT MODE MOSFET
More results

Similar Description - DMN3404L

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
2N7002 CENTRAL-2N7002 Datasheet
80Kb / 2P
   N-CHANNEL ENHANCEMENT-MODE MOSFET
logo
AUK corp
STK0602U AUK-STK0602U Datasheet
261Kb / 5P
   N-Channel Enhancement-Mode MOSFET
STK1828K AUK-STK1828K Datasheet
282Kb / 4P
   N-Channel Enhancement-Mode MOSFET
STK7002 AUK-STK7002 Datasheet
83Kb / 4P
   N-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPN3406 SYNC-POWER-SPN3406 Datasheet
198Kb / 8P
   N-Channel Enhancement Mode MOSFET
logo
General Semiconductor
GFP60N03 GE-GFP60N03 Datasheet
115Kb / 5P
   N-Channel Enhancement-Mode MOSFET
logo
Anpec Electronics Corop...
APM6928 ANPEC-APM6928 Datasheet
153Kb / 9P
   N-Channel Enhancement Mode MOSFET
logo
General Semiconductor
GFB70N03 GE-GFB70N03 Datasheet
102Kb / 5P
   N-Channel Enhancement-Mode MOSFET
logo
Anpec Electronics Corop...
APM3011N ANPEC-APM3011N Datasheet
606Kb / 11P
   N-Channel Enhancement Mode MOSFET
APM2324A ANPEC-APM2324A Datasheet
183Kb / 10P
   N-Channel Enhancement Mode MOSFET
APM9968C ANPEC-APM9968C Datasheet
130Kb / 10P
   N-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com