Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

N2807A Datasheet(PDF) 6 Page - Keysight Technologies

Part # N2807A
Description  N2807A PrecisionProbe Advanced Kit
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

N2807A Datasheet(HTML) 6 Page - Keysight Technologies

Back Button N2807A Datasheet HTML 2Page - Keysight Technologies N2807A Datasheet HTML 3Page - Keysight Technologies N2807A Datasheet HTML 4Page - Keysight Technologies N2807A Datasheet HTML 5Page - Keysight Technologies N2807A Datasheet HTML 6Page - Keysight Technologies N2807A Datasheet HTML 7Page - Keysight Technologies N2807A Datasheet HTML 8Page - Keysight Technologies N2807A Datasheet HTML 9Page - Keysight Technologies N2807A Datasheet HTML 10Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
6
S21 Insertion Loss Correction
PrecisionCable can be used to remove insertion loss caused by cables or fixtures.
Previously the only way to do this analysis was to characterize the cable using
simulation, TDR, or a VNA. All of these methods can be accurate and can yield
the desired results. You would then take the newly created s-parameter file to
the oscilloscope and use the de-embedding software to remove the insertion loss
of the fixture or cable. While this method works, it requires extra equipment and
effort. PrecisionCable allows for this characterization to be done inside of the
same oscilloscope that the measurements will be taken. Characterizing the cables
and fixtures takes less than five minutes in many cases which saves significant
time.
Note: This measurement does require
access to both ends of the fixture or cable,
similar to methods such as VNA and TDR.
Figure 7. Example of frequency response
correction of a cable. The 3dB down point
moved from 21 GHz to 62 GHz.
Figure 8. PrecisionProbe corrects phase
non-linearities, notice the new flat phase.


Similar Part No. - N2807A

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
N2807 INTEL-N2807 Datasheet
538Kb / 14P
   Intel짰 Celeron짰 Processor J1800, J1900, N2807, and N2930 for Internet of Things
logo
Keysight Technologies
N2807B KEYSIGHT-N2807B Datasheet
1Mb / 14P
   N2807A PrecisionProbe Advanced Kit
More results

Similar Description - N2807A

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
N2807B KEYSIGHT-N2807B Datasheet
1Mb / 14P
   N2807A PrecisionProbe Advanced Kit
N2808A KEYSIGHT-N2808A Datasheet
3Mb / 13P
   PrecisionProbe for the 9000 Series
logo
Pepperl+Fuchs Inc.
KT-MB-DMA PF-KT-MB-DMA Datasheet
980Kb / 4P
   Advanced Diagnostic Module, Kit for Stand-Alone Operation
2021-01-12
logo
List of Unclassifed Man...
HEX3653 ETC1-HEX3653 Datasheet
1Mb / 13P
   FM Radio Receiver Module D.I.Y. Kit (for Advanced Users)
logo
Schneider Electric
XBTZGWMKT SCHNEIDER-XBTZGWMKT Datasheet
113Kb / 1P
   Magelis XBTGH - wall mounting kit - for advanced hand-held panel
Aug 11, 2019
logo
List of Unclassifed Man...
426120410-3 ETC2-426120410-3 Datasheet
139Kb / 2P
   KIT 60145-3 ODF KIT
382-0330 ETC2-382-0330 Datasheet
149Kb / 2P
   Kit
logo
Bud Industries, Inc.
CSA-11262 BUD-CSA-11262 Datasheet
45Kb / 1P
   SUPPORT ANGLE KIT, CHASSIS KIT
logo
Texas Instruments
SLAS191A TI1-SLAS191A Datasheet
493Kb / 86P
[Old version datasheet]   Starter Kit Evaluation Kit Manual
MSP-EXP430G2 TI-MSP-EXP430G2 Datasheet
493Kb / 86P
[Old version datasheet]   Starter Kit Evaluation Kit Manual
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com