Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ISD1000A Datasheet(PDF) 17 Page - List of Unclassifed Manufacturers

Part No. ISD1000A
Description  Single-Chip Voice Record/Playback Devices 16- and 20-Second Durations
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ISD1000A Datasheet(HTML) 17 Page - List of Unclassifed Manufacturers

Back Button ISD1000A Datasheet HTML 12Page - List of Unclassifed Manufacturers ISD1000A Datasheet HTML 13Page - List of Unclassifed Manufacturers ISD1000A Datasheet HTML 14Page - List of Unclassifed Manufacturers ISD1000A Datasheet HTML 15Page - List of Unclassifed Manufacturers ISD1000A Datasheet HTML 16Page - List of Unclassifed Manufacturers ISD1000A Datasheet HTML 17Page - List of Unclassifed Manufacturers ISD1000A Datasheet HTML 18Page - List of Unclassifed Manufacturers ISD1000A Datasheet HTML 19Page - List of Unclassifed Manufacturers ISD1000A Datasheet HTML 20Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
1–17
Product Data Sheets
ISD1000A Series
1
SSD
SSA
A0
A1
A2
A3
A4
A5
A6
A7
CE
PD
P/R
EOM
XCLK
V
V
V
V
SP+
SP–
AUX IN
ANA IN
ANA OUT
MIC REF
MIC
AGC
CCD
CCA
C3
16
SPEAKER
1
2
3
4
5
6
9
10
23
24
27
25
26
28
16
12
13
14
15
11
20
21
18
17
19
ELECTRET
MICROPHONE
0.1
µF
CC
V
CC
V
22
µF
SS
V
PLAYBACK/RECORD
POWER DOWN
CHIP ENABLE
ISD1016A/1020A
0.1
µF
0.1
µF
C5
0.1
µF
Mic Ref
C1
0.1
µF
CC
V
C2
4.7
µF
470 K
R2
1 K
R1
10 K
R3
C4
220
µF
(Note)
R5
5.1 K
10 K
R4
C7
C6
C8
APPLICATION EXAMPLE – DESIGN SCHEMATIC
APPLICATION EXAMPLE – BASIC DEVICE CONTROL
Control Step
Function
Action
1
Power up chip and select record/playback mode
1. PD = LOW
2. P/R = As desired
2
Set message address for record/playback
Set addresses A0–A7
3
Begin playback/record
CE = Pulsed LOW (Playback)
CE = Held LOW (Record)
4
End cycle
CE = HIGH and EOM reached
NOTE:
If desired, pin 18 may be left unconnected
(microphone preamplifier noise will be higher). In this
case, pin 18 must not be tied to any other signal or
voltage.
Additional design example schematics are provided in
the Application Notes and Design Manual in this book.
06.DataBook_1000A Dsht Page 17 Friday, September 27, 1996 10:44 AM


Similar Part No. - ISD1000A

ManufacturerPart No.DatasheetDescription
ISOCOM COMPONENTS
ISOCOM COMPONENTS
ISD1 ISOCOM-ISD1 Datasheet
78Kb / 3P
   HIGH DENSITY PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
ISD1 ISOCOM-ISD1 Datasheet
85Kb / 3P
   HIGH DENSITY PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
List of Unclassifed Manufacturers
List of Unclassifed Man...
ISD1100 ETC-ISD1100 Datasheet
265Kb / 24P
   SINGLE CHIP VOICE RECORD / PLAYBACK DEVICES
ISD1110P ETC-ISD1110P Datasheet
265Kb / 24P
   SINGLE CHIP VOICE RECORD / PLAYBACK DEVICES
ISD1110S ETC-ISD1110S Datasheet
265Kb / 24P
   SINGLE CHIP VOICE RECORD / PLAYBACK DEVICES
More results

Similar Description - ISD1000A

ManufacturerPart No.DatasheetDescription
List of Unclassifed Manufacturers
List of Unclassifed Man...
ISD1400 ETC-ISD1400 Datasheet
1Mb / 25P
   Single-Chip Voice Record/Playback Devices 16-and 20-Second Durations
ISD1200 ETC-ISD1200 Datasheet
1Mb / 25P
   Single-Chip Voice Record/Playback Devices 10- and 12-Second Durations
ISD2560 ETC1-ISD2560 Datasheet
801Kb / 26P
   Single-Chip Voice Record/Playback Devices 60-, 75-, 90-, and 120-Second Durations
ISD33060 ETC-ISD33060 Datasheet
1Mb / 30P
   Single-Chip Voice Record/Playback Devices 60-, 75-, 90-, and 120-Second Durations
ISD4002 ETC-ISD4002 Datasheet
2Mb / 30P
   Single-Chip Voice Record/Playback Devices 120-, 150-, 180-, and 240-Second Durations
ISD4000 ETC1-ISD4000 Datasheet
317Kb / 2P
   Single-Chip Voice Record/Playback Devices 2- to 16-Minute Durations
Winbond
Winbond
ISD1810 WINBOND-ISD1810 Datasheet
278Kb / 18P
   Single-Chip, Single-Message Voice Record/Playback Device 8- to 16-Second Durations
ISD4004 WINBOND-ISD4004 Datasheet
980Kb / 28P
   Single-Chip Voice Record/Playback Devices 8-, 10-, 12-, and 16-Minute Durations
Generalplus Technology Inc.
Generalplus Technology ...
GPCR20A GENERALPLUS-GPCR20A Datasheet
266Kb / 12P
   SINGLE-CHIP VOICE RECORD/PLAYBACK DEVICES
List of Unclassifed Manufacturers
List of Unclassifed Man...
ISD1100 ETC-ISD1100 Datasheet
265Kb / 24P
   SINGLE CHIP VOICE RECORD / PLAYBACK DEVICES
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz