Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISD1000A Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # ISD1000A
Description  Single-Chip Voice Record/Playback Devices 16- and 20-Second Durations
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ISD1000A Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button ISD1000A Datasheet HTML 9Page - List of Unclassifed Manufacturers ISD1000A Datasheet HTML 10Page - List of Unclassifed Manufacturers ISD1000A Datasheet HTML 11Page - List of Unclassifed Manufacturers ISD1000A Datasheet HTML 12Page - List of Unclassifed Manufacturers ISD1000A Datasheet HTML 13Page - List of Unclassifed Manufacturers ISD1000A Datasheet HTML 14Page - List of Unclassifed Manufacturers ISD1000A Datasheet HTML 15Page - List of Unclassifed Manufacturers ISD1000A Datasheet HTML 16Page - List of Unclassifed Manufacturers ISD1000A Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
Product Data Sheets
ISD1000A Series
1–13
1
ABSOLUTE MAXIMUM RATINGS (DIE)
NOTE:
Stresses above those listed may cause permanent
damage to the device. Exposure to the absolute
maximum ratings may affect device reliability.
Functional operation is not implied at these
conditions.
Condition
Value
Junction temperature
150
° C
Storage temperature range
–65
° C to +150° C
Voltage applied to any pad
(VSS – 0.3 V) to
(VCC + 0.3 V)
Voltage applied to any pad
(Input current limited to
±20 mA)
(VSS – 1.0 V) to
(VCC + 1.0 V)
VCC - VSS
– 0.3 V to + 7.0 V
OPERATING CONDITIONS (DIE)
NOTES: 1.
Case temperature.
2.
VCC = VCCA = VCCD.
3.
VSS = VSSA = VSSD.
Condition
Value
Commercial operating
temperature range (1)
0
° C to +50° C
Supply voltage (VCC)
(2)
+4.5 V to +6.5 V
Ground voltage (VSS)
(3)
0 V
DC PARAMETERS (DIE)
Symbol
Parameters
Min(2)
Typ(1)
Max(2)
Units
Conditions
VIL
Input Low Voltage
0.8
V
VCC = 4.5 V to 5.5 V
VIH
Input High Voltage
2.0
V
VOL
Output Low Voltage
0.4
V
IOL = 4.0 mA
VOH
Output High Voltage
2.4
V
IOH = –1.6 mA,
VCC = 4.5 V to 5.5 V
VOH1
Output High Voltage
VCC–0.4
V
IOH = – 10 µA
ICC
VCC Current (Operating)
25
30
mA
REXT = ∞
(3)
ISB
VCC Current (Standby)
1
10
µA
(3)
IIL
Input Leakage Current
±1
µA
REXT
Output Load Impedance
16
Speaker Load
RMIC
Preamp In Input Resistance
10
K
Pins 17, 18
RAUX
AUX Input Resistance
10
K
VCC = 4.5 V to 5.5 V
RANA IN
ANA IN Input Resistance
3.0
K
06.DataBook_1000A Dsht Page 13 Friday, September 27, 1996 10:44 AM


Similar Part No. - ISD1000A

ManufacturerPart #DatasheetDescription
logo
ISOCOM COMPONENTS
ISD1 ISOCOM-ISD1 Datasheet
78Kb / 3P
   HIGH DENSITY PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
ISD1 ISOCOM-ISD1 Datasheet
85Kb / 3P
   HIGH DENSITY PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
logo
List of Unclassifed Man...
ISD1100 ETC-ISD1100 Datasheet
265Kb / 24P
   SINGLE CHIP VOICE RECORD / PLAYBACK DEVICES
ISD1110P ETC-ISD1110P Datasheet
265Kb / 24P
   SINGLE CHIP VOICE RECORD / PLAYBACK DEVICES
ISD1110S ETC-ISD1110S Datasheet
265Kb / 24P
   SINGLE CHIP VOICE RECORD / PLAYBACK DEVICES
More results

Similar Description - ISD1000A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ISD1400 ETC-ISD1400 Datasheet
1Mb / 25P
   Single-Chip Voice Record/Playback Devices 16-and 20-Second Durations
ISD1200 ETC-ISD1200 Datasheet
1Mb / 25P
   Single-Chip Voice Record/Playback Devices 10- and 12-Second Durations
ISD2560 ETC1-ISD2560 Datasheet
801Kb / 26P
   Single-Chip Voice Record/Playback Devices 60-, 75-, 90-, and 120-Second Durations
ISD33060 ETC-ISD33060 Datasheet
1Mb / 30P
   Single-Chip Voice Record/Playback Devices 60-, 75-, 90-, and 120-Second Durations
ISD4002 ETC-ISD4002 Datasheet
2Mb / 30P
   Single-Chip Voice Record/Playback Devices 120-, 150-, 180-, and 240-Second Durations
logo
Winbond
ISD1810 WINBOND-ISD1810 Datasheet
278Kb / 18P
   Single-Chip, Single-Message Voice Record/Playback Device 8- to 16-Second Durations
logo
List of Unclassifed Man...
ISD4000 ETC1-ISD4000 Datasheet
317Kb / 2P
   Single-Chip Voice Record/Playback Devices 2- to 16-Minute Durations
logo
Winbond
ISD4004 WINBOND-ISD4004 Datasheet
980Kb / 28P
   Single-Chip Voice Record/Playback Devices 8-, 10-, 12-, and 16-Minute Durations
logo
List of Unclassifed Man...
ISD2500 ETC1-ISD2500 Datasheet
331Kb / 28P
   Single-Chip Voice Record/Playback Devices 32-, 40-, 48-, 64-,60-,75,90-, and 120-Second Durations
logo
Generalplus Technology ...
GPCR20A GENERALPLUS-GPCR20A Datasheet
266Kb / 12P
   SINGLE-CHIP VOICE RECORD/PLAYBACK DEVICES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com