Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISD1000A Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # ISD1000A
Description  Single-Chip Voice Record/Playback Devices 16- and 20-Second Durations
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ISD1000A Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  ISD1000A Datasheet HTML 1Page - List of Unclassifed Manufacturers ISD1000A Datasheet HTML 2Page - List of Unclassifed Manufacturers ISD1000A Datasheet HTML 3Page - List of Unclassifed Manufacturers ISD1000A Datasheet HTML 4Page - List of Unclassifed Manufacturers ISD1000A Datasheet HTML 5Page - List of Unclassifed Manufacturers ISD1000A Datasheet HTML 6Page - List of Unclassifed Manufacturers ISD1000A Datasheet HTML 7Page - List of Unclassifed Manufacturers ISD1000A Datasheet HTML 8Page - List of Unclassifed Manufacturers ISD1000A Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
1–1
Information Storage Devices, Inc.
1
®
FEATURES
Easy-to-use single-chip voice Record/Play-
back solution
High-quality, natural voice/audio
reproduction
Manual switch or microcontroller compatible
Playback can be edge- or level-
activated
Single-chip durations of 16 and 20 seconds
Directly cascadable for longer durations
Power-down mode
–1
µA standby current (typical)
Zero-power message storage
Eliminates battery backup circuits
Fully addressable to handle multiple
messages
100-year message retention (typical)
100,000 record cycles (typical)
On-chip clock source
No algorithm development required
Single +5 volt supply
Available in die form, DIP, and SOIC
packaging
Industrial temperature (-40
°C to +85°C)
version available
ISD1000A Series
Single-Chip Voice Record/Playback Devices
16- and 20-Second Durations
ISD1000A SERIES SUMMARY
Part
Number
Duration
(Seconds)
Input Sample
Rate (KHz)
Typical Filter
Pass Band
(KHz)
ISD1016A
16
8
3.4
ISD1020A
20
6.4
2.7
06.DataBook_1000A Dsht Page 1 Friday, September 27, 1996 10:44 AM


Similar Part No. - ISD1000A

ManufacturerPart #DatasheetDescription
logo
ISOCOM COMPONENTS
ISD1 ISOCOM-ISD1 Datasheet
78Kb / 3P
   HIGH DENSITY PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
ISD1 ISOCOM-ISD1 Datasheet
85Kb / 3P
   HIGH DENSITY PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
logo
List of Unclassifed Man...
ISD1100 ETC-ISD1100 Datasheet
265Kb / 24P
   SINGLE CHIP VOICE RECORD / PLAYBACK DEVICES
ISD1110P ETC-ISD1110P Datasheet
265Kb / 24P
   SINGLE CHIP VOICE RECORD / PLAYBACK DEVICES
ISD1110S ETC-ISD1110S Datasheet
265Kb / 24P
   SINGLE CHIP VOICE RECORD / PLAYBACK DEVICES
More results

Similar Description - ISD1000A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ISD1400 ETC-ISD1400 Datasheet
1Mb / 25P
   Single-Chip Voice Record/Playback Devices 16-and 20-Second Durations
ISD1200 ETC-ISD1200 Datasheet
1Mb / 25P
   Single-Chip Voice Record/Playback Devices 10- and 12-Second Durations
ISD2560 ETC1-ISD2560 Datasheet
801Kb / 26P
   Single-Chip Voice Record/Playback Devices 60-, 75-, 90-, and 120-Second Durations
ISD33060 ETC-ISD33060 Datasheet
1Mb / 30P
   Single-Chip Voice Record/Playback Devices 60-, 75-, 90-, and 120-Second Durations
ISD4002 ETC-ISD4002 Datasheet
2Mb / 30P
   Single-Chip Voice Record/Playback Devices 120-, 150-, 180-, and 240-Second Durations
logo
Winbond
ISD1810 WINBOND-ISD1810 Datasheet
278Kb / 18P
   Single-Chip, Single-Message Voice Record/Playback Device 8- to 16-Second Durations
logo
List of Unclassifed Man...
ISD4000 ETC1-ISD4000 Datasheet
317Kb / 2P
   Single-Chip Voice Record/Playback Devices 2- to 16-Minute Durations
logo
Winbond
ISD4004 WINBOND-ISD4004 Datasheet
980Kb / 28P
   Single-Chip Voice Record/Playback Devices 8-, 10-, 12-, and 16-Minute Durations
logo
List of Unclassifed Man...
ISD2500 ETC1-ISD2500 Datasheet
331Kb / 28P
   Single-Chip Voice Record/Playback Devices 32-, 40-, 48-, 64-,60-,75,90-, and 120-Second Durations
logo
Generalplus Technology ...
GPCR20A GENERALPLUS-GPCR20A Datasheet
266Kb / 12P
   SINGLE-CHIP VOICE RECORD/PLAYBACK DEVICES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com