Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

INA193AIDBVT Datasheet(PDF) 11 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # INA193AIDBVT
Description  CURRENT SHUNT MONITOR
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

INA193AIDBVT Datasheet(HTML) 11 Page - Burr-Brown (TI)

Back Button INA193AIDBVT Datasheet HTML 7Page - Burr-Brown (TI) INA193AIDBVT Datasheet HTML 8Page - Burr-Brown (TI) INA193AIDBVT Datasheet HTML 9Page - Burr-Brown (TI) INA193AIDBVT Datasheet HTML 10Page - Burr-Brown (TI) INA193AIDBVT Datasheet HTML 11Page - Burr-Brown (TI) INA193AIDBVT Datasheet HTML 12Page - Burr-Brown (TI) INA193AIDBVT Datasheet HTML 13Page - Burr-Brown (TI) INA193AIDBVT Datasheet HTML 14Page - Burr-Brown (TI) INA193AIDBVT Datasheet HTML 15Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
INA193,INA194
INA195,INA196
INA197,INA198
SBOS307B − MAY 2004 − REVISED JUNE 2004
www.ti.com
11
LOAD
V
SUPPLY
R
SHUNT
40k
5k
5k
5k
5k
40k
40k
40k
INA152
+5V
V
OUT
+2.5V
V
REF
V
IN+
V
IN
V+
V+
+5V
OUT
OUT
INA193 −INA198
V
IN+
V
IN
+5V
INA193 −INA198
Figure 5. Bi-directional Current Monitoring
R
SHUNT
Solenoid
Up to +36V
+2.7V to +13.5V
OUT
5k
5k
V+
V
IN+
V
IN
INA193 −INA198
Figure 6. Inductive Current Monitor Including Flyback


Similar Part No. - INA193AIDBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA193AIDBVT TI1-INA193AIDBVT Datasheet
513Kb / 24P
[Old version datasheet]   CURRENT SHUNT MONITOR ??6V to 80V Common-Mode Range
INA193AIDBVT TI1-INA193AIDBVT Datasheet
1Mb / 33P
[Old version datasheet]   Current Shunt Monitor ??6 V to 80 V Common-Mode Range
INA193AIDBVT TI1-INA193AIDBVT Datasheet
1Mb / 33P
[Old version datasheet]   Current Shunt Monitor ??6 V to 80 V Common-Mode Range
INA193AIDBVTG4 TI1-INA193AIDBVTG4 Datasheet
513Kb / 24P
[Old version datasheet]   CURRENT SHUNT MONITOR ??6V to 80V Common-Mode Range
INA193AIDBVTG4 TI1-INA193AIDBVTG4 Datasheet
1Mb / 33P
[Old version datasheet]   Current Shunt Monitor ??6 V to 80 V Common-Mode Range
More results

Similar Description - INA193AIDBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA199-Q1 TI1-INA199-Q1 Datasheet
1Mb / 27P
[Old version datasheet]   Current-Shunt Monitor
INA282-Q1 TI1-INA282-Q1_15 Datasheet
1Mb / 34P
[Old version datasheet]   Current Shunt Monitor
logo
Analog Devices
AD8215 AD-AD8215_11 Datasheet
234Kb / 16P
   High Voltage, Current Shunt Monitor
REV. A
logo
Texas Instruments
INA199 TI1-INA199 Datasheet
1Mb / 34P
[Old version datasheet]   Voltage Output Current Shunt Monitor
INA301 TI1-INA301 Datasheet
153Kb / 7P
[Old version datasheet]   Current-Shunt Monitor Overcurrent Comparator
logo
Analog Devices
AD8212 AD-AD8212 Datasheet
178Kb / 8P
   High Voltage Current Shunt Monitor
Rev. PrA
AD8215 AD-AD8215_16 Datasheet
258Kb / 13P
   High Voltage, Current Shunt Monitor
AD8212WYRMZ AD-AD8212WYRMZ Datasheet
335Kb / 16P
   High Voltage Current Shunt Monitor
REV. B
AD8212 AD-AD8212_17 Datasheet
371Kb / 13P
   High Voltage Current Shunt Monitor
AD8211 AD-AD8211_15 Datasheet
309Kb / 16P
   High Voltage Current Shunt Monitor
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com