Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TS80C51RA2-LCBB Datasheet(PDF) 17 Page - ATMEL Corporation

Part # TS80C51RA2-LCBB
Description  High Performance 8-bit Microcontrollers
Download  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TS80C51RA2-LCBB Datasheet(HTML) 17 Page - ATMEL Corporation

Back Button TS80C51RA2-LCBB Datasheet HTML 13Page - ATMEL Corporation TS80C51RA2-LCBB Datasheet HTML 14Page - ATMEL Corporation TS80C51RA2-LCBB Datasheet HTML 15Page - ATMEL Corporation TS80C51RA2-LCBB Datasheet HTML 16Page - ATMEL Corporation TS80C51RA2-LCBB Datasheet HTML 17Page - ATMEL Corporation TS80C51RA2-LCBB Datasheet HTML 18Page - ATMEL Corporation TS80C51RA2-LCBB Datasheet HTML 19Page - ATMEL Corporation TS80C51RA2-LCBB Datasheet HTML 20Page - ATMEL Corporation TS80C51RA2-LCBB Datasheet HTML 21Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 74 page
background image
Rev. C - 06 March, 2001
17
TS80C51RA2/RD2
TS83C51RB2/RC2/RD2
TS87C51RB2/RC2/RD2
Figure 4. Internal and External Data Memory Address
Table 5. Auxiliary Register
AUXR
AUXR
Address 08EH
-
-
-
-
-
-
EXTRA
M
AO
Reset value
X
X
X
X
X
X
0
0
Symbol
Function
-
Not implemented, reserved for future use.a
a.
User software should not write 1s to reserved bits. These bits may be used in future 8051 family
products to invoke new features. In that case, the reset or inactive value of the new bit will be 0, and
its active value will be 1. The value read from a reserved bit is indeterminate.
AO
Disable/Enable ALE
AO
Operating Mode
0
ALE is emitted at a constant rate of 1/6 the oscillator frequency (or 1/3 if
X2 mode is used)
1
ALE is active only during a MOVX or MOVC instruction
EXTRAM
Internal/External RAM (00H-FFH) access using MOVX @ Ri/ @ DPTR
EXTRAM
Operating Mode
0
Internal XRAM access using MOVX @ Ri/ @ DPTR
1
External data memory access
XRAM
256 bytes
Upper
128 bytes
Internal
Ram
Lower
128 bytes
Internal
Ram
Special
Function
Register
80
80
00
FF(RA, RB, RC)/2FF (RD)
FF
00
FF
External
Data
Memory
0000
0100 (RA, RB, RC) or 0300 (RD)
FFFF
indirect accesses
direct accesses
direct or indirect
accesses


Similar Part No. - TS80C51RA2-LCBB

ManufacturerPart #DatasheetDescription
logo
International Rectifier
TS80C51RA2-LCB IRF-TS80C51RA2-LCB Datasheet
805Kb / 85P
   High Performance 8-bit Microcontroller
logo
ATMEL Corporation
TS80C51RA2-LCB ATMEL-TS80C51RA2-LCB Datasheet
1Mb / 83P
   High Performance 8-bit Microcontroller
TS80C51RA2-LCB ATMEL-TS80C51RA2-LCB Datasheet
995Kb / 86P
   High Performance 8-bit Microcontroller
More results

Similar Description - TS80C51RA2-LCBB

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z8F0821HH020SC ZILOG-Z8F0821HH020SC Datasheet
227Kb / 12P
   High Performance 8-Bit Microcontrollers
Z8F0423SB005SG ZILOG-Z8F0423SB005SG Datasheet
14Mb / 245P
   High-Performance 8-Bit Microcontrollers
Z8F1680AN020SG ZILOG-Z8F1680AN020SG Datasheet
2Mb / 412P
   High-Performance 8-Bit Microcontrollers
Z8F0113HJ005EG ZILOG-Z8F0113HJ005EG Datasheet
14Mb / 245P
   High-Performance 8-Bit Microcontrollers
Z8F0830HH020SG ZILOG-Z8F0830HH020SG Datasheet
1Mb / 257P
   High-Performance 8-Bit Microcontrollers
Z8X1621 ZILOG-Z8X1621 Datasheet
2Mb / 307P
   High Performance 8-Bit Microcontrollers
Z8F042ASJ020EG2156 ZILOG-Z8F042ASJ020EG2156 Datasheet
1Mb / 280P
   High-Performance 8-Bit Microcontrollers
Z8F082ASJ020EG ZILOG-Z8F082ASJ020EG Datasheet
1Mb / 282P
   High-Performance 8-Bit Microcontrollers
Z8F4822AR020SG ZILOG-Z8F4822AR020SG Datasheet
1Mb / 323P
   High Performance 8-Bit Microcontrollers
Z8F1680SH020SG ZILOG-Z8F1680SH020SG Datasheet
2Mb / 412P
   High-Performance 8-Bit Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com