Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD18341FV-ME2 Datasheet(PDF) 9 Page - Rohm

Part # BD18341FV-ME2
Description  Constant Current Controller for Automotive LED Lamps
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD18341FV-ME2 Datasheet(HTML) 9 Page - Rohm

Back Button BD18341FV-ME2 Datasheet HTML 5Page - Rohm BD18341FV-ME2 Datasheet HTML 6Page - Rohm BD18341FV-ME2 Datasheet HTML 7Page - Rohm BD18341FV-ME2 Datasheet HTML 8Page - Rohm BD18341FV-ME2 Datasheet HTML 9Page - Rohm BD18341FV-ME2 Datasheet HTML 10Page - Rohm BD18341FV-ME2 Datasheet HTML 11Page - Rohm BD18341FV-ME2 Datasheet HTML 12Page - Rohm BD18341FV-ME2 Datasheet HTML 13Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 39 page
background image
Datasheet
Datasheet
9/35
BD18340FV-M
BD18341FV-M
©2016 ROHM Co., Ltd. All rights reserved.
www.rohm.co.jp
TSZ22111・14・001
TSZ02201-0T1T0C700180-1-2
2016.04.21 Rev.002
Typical Performance Curves (Reference Data)
(Unless otherwise specified Ta = 25°C, VIN = 13V, CVREG = 1.0µF, Transistor PNP = 2SAR573D)
Figure 5. ∆ILED vs RFB1+RFB2
Figure 6. VFBREG vs Temp
Figure 7. VFBREG vs VDCDIM
Figure 8. DDG vs Temp
-5
-4
-3
-2
-1
0
1
2
3
4
5
0
2
4
6
8
101214
RFB1+RFB2[Ω]
610
620
630
640
650
660
670
680
690
-50 -25
0
25
50
75
100 125 150
Temp[°C]
0
100
200
300
400
500
600
700
800
0.0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0
VDCDIM[V]
680
690
700
710
720
730
740
750
760
-50 -25
0
255075
100 125 150
Temp[°C]
ILED = (ILED / (0.65V / RFB1+RFB2))-1)x100[%]
Ta=125°C
Ta= 25°C
Ta=-40°C


Similar Part No. - BD18341FV-ME2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD18342FV-M ROHM-BD18342FV-M Datasheet
2Mb / 39P
   Constant Current Controller for Automotive LED Lamps
BD18343FV-M ROHM-BD18343FV-M Datasheet
2Mb / 35P
   Constant Current Controller for Automotive LED Lamps
BD18345EFV-M ROHM-BD18345EFV-M Datasheet
3Mb / 41P
   Constant Current Controller for Automotive LED Lamps
BD18347EFV-M ROHM-BD18347EFV-M Datasheet
1Mb / 38P
   For Automotive, 40 V 150 mA 4ch Constant Current LED Driver
8.Apr.2022 Rev.003
BD18347EFV-ME2 ROHM-BD18347EFV-ME2 Datasheet
1Mb / 38P
   For Automotive, 40 V 150 mA 4ch Constant Current LED Driver
8.Apr.2022 Rev.003
More results

Similar Description - BD18341FV-ME2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD18345EFV-M ROHM-BD18345EFV-M Datasheet
3Mb / 41P
   Constant Current Controller for Automotive LED Lamps
BD18343FV-M ROHM-BD18343FV-M Datasheet
2Mb / 35P
   Constant Current Controller for Automotive LED Lamps
BD18342FV-M ROHM-BD18342FV-M Datasheet
2Mb / 39P
   Constant Current Controller for Automotive LED Lamps
logo
ON Semiconductor
NCV7692 ONSEMI-NCV7692 Datasheet
235Kb / 18P
   Current Controller for Automotive LED Lamps
April, 2018 ??Rev. 0
NCV7691 ONSEMI-NCV7691 Datasheet
175Kb / 18P
   Current Controller for Automotive LED Lamps
May, 2015 ??Rev. 3
NCV7693 ONSEMI-NCV7693 Datasheet
268Kb / 13P
   Controller for Automotive LED Lamps
December, 2019 ??Rev. 1
logo
Rohm
BD18336NUF-M ROHM-BD18336NUF-M Datasheet
2Mb / 38P
   40 V 600 mA 1ch Constant Current Driver for Automotive LED Lamps
04.Jun.2020 Rev.002
BD18326NUF-M ROHM-BD18326NUF-M Datasheet
1Mb / 39P
   40 V 600 mA 1ch Constant Current Driver for Automotive LED Lamps
logo
ON Semiconductor
NCV7680 ONSEMI-NCV7680 Datasheet
231Kb / 20P
   Linear Current Regulator and Controller for Automotive LED Rear Combination Lamps
January, 2010 ??Rev. 1
logo
Texas Instruments
LM3429 TI1-LM3429 Datasheet
1Mb / 62P
[Old version datasheet]   N-Channel Controller for Constant Current LED Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com