Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD18340FV-ME2 Datasheet(PDF) 7 Page - Rohm

Part # BD18340FV-ME2
Description  Constant Current Controller for Automotive LED Lamps
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD18340FV-ME2 Datasheet(HTML) 7 Page - Rohm

Back Button BD18340FV-ME2 Datasheet HTML 3Page - Rohm BD18340FV-ME2 Datasheet HTML 4Page - Rohm BD18340FV-ME2 Datasheet HTML 5Page - Rohm BD18340FV-ME2 Datasheet HTML 6Page - Rohm BD18340FV-ME2 Datasheet HTML 7Page - Rohm BD18340FV-ME2 Datasheet HTML 8Page - Rohm BD18340FV-ME2 Datasheet HTML 9Page - Rohm BD18340FV-ME2 Datasheet HTML 10Page - Rohm BD18340FV-ME2 Datasheet HTML 11Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 39 page
background image
Datasheet
Datasheet
7/35
BD18340FV-M
BD18341FV-M
©2016 ROHM Co., Ltd. All rights reserved.
www.rohm.co.jp
TSZ22111・14・001
TSZ02201-0T1T0C700180-1-2
2016.04.21 Rev.002
Electrical Characteristics3
(Unless otherwise specified
Ta = -40 to +125°C, VIN = 13V, CVREG = 1.0µF, Transistor PNP = 2SAR573D)
Parameter
Symbol
Limit
Unit
Conditions
Min
Typ
Max
[ Short Circuit Protection(SCP) ]
Short Circuit Protection
Voltage
VSCP1
1.1
1.2
1.3
V
Short Circuit Protection
Release Voltage
VSCPR
1.15
1.25
1.35
V
Short Circuit Protection
Hysteresis Voltage
VSCPHYS
-
50
-
mV
SCP Terminal Source Current
ISCP
0.2
1.0
2.0
mA
SCP Terminal Source Current
ON Voltage
VSCP2
1.15
1.30
1.45
V
SCP Delay Time
tSCP2
10
20
45
µs
[ PBUS ]
Input High Voltage
VPBUSH
2.40
-
-
V
Input Low Voltage
VPBUSL
-
-
0.6
V
Hysteresis Voltage
VPBUSHYS
-
200
-
mV
PBUS Terminal Source Current
IPBUS
75
150
300
μA
VEN = 5V
PBUS Terminal
Output Low Voltage
RPBUS
-
-
0.6
V
IPBUS_EXT = 3mA
PBUS Terminal
Output High Voltage
VPBUS_OH
3.5
4.5
5.5
V
IPBUS_EXT = -10μA
PBUS Terminal
Leakage Current
IPBUS_LEAK
-
-
10
μA
VPBUS = 7V
[ EN ]
Input High Voltage
VENH
2.4
-
-
V
Input Low Voltage
VENL
-
-
0.6
V
Hysteresis Voltage
VENHYS
-
60
-
mV
Terminal Input Current
IEN
-
7
15
μA
VEN = 5V
[ UVLO VIN ]
UVLO Detection Voltage
VUVLOD
3.88
4.10
4.32
V
VIN: Sweep down
UVLO Release Voltage
VUVLOR
4.25
4.50
4.75
V
VIN: Sweep up、
VREG > 3.75V
UVLO Hysteresis Voltage
VHYS
-
0.4
-
V


Similar Part No. - BD18340FV-ME2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD18342FV-M ROHM-BD18342FV-M Datasheet
2Mb / 39P
   Constant Current Controller for Automotive LED Lamps
BD18343FV-M ROHM-BD18343FV-M Datasheet
2Mb / 35P
   Constant Current Controller for Automotive LED Lamps
BD18345EFV-M ROHM-BD18345EFV-M Datasheet
3Mb / 41P
   Constant Current Controller for Automotive LED Lamps
BD18347EFV-M ROHM-BD18347EFV-M Datasheet
1Mb / 38P
   For Automotive, 40 V 150 mA 4ch Constant Current LED Driver
8.Apr.2022 Rev.003
BD18347EFV-ME2 ROHM-BD18347EFV-ME2 Datasheet
1Mb / 38P
   For Automotive, 40 V 150 mA 4ch Constant Current LED Driver
8.Apr.2022 Rev.003
More results

Similar Description - BD18340FV-ME2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD18345EFV-M ROHM-BD18345EFV-M Datasheet
3Mb / 41P
   Constant Current Controller for Automotive LED Lamps
BD18343FV-M ROHM-BD18343FV-M Datasheet
2Mb / 35P
   Constant Current Controller for Automotive LED Lamps
BD18342FV-M ROHM-BD18342FV-M Datasheet
2Mb / 39P
   Constant Current Controller for Automotive LED Lamps
logo
ON Semiconductor
NCV7692 ONSEMI-NCV7692 Datasheet
235Kb / 18P
   Current Controller for Automotive LED Lamps
April, 2018 ??Rev. 0
NCV7691 ONSEMI-NCV7691 Datasheet
175Kb / 18P
   Current Controller for Automotive LED Lamps
May, 2015 ??Rev. 3
NCV7693 ONSEMI-NCV7693 Datasheet
268Kb / 13P
   Controller for Automotive LED Lamps
December, 2019 ??Rev. 1
logo
Rohm
BD18336NUF-M ROHM-BD18336NUF-M Datasheet
2Mb / 38P
   40 V 600 mA 1ch Constant Current Driver for Automotive LED Lamps
04.Jun.2020 Rev.002
BD18326NUF-M ROHM-BD18326NUF-M Datasheet
1Mb / 39P
   40 V 600 mA 1ch Constant Current Driver for Automotive LED Lamps
logo
ON Semiconductor
NCV7680 ONSEMI-NCV7680 Datasheet
231Kb / 20P
   Linear Current Regulator and Controller for Automotive LED Rear Combination Lamps
January, 2010 ??Rev. 1
logo
Texas Instruments
LM3429 TI1-LM3429 Datasheet
1Mb / 62P
[Old version datasheet]   N-Channel Controller for Constant Current LED Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com