Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IL34118 Datasheet(PDF) 7 Page - Integral Corp.

Part # IL34118
Description  Voice Switched Speakerphone Circuit
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEGRAL [Integral Corp.]
Direct Link  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.

IL34118 Datasheet(HTML) 7 Page - Integral Corp.

Back Button IL34118 Datasheet HTML 3Page - Integral Corp. IL34118 Datasheet HTML 4Page - Integral Corp. IL34118 Datasheet HTML 5Page - Integral Corp. IL34118 Datasheet HTML 6Page - Integral Corp. IL34118 Datasheet HTML 7Page - Integral Corp. IL34118 Datasheet HTML 8Page - Integral Corp. IL34118 Datasheet HTML 9Page - Integral Corp. IL34118 Datasheet HTML 10Page - Integral Corp. IL34118 Datasheet HTML 11Page - Integral Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
IL34118
7
As a low pass filter (Figure 7), it can be used to
roll off the high and frequencies in the receive circuit,
which aids protecting against acoustic feedback
problems. With an appropriate choice of an input
coupling capacitor to the low pass filter, a band pass
filter is formed.
Figure 7. Low Pass Filter
POWER
SUPPLY,
VB,
AND
CHIP
DISABLE
The power supply voltage at VCC (Pin 4) is to be
between 3.5 and 6.5 volts for normal operation, with
reduced operation possible down to 2.8 volts.
The output voltage at VB (Pin 15) is ≈(VCC - 0.7)/2,
and provides the ac ground for the system. The output
impedance at VB is ≈400 Ω, and in conjunction with
the external capacitor at VB, forms a low pass filter
for power supply rejection.
Since VB biases
the microphone and hybrid
amplifiers, the amount of supply rejection at their
outputs is directly related to the rejection at VB, as
well as their respective gains.
The Chip Disable (Pin 3) permits powering down
the IC to conserve power and/or for muting purposes.
With CD
≤0.8 volts, normal operation is in effect.
With CD
≥2.0 volts and ≤V
CC, the IC is
powered
down. In the powered down mode, the microphone
and the hybrid amplifiers are disabled, and their
outputs go to a high impedance state. Additionally,
the bias is removed from the filter (Pins 1, 2), the
attenuators (Pins 8, 9, 21, 22), or from Pins 13, 14,
and 15 (the attenuators are disabled, however, and
will not pass a signal). The input impedance at CD is
typically 90 k
Ω, has a threshold of ≈1.5 volts, and the
voltage at this pin must be kept within the range of
ground and VCC. If CD is not used, the pin should be
grounded.
PIN DESCRIPTION
Pin No
Designation
Description
1FO
Filter output. Output impedance is less than 50
Ω.
2FI
Filter input. Input impedance is greater than 1.0 M
Ω.
3
CD
Chip Disable. A logic low (<0.8 V) sets normal operation. A logic high (>2.0 V)
disables the IC to conserve power. Input impedance is nominally 90 K
Ω.
4VCC
A supply voltage of +2.8 to +6.5 Volts is required, at
≈5.0 mA. As V
CC falls from
3.5 to 2.8 Volts, an AGC circuit reduces the receive attenuator gain by
≈25 dB
(when in the receive mode).
5
HTO+
Output of the second hybrid amplifier. The gain is internally set at -1.0 to provide a
differential output, in conjunction with HTO-, to the hybrid transformer.
6
HTO-
Output of the first hybrid amplifier. The gain of the amp is set by external resistors.
7HTI
Input and summing node for the first hybrid amplifier. DC level is
≈V
B.
8
TXO
Output of the transmit attenuator. DC level is approximately VB.
9
TXI
Input to the transmit attenuator. Max. signal level is 350 mVrms. Input impedance
is
≈10 KΩ.
10
MCO
Output of the microphone amplifier. The gain of the amplifier is set by external
resistors.
11
MCI
Input and summing node of the microphone amplifier. DC level is
≈V
B.
(continued)
PIN DESCRIPTION


Similar Part No. - IL34118

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
IL34118 IKSEMICON-IL34118 Datasheet
965Kb / 14P
   Low Voltage Operation for Line-Powered Applications
More results

Similar Description - IL34118

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KK34118 KODENSHI-KK34118 Datasheet
901Kb / 14P
   Voice Switched Speakerphone Circuit
logo
Taiwan Semiconductor Co...
TS34118 TSC-TS34118_1 Datasheet
989Kb / 23P
   Voice Switched Speakerphone Circuit
logo
System Logic Semiconduc...
SL34118 SLS-SL34118 Datasheet
136Kb / 12P
   Voice Switched Speakerphone Circuit
logo
SHANGHAI BELLING CO., L...
BL34118 BELLING-BL34118 Datasheet
554Kb / 11P
   Voice Switched Speakerphone Circuit
logo
Freescale Semiconductor...
MC34018DW FREESCALE-MC34018DW Datasheet
962Kb / 14P
   VOICE SWITCHED SPEAKERPHONE CIRCUIT
logo
Motorola, Inc
MC33318 MOTOROLA-MC33318 Datasheet
42Kb / 1P
   Voice switched Speakerphone circuit
logo
ARTSCHIP ELECTRONICS CO...
MC34118 ARTSCHIP-MC34118 Datasheet
94Kb / 2P
   VOICE SWITCHED SPEAKERPHONE CIRCUIT
logo
Estek Electronics Co. L...
ET-IL34118 ESTEK-ET-IL34118 Datasheet
1Mb / 12P
   Voice Switched Speakerphone Circuit
logo
Taiwan Semiconductor Co...
TS34118CS28 TSC-TS34118CS28 Datasheet
1Mb / 20P
   Voice Switched Speakerphone Circuit
logo
Motorola, Inc
MC33218 MOTOROLA-MC33218 Datasheet
41Kb / 1P
   Voice Switched Speakerphone circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com