Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD2808MUV-ME2 Datasheet(PDF) 10 Page - Rohm

Part # BD2808MUV-ME2
Description  24ch Constant Current LED Driver IC
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD2808MUV-ME2 Datasheet(HTML) 10 Page - Rohm

Back Button BD2808MUV-ME2 Datasheet HTML 6Page - Rohm BD2808MUV-ME2 Datasheet HTML 7Page - Rohm BD2808MUV-ME2 Datasheet HTML 8Page - Rohm BD2808MUV-ME2 Datasheet HTML 9Page - Rohm BD2808MUV-ME2 Datasheet HTML 10Page - Rohm BD2808MUV-ME2 Datasheet HTML 11Page - Rohm BD2808MUV-ME2 Datasheet HTML 12Page - Rohm BD2808MUV-ME2 Datasheet HTML 13Page - Rohm BD2808MUV-ME2 Datasheet HTML 14Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 34 page
background image
10/30
Datasheet
Datasheet
BD2808MUV-M
TSZ02201-0T3T0C500040-1-2
© 2015 ROHM Co., Ltd. All rights reserved.
4.Jun.2015 Rev.002
www.rohm.com
TSZ22111・15・001
Typical Performance Curves
– continued
0
10
20
30
40
50
064
128
192
256
Code: ILEDSTP [step]
17.0
17.2
17.4
17.6
17.8
18.0
18.2
18.4
18.6
3.0
3.5
4.0
4.5
5.0
5.5
Supply Voltage:
VCC [V]
Figure 9. LED Current
(VCC characteristic @ ISET=56kΩ)
17.0
17.2
17.4
17.6
17.8
18.0
18.2
18.4
18.6
-40
-15
10
35
60
85
110
Ambient Temperature: Ta [℃]
Figure 10. LED Current
(Temperature characteristic @ ISET=56kΩ)
3.3V
3.0V
5.5V
0
10
20
30
40
50
0
16324864
Code: ILEDSTP [step]
-40°C
25°C
105°C
Figure 11. LED Current DAC Step
(VCC=3.3V)
105°C
Figure 12. LED Current PWM Step
(VCC=3.3V)
-40° C
25°C
25°C
-40°C
105°C


Similar Part No. - BD2808MUV-ME2

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
BD280-1130-10/16 MACOM-BD280-1130-10/16 Datasheet
322Kb / 22P
   PolySwitch Resettable Devices Automotive Devices
BD280-1130-1016 MACOM-BD280-1130-1016 Datasheet
289Kb / 26P
   PolySwitch Resettable Devices
BD280-1130-15/16 MACOM-BD280-1130-15/16 Datasheet
322Kb / 22P
   PolySwitch Resettable Devices Automotive Devices
BD280-1130-1516 MACOM-BD280-1130-1516 Datasheet
289Kb / 26P
   PolySwitch Resettable Devices
BD280-1130-20/16 MACOM-BD280-1130-20/16 Datasheet
322Kb / 22P
   PolySwitch Resettable Devices Automotive Devices
More results

Similar Description - BD2808MUV-ME2

ManufacturerPart #DatasheetDescription
logo
SHENZHEN FUMAN ELECTRON...
TC1360 FUMAN-TC1360 Datasheet
350Kb / 10P
   LED constant current driver IC
logo
Sanyo Semicon Device
LV5233H SANYO-LV5233H Datasheet
199Kb / 8P
   24ch LED Driver
logo
ADTech
ADT6001 ADTECH-ADT6001 Datasheet
210Kb / 5P
   Constant current offline LED driver IC
logo
SHENZHEN FUMAN ELECTRON...
FM6024 FUMAN-FM6024 Datasheet
755Kb / 13P
   16-bit constant current LED driver IC
logo
ON Semiconductor
LV8498CT ONSEMI-LV8498CT Datasheet
85Kb / 8P
   Constant-current Driver IC
June, 2013
logo
SHENZHEN FUMAN ELECTRON...
TC5021 FUMAN-TC5021 Datasheet
711Kb / 14P
   16-bit constant current LED driver IC
logo
Shenzhen Huazhimei Semi...
HM7501 HMSEMI-HM7501 Datasheet
727Kb / 10P
   Single channel LED constant current driver IC
logo
Rohm
BD18377EFV-M ROHM-BD18377EFV-M Datasheet
888Kb / 32P
   12 Channel Constant Current LED Driver IC
logo
SHENZHEN FUMAN ELECTRON...
TC5020C FUMAN-TC5020C Datasheet
864Kb / 14P
   16-bit constant current LED driver IC
TC5123 FUMAN-TC5123 Datasheet
832Kb / 14P
   16-bit constant current LED driver IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com