Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT72V3622 Datasheet(PDF) 23 Page - Integrated Device Technology

Part # IDT72V3622
Description  3.3 VOLT CMOS SyncBiFIFO 256 x 36 x 2 512 x 36 x 2 1,024 x 36 x 2
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT72V3622 Datasheet(HTML) 23 Page - Integrated Device Technology

Back Button IDT72V3622 Datasheet HTML 19Page - Integrated Device Technology IDT72V3622 Datasheet HTML 20Page - Integrated Device Technology IDT72V3622 Datasheet HTML 21Page - Integrated Device Technology IDT72V3622 Datasheet HTML 22Page - Integrated Device Technology IDT72V3622 Datasheet HTML 23Page - Integrated Device Technology IDT72V3622 Datasheet HTML 24Page - Integrated Device Technology IDT72V3622 Datasheet HTML 25Page - Integrated Device Technology IDT72V3622 Datasheet HTML 26Page - Integrated Device Technology IDT72V3622 Datasheet HTML 27Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 29 page
background image
23
COMMERCIAL TEMPERATURERANGE
IDT72V3622/72V3632/72V3642 CMOS 3.3V SyncBiFIFOTM
256 x 36 x 2, 512 x 36 x 2, 1,024 x 36 x 2
NOTE:
1. tSKEW1 is the minimum time between a rising CLKA edge and a rising CLKB edge for IRB to transition HIGH in the next CLKB cycle. If the time between the rising CLKA edge and rising
CLKB edge is less than tSKEW1, then IRB may transition HIGH one CLKB cycle later than shown.
Figure 14. IRB Flag Timing and First Available Write when FIFO2 is Full (FWFT Mode)
CSA
ORA
W/
RA
MBA
ENA
A0- A35
CLKA
IRB
CLKB
CSB
4660 drw 16
W/RB
B0 - B35
MBB
ENB
12
tCLK
tCLKH
tCLKL
tENS2
tENH
tA
tSKEW1
tCLK
tCLKH
tCLKL
tWEF
tENS2
tENS2
tENH
tENH
tDS
tDH
To FIFO2
Previous Word in FIFO2 Output Register
Next Word From FIFO2
FIFO2 FULL
LOW
LOW
LOW
HIGH
LOW
LOW
(1)
Write
tWEF


Similar Part No. - IDT72V3622

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72V3622 IDT-IDT72V3622 Datasheet
210Kb / 29P
   3.3 VOLT CMOS SyncBiFIFO
logo
Renesas Technology Corp
IDT72V3622 RENESAS-IDT72V3622 Datasheet
385Kb / 30P
   3.3 VOLT CMOS SyncBiFIFOTM 256 x 36 x 2 512 x 36 x 2 1,024 x 36 x 2
FEBRUARY 2015
logo
Integrated Device Techn...
IDT72V3622 IDT-IDT72V3622_15 Datasheet
210Kb / 29P
   3.3 VOLT CMOS SyncBiFIFO
More results

Similar Description - IDT72V3622

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72V3624 IDT-IDT72V3624 Datasheet
362Kb / 34P
   3.3 VOLT CMOS SyncBiFIFO WITH BUS-MATCHING 256 x 36 x 2, 512 x 36 x 2, 1,024 x 36 x 2
logo
Renesas Technology Corp
IDT72V3622 RENESAS-IDT72V3622 Datasheet
385Kb / 30P
   3.3 VOLT CMOS SyncBiFIFOTM 256 x 36 x 2 512 x 36 x 2 1,024 x 36 x 2
FEBRUARY 2015
IDT723622 RENESAS-IDT723622 Datasheet
370Kb / 25P
   CMOS SyncBiFIFOTM 256 x 36 x 2, 512 x 36 x 2, 1,024 x 36 x 2
FEBRUARY 2015
logo
Integrated Device Techn...
IDT72V3626 IDT-IDT72V3626 Datasheet
329Kb / 36P
   3.3 VOLT CMOS TRIPLE BUS SyncFIFO WITH BUS-MATCHING 256 x 36 x 2, 512 x 36 x 2, 1,024 x 36 x 2
logo
Renesas Technology Corp
IDT72V3626 RENESAS-IDT72V3626 Datasheet
742Kb / 37P
   3.3 VOLT CMOS TRIPLE BUS SyncFIFOTM WITH BUS-MATCHING 256 x 36 x 2, 512 x 36 x 2, 1,024 x 36 x 2
FEBRUARY 2009
IDT72V3624 RENESAS-IDT72V3624 Datasheet
446Kb / 35P
   3.3 VOLT CMOS SyncBiFIFOTM WITH BUS-MATCHING 256 x 36 x 2 1,024 x 36 x 2
MARCH 2018
logo
Integrated Device Techn...
IDT723622 IDT-IDT723622 Datasheet
294Kb / 26P
   CMOS SyncBiFIFOO 256 x 36 x 2, 512 x 36 x 2, 1024 x 36 x 2
logo
Renesas Technology Corp
72V3631 RENESAS-72V3631 Datasheet
450Kb / 21P
   3.3 VOLT CMOS SyncFIFOTM 512 x 36 1,024 x 36
Oct.29.21
IDT723626 RENESAS-IDT723626 Datasheet
404Kb / 36P
   CMOS TRIPLE BUS SyncFIFOTM WITH BUS-MATCHING 256 x 36 x 2, 512 x 36 x 2 1,024 x 36 x 2
MARCH 2018
logo
Integrated Device Techn...
IDT72V3623 IDT-IDT72V3623 Datasheet
289Kb / 28P
   3.3 VOLT CMOS SyncFIFO WITH BUS-MATCHING 256 x 36, 512 x 36, 1,024 x 36
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com