Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SQ60120QPB33xyz-G Datasheet(PDF) 10 Page - SynQor Worldwide Headquarters

Part # SQ60120QPB33xyz-G
Description  High efficiency, 94.3% at full rated load current
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

SQ60120QPB33xyz-G Datasheet(HTML) 10 Page - SynQor Worldwide Headquarters

Back Button SQ60120QPB33xyz-G Datasheet HTML 6Page - SynQor Worldwide Headquarters SQ60120QPB33xyz-G Datasheet HTML 7Page - SynQor Worldwide Headquarters SQ60120QPB33xyz-G Datasheet HTML 8Page - SynQor Worldwide Headquarters SQ60120QPB33xyz-G Datasheet HTML 9Page - SynQor Worldwide Headquarters SQ60120QPB33xyz-G Datasheet HTML 10Page - SynQor Worldwide Headquarters SQ60120QPB33xyz-G Datasheet HTML 11Page - SynQor Worldwide Headquarters SQ60120QPB33xyz-G Datasheet HTML 12Page - SynQor Worldwide Headquarters SQ60120QPB33xyz-G Datasheet HTML 13Page - SynQor Worldwide Headquarters SQ60120QPB33xyz-G Datasheet HTML 14Page - SynQor Worldwide Headquarters  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
Product # SQ60120QPB33
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-0005266 Rev. G
05/13/15
Page 10
Technical
Specification
SQ60120QPB33
Application Section
Application Section
BASIC OPERATION AND FEATURES
With voltages dropping and currents rising, the economics
of an Intermediate Bus Architecture (IBA) are becoming
more attractive, especially in systems requiring multiple
low voltages. IBA systems separate the role of isolation and
voltage scaling from regulation and sensing. The BusQor
series bus converter provides isolation and a coarse voltage
step down in one compact module, leaving regulation to
simpler, less expensive non-isolated converters.
In Figure A below, the BusQor module provides the isolation
stage of the IBA system. The isolated bus then distributes
power to the non-isolated buck regulators to generate the
required voltage levels at the point of load. In this case, the
bucks are represented with SynQor’s NiQor series of non-
isolated dc-dc converters. In many applications requiring
multiple low voltage outputs, significant savings can be
achieved in board space and overall system costs.
When designing an IBA system with bus converters, the
designer can select from a variety of bus voltages. While
there is no universally ideal bus voltage, most designs
employ one of the following: 12V, 9V, 7.5V, 5V, or 3.3V.
Higher bus voltages can lead to lower efficiency for the buck
regulators but are more efficient for the bus converter and
provide lower board level distribution current. Lower bus
voltages offer the opposite trade offs.
SynQor’s SQ BusQor modules accept the full 48/60V
telecom bus voltage and have a narrow output voltage
range compatible with many non-isolated point of load
converters. When used in IBA systems, the output variation
of the BusQor must be in accordance with the input voltage
range of the non-isolated converters being employed.
BusQor
Converter
NiQor
Converters
Loads
48Vdc
Front End
Typical User Board
3.3V
CONTROL FEATURES
REMOTE ON/OFF (Pin 2): The ON/OFF input, Pin 2,
permits the user to control when the converter is on or off.
This input is referenced to the return terminal of the input
bus, Vin(-). There are two versions of the converter that
differ by the sense of the logic used for the ON/OFF input.
In the positive logic version, the ON/OFF input is active
high (meaning that a high turns the converter on). In the
negative logic version, the ON/OFF signal is active low
(meaning that a low turns the converter on). Figure B is a
detailed look of the internal ON/OFF circuitry.
TTL
ON/OFF
Vin(_)
Vin(+)
2.5V
1.8V
1.5V
0.9V
12Vdc
48Vdc
36-75V
Figure A: Example of Intermediate Bus Architecture using BusQor bus converter
and NiQor non-isolated converters
5V
+5V
124k
49.9k
100k
Figure B: Internal ON/OFF pin circuitry


Similar Part No. - SQ60120QPB33xyz-G

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
SQ60120QPA28 SYNQOR-SQ60120QPA28 Datasheet
963Kb / 12P
   Quarter-brick DC-DC Converter
SQ60120QPA28NK2 SYNQOR-SQ60120QPA28NK2 Datasheet
963Kb / 12P
   Quarter-brick DC-DC Converter
SQ60120QPA28NKS SYNQOR-SQ60120QPA28NKS Datasheet
963Kb / 12P
   Quarter-brick DC-DC Converter
SQ60120QPA28NN2 SYNQOR-SQ60120QPA28NN2 Datasheet
963Kb / 12P
   Quarter-brick DC-DC Converter
SQ60120QPA28NNS SYNQOR-SQ60120QPA28NNS Datasheet
963Kb / 12P
   Quarter-brick DC-DC Converter
More results

Similar Description - SQ60120QPB33xyz-G

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
SQ60120QEX25 SYNQOR-SQ60120QEX25 Datasheet
2Mb / 14P
   High efficiency, 96% at full rated load current
PQ60050HZX60 SYNQOR-PQ60050HZX60 Datasheet
3Mb / 16P
   High efficiency, 93% at full rated load current
PQ60280HZX22 SYNQOR-PQ60280HZX22 Datasheet
3Mb / 16P
   High efficiency, 94% at full rated load current
logo
Maxim Integrated Produc...
MAX15005AEVKIT MAXIM-MAX15005AEVKIT Datasheet
443Kb / 8P
   71% Efficiency at 16V Input and Full Load
Rev 1; 7/20
logo
Bel Fuse Inc.
TET1500 BEL-TET1500 Datasheet
1Mb / 26P
   High Efficiency, typ. 96% efficiency at half load
PFS1200-12-054XD BEL-PFS1200-12-054XD Datasheet
1Mb / 27P
   High Efficiency, typ. 94% efficiency at half load
logo
Recom International Pow...
RB-E RECOM-RB-E Datasheet
95Kb / 2P
   High Efficiency up to 84% Full Load
logo
Bel Fuse Inc.
TET3600-48-104XA BEL-TET3600-48-104XA Datasheet
402Kb / 7P
   Very high efficiency, typ. 97% at half load
logo
E-Tech Electronics LTD
GL1147-50 ETL-GL1147-50 Datasheet
229Kb / 3P
   1.4Vmaximum dropout full load current
logo
International Rectifier
OM7764ASC IRF-OM7764ASC_15 Datasheet
168Kb / 5P
   Dropout Voltage of 400mV at Full Load
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com