Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SQ60120QEw25xyz Datasheet(PDF) 11 Page - SynQor Worldwide Headquarters

Part # SQ60120QEw25xyz
Description  High efficiency, 96% at full rated load current
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

SQ60120QEw25xyz Datasheet(HTML) 11 Page - SynQor Worldwide Headquarters

Back Button SQ60120QEw25xyz Datasheet HTML 6Page - SynQor Worldwide Headquarters SQ60120QEw25xyz Datasheet HTML 7Page - SynQor Worldwide Headquarters SQ60120QEw25xyz Datasheet HTML 8Page - SynQor Worldwide Headquarters SQ60120QEw25xyz Datasheet HTML 9Page - SynQor Worldwide Headquarters SQ60120QEw25xyz Datasheet HTML 10Page - SynQor Worldwide Headquarters SQ60120QEw25xyz Datasheet HTML 11Page - SynQor Worldwide Headquarters SQ60120QEw25xyz Datasheet HTML 12Page - SynQor Worldwide Headquarters SQ60120QEw25xyz Datasheet HTML 13Page - SynQor Worldwide Headquarters SQ60120QEw25xyz Datasheet HTML 14Page - SynQor Worldwide Headquarters  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
Product # SQ60120QEx25
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-0006429 Rev. F
10/16/2015
Page 11
Input:35-75V
Output:12V
Current:25A
Part No.:SQ60120QEx25
Application Section
APPLICATION CONSIDERATIONS
Droop based current sharing is implemented by only regulating the
output of first stage in the two-stage power conversion topology.
The inherent impedance of the second stage balances current
between multiple modules. This scheme ensures redundancy since
there is no active current sharing circuit or common connection to
fail. Graphs in this section show two units by way of example, but
there is no fundamental limit to the number of units that can be
placed in parallel. While the lack of output voltage regulation can
seem to be a disadvantage, as we will discuss, it can actually reduce
the overall voltage deviation when transient response is considered.
Another hidden advantage of droop sharing is a dramatic stability
improvement of any external post-regulators.
Droop Damps Downstream Point-of-Loads: It is very
common to have additional non-isolated point-of-load converters
downstream of an isolated bus converter, called an Intermediate
Bus Architecture (IBA). Each of these point-of-load converters
requires damping to keep its input system stable. Since the point-
of-load converter input current goes up when the bus voltage goes
down, it presents an incremental negative resistance. This will be
unstable when coupled with a low impedance source, parasitic or
explicit inductance, high power, and low bus voltage. The usual
solution is to add large amounts of bulk capacitance with inherent
or explicit equivalent series resistance to provide damping (See
Figure 4 in Input System Instability application note). The downside
of this approach is that the capacitors are expensive and bulky. An
alternate solution is to add an explicit series resistance, but this is
undesirable because of the additional power loss (See Figure 3 in
Input System Instability application note).
A bus converter with a droop characteristic has an inherent
series resistance, without the need for any additional
components. Since this resistance comes from the transformer
and output rectifiers of the bus converter, it does not represent
any additional power loss. The value of this positive damping
resistance can be derived directly from the slope of the bus
converter output voltage droop characteristic vs. output current.
Stability can be determined by evaluating equations 3-6 in the
Input System Instability application note.
Voltage Mismatch Impacts Share Accuracy: When multiple
units having droop characteristics are placed in parallel, the current
sharing accuracy is determined by the output voltage accuracy. A
difference in voltage between two units will cause a differential
current to flow out of one unit and into the other. Figure B shows an
example with two units with output voltage mismatched by 0.5%.
In this example, when Unit A is at 100% of its full rated load current,
Unit B is only at 90%, effectively reducing the total available current
by 5%. SynQor uses factory calibration of each unit to ensure that
output voltage is well matched.
Temperature Mismatch Self Balancing: The slope of the output
voltage droop characteristic increases with increased temperature.
So, if a paralleled unit were hotter than its neighbor, then it would
take more of the load current. However, this situation is self
correcting, because as a converter heats up, its droop increases
due to an increase in output resistance. As shown in Figure C, this
causes the hotter unit to share less current, which in turn cools
down and restores equilibrium.
Figure B: Droop Characteristics with Voltage Mismatch
Figure C: Droop Characteristics with Temperature Mismatch (Self Balancing)
Droop Characteristics with Voltage Mismatch
-4.0%
-3.5%
-3.0%
-2.5%
-2.0%
-1.5%
-1.0%
-0.5%
0.0%
0%
10%
20%
30%
40%
50%
60%
70%
80%
90%
100%
Load Current (% of Rated Value)
Unit A
Unit B
Droop Characteristics with Temperature Mismatch (Self Balancing)
-4.00%
-3.50%
-3.00%
-2.50%
-2.00%
-1.50%
-1.00%
-0.50%
0.00%
0%
10%
20%
30%
40%
50%
60%
70%
80%
90%
100%
Load Current (% of Rated Value)
Unit A (cooler)
Unit B (hotter)


Similar Part No. - SQ60120QEw25xyz

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
SQ60120QPA28 SYNQOR-SQ60120QPA28 Datasheet
963Kb / 12P
   Quarter-brick DC-DC Converter
SQ60120QPA28NK2 SYNQOR-SQ60120QPA28NK2 Datasheet
963Kb / 12P
   Quarter-brick DC-DC Converter
SQ60120QPA28NKS SYNQOR-SQ60120QPA28NKS Datasheet
963Kb / 12P
   Quarter-brick DC-DC Converter
SQ60120QPA28NN2 SYNQOR-SQ60120QPA28NN2 Datasheet
963Kb / 12P
   Quarter-brick DC-DC Converter
SQ60120QPA28NNS SYNQOR-SQ60120QPA28NNS Datasheet
963Kb / 12P
   Quarter-brick DC-DC Converter
More results

Similar Description - SQ60120QEw25xyz

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
SQ60120QPB33 SYNQOR-SQ60120QPB33 Datasheet
1Mb / 14P
   High efficiency, 94.3% at full rated load current
PQ60050HZX60 SYNQOR-PQ60050HZX60 Datasheet
3Mb / 16P
   High efficiency, 93% at full rated load current
PQ60280HZX22 SYNQOR-PQ60280HZX22 Datasheet
3Mb / 16P
   High efficiency, 94% at full rated load current
logo
Bel Fuse Inc.
TET1500 BEL-TET1500 Datasheet
1Mb / 26P
   High Efficiency, typ. 96% efficiency at half load
logo
Maxim Integrated Produc...
MAX15005AEVKIT MAXIM-MAX15005AEVKIT Datasheet
443Kb / 8P
   71% Efficiency at 16V Input and Full Load
Rev 1; 7/20
logo
Bel Fuse Inc.
PFS1200-12-054XD BEL-PFS1200-12-054XD Datasheet
1Mb / 27P
   High Efficiency, typ. 94% efficiency at half load
logo
Recom International Pow...
RB-E RECOM-RB-E Datasheet
95Kb / 2P
   High Efficiency up to 84% Full Load
logo
Bel Fuse Inc.
TET3600-48-104XA BEL-TET3600-48-104XA Datasheet
402Kb / 7P
   Very high efficiency, typ. 97% at half load
logo
Emerson Network Power
ALO15B50 EMERSON-NETWORKPOWER-ALO15B50 Datasheet
88Kb / 2P
   High efficiency (96% Typical)
logo
Cypress Semiconductor
MB39C015 CYPRESS-MB39C015 Datasheet
1Mb / 43P
   High efficiency : 96% (Max)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com