Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SQ60120HZA50 Datasheet(PDF) 11 Page - SynQor Worldwide Headquarters

Part # SQ60120HZA50
Description  Industry standard pin-out configuration
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

SQ60120HZA50 Datasheet(HTML) 11 Page - SynQor Worldwide Headquarters

Back Button SQ60120HZA50 Datasheet HTML 6Page - SynQor Worldwide Headquarters SQ60120HZA50 Datasheet HTML 7Page - SynQor Worldwide Headquarters SQ60120HZA50 Datasheet HTML 8Page - SynQor Worldwide Headquarters SQ60120HZA50 Datasheet HTML 9Page - SynQor Worldwide Headquarters SQ60120HZA50 Datasheet HTML 10Page - SynQor Worldwide Headquarters SQ60120HZA50 Datasheet HTML 11Page - SynQor Worldwide Headquarters SQ60120HZA50 Datasheet HTML 12Page - SynQor Worldwide Headquarters SQ60120HZA50 Datasheet HTML 13Page - SynQor Worldwide Headquarters SQ60120HZA50 Datasheet HTML 14Page - SynQor Worldwide Headquarters  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
Product # SQ60120HZx50
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-0005134 Rev. F
10/16/2015
Page 11
Input:35-75V
Output:12V
Current:50A
Part No.:SQ60120HZx50
Application Section
APPLICATION CONSIDERATIONS
Droop based current sharing is implemented by only regulating the
output of first stage in the two-stage power conversion topology.
The inherent impedance of the second stage balances current
between multiple modules. This scheme ensures redundancy since
there is no active current sharing circuit or common connection
to fail. Graphs in this section show two units by way of example,
but there is no fundamental limit to the number of units that can
be placed in parallel. While the lack of output voltage regulation
can seem to be a disadvantage, as we will discuss, it can actually
reduce the overall voltage deviation when transient response is
considered. Another hidden advantage of droop sharing is a
dramatic stability improvement of any external post-regulators.
Droop Damps Downstream Point-of-Loads: It is very
common to have additional non-isolated point-of-load converters
downstream of an isolated bus converter, called an Intermediate
Bus Architecture (IBA). Each of these point-of-load converters
requires damping to keep its input system stable. Since the point-
of-load converter input current goes up when the bus voltage goes
down, it presents an incremental negative resistance. This will be
unstable when coupled with a low impedance source, parasitic or
explicit inductance, high power, and low bus voltage. The usual
solution is to add large amounts of bulk capacitance with inherent
or explicit equivalent series resistance to provide damping (See
Figure 4 in Input System Instability whitepaper). The downside of
this approach is that the capacitors are expensive and bulky. An
alternate solution is to add an explicit series resistance, but this is
undesirable because of the additional power loss (See Figure 3 in
Input System Instability whitepaper).
A bus converter with a droop characteristic has an inherent
series resistance, without the need for any additional
components. Since this resistance comes from the transformer
and output rectifiers of the bus converter, it does not represent
any additional power loss. The value of this positive damping
resistance can be derived directly from the slope of the bus
converter output voltage droop characteristic vs. output
current. Stability can be determined by evaluating equations
3-6 in the Input System Instability whitepaper.
Voltage Mismatch Impacts Share Accuracy: When multiple
units having droop characteristics are placed in parallel, the current
sharing accuracy is determined by the output voltage accuracy.
A difference in voltage between two units will cause a differential
current to flow out of one unit and into the other. Figure B shows
an example with two units with output voltage mismatched by
0.5%. In this example, when Unit A is at 100% of its full rated
load current, Unit B is only at 90%, effectively reducing the total
available current by 5%. SynQor uses factory calibration of each
unit to ensure that output voltage is well matched.
-6%
-5%
-4%
-3%
-2%
-1%
0%
0%
20%
40%
60%
80%
100%
Load Current (% of Rated Value)
Unit A
Unit B
Figure B: Droop Characteristics with Voltage Mismatch
Temperature Mismatch Self Balancing: The slope of the
output voltage droop characteristic increases with increased
temperature. So, if a paralleled unit were hotter than its neighbor,
then it would take more of the load current. However, this
situation is self correcting, because as a converter heats up, its
droop increases due to an increase in output resistance. As shown
in Figure C, this causes the hotter unit to share less current, which
in turn cools down and restores equilibrium.
-6%
-5%
-4%
-3%
-2%
-1%
0%
0%
20%
40%
60%
80%
100%
Load Current (% of Rated Value)
Unit A (cooler)
Unit B (hotter)
Figure C: Droop Characteristics with Temperature Mismatch (Self Balancing)


Similar Part No. - SQ60120HZA50

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
SQ60120EPB25 SYNQOR-SQ60120EPB25 Datasheet
2Mb / 14P
   Output current limit and short circuit protection
SQ60120ETA17 SYNQOR-SQ60120ETA17 Datasheet
2Mb / 14P
   Output current limit and short circuit protection
SQ60120ETA17xyz-G SYNQOR-SQ60120ETA17xyz-G Datasheet
2Mb / 14P
   Output current limit and short circuit protection
SQ60120ETA20 SYNQOR-SQ60120ETA20 Datasheet
2Mb / 14P
   Industry standard eighth-brick pin-out configuration
SQ60120ETA20xyz-G SYNQOR-SQ60120ETA20xyz-G Datasheet
2Mb / 14P
   Industry standard eighth-brick pin-out configuration
More results

Similar Description - SQ60120HZA50

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ24018QGX25 SYNQOR-PQ24018QGX25 Datasheet
2Mb / 16P
   Industry standard pin-out configuration
BQ57090EZB48 SYNQOR-BQ57090EZB48 Datasheet
2Mb / 13P
   Industry standard quarter-brick pin-out configuration
PQ60050SMX10 SYNQOR-PQ60050SMX10 Datasheet
1Mb / 15P
   Industry standard sixteenth-brick pin-out configuration
BQ57120QEX50 SYNQOR-BQ57120QEX50 Datasheet
2Mb / 14P
   Industry standard quarter-brick pin-out configuration
BQ55120EZB38 SYNQOR-BQ55120EZB38 Datasheet
2Mb / 13P
   Industry standard quarter-brick pin-out configuration
BQ55120QZB67 SYNQOR-BQ55120QZB67 Datasheet
2Mb / 13P
   Industry standard quarter-brick pin-out configuration
BQ57120QZB67 SYNQOR-BQ57120QZB67 Datasheet
2Mb / 13P
   Industry standard quarter-brick pin-out configuration
PQ60025SMX20 SYNQOR-PQ60025SMX20 Datasheet
908Kb / 15P
   Industry standard sixteenth-brick pin-out configuration
PQ60010EML15 SYNQOR-PQ60010EML15 Datasheet
529Kb / 13P
   Industry standard eighth-brick pin-out configuration
PQ60018SMX25 SYNQOR-PQ60018SMX25 Datasheet
824Kb / 15P
   Industry standard sixteenth-brick pin-out configuration
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com