Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SQ60120ETA20 Datasheet(PDF) 7 Page - SynQor Worldwide Headquarters

Part # SQ60120ETA20
Description  Industry standard eighth-brick pin-out configuration
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

SQ60120ETA20 Datasheet(HTML) 7 Page - SynQor Worldwide Headquarters

Back Button SQ60120ETA20 Datasheet HTML 3Page - SynQor Worldwide Headquarters SQ60120ETA20 Datasheet HTML 4Page - SynQor Worldwide Headquarters SQ60120ETA20 Datasheet HTML 5Page - SynQor Worldwide Headquarters SQ60120ETA20 Datasheet HTML 6Page - SynQor Worldwide Headquarters SQ60120ETA20 Datasheet HTML 7Page - SynQor Worldwide Headquarters SQ60120ETA20 Datasheet HTML 8Page - SynQor Worldwide Headquarters SQ60120ETA20 Datasheet HTML 9Page - SynQor Worldwide Headquarters SQ60120ETA20 Datasheet HTML 10Page - SynQor Worldwide Headquarters SQ60120ETA20 Datasheet HTML 11Page - SynQor Worldwide Headquarters Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
Product # SQ60120ETA20
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-0005817 Rev. G
12/04/2015
Page 7
Technical Specification
Input:35-75V
Output:12V
Current:20A
Part No.:SQ60120ETA20
Derating Curves for Vin =48 V;
orientation: output to input
0
5
10
15
20
25
30
25
40
55
70
85
Ambient Air Temperature (oC)
400
300
200
100
source
impedance
DC-DC
Converter
Input
Terminal
Ripple
Current
Input
Reflected
Ripple
Current
Output
Voltage
Ripple
ceramic
capacitor capacitor
electrolytic
electrolytic
capacitor
VSOURCE
VOUT
i
S
i
C
Figure 7: Maximum output power derating curves vs. ambient air temperature
for airflow rates of 100 LFM through 400 LFM with air flowing from output to
input (nominal input voltage).
Figure 8: Thermal plot of converter at 13.5 A load current (max 125ºC derating
current) with 55ºC air flowing at the rate of 200 LFM. Air is flowing across the
converter from output to input (nominal input voltage).
Figure 9: Turn-on transient at half load (resistive load) and 3 mF output
capacitance (2.0 ms/div). Input voltage pre-applied. CH1: Vout (5V/div). CH2:
ON/OFF input (2V/div). Vin = 48 V.
Figure 10: Turn-on transient at zero load and 3 mF output capacitance (2.0 ms/
div). Input voltage pre-applied. CH1: Vout (5 V/div). CH2: ON/OFF input (2
V/div). Vin = 48 V.
Figure 11: Output voltage response to step-change in load current (50%-75%-
50%) of Iout (max); dI/dt = 0.1 A/µs). Load cap 100 µF, 100 mΩ ESR tantalum
cap. Top trace: Vout (2 V/div), Ch2: Iout (10A/div). Vin = 48 V
Figure 12: Test set-up diagram showing measurement points for Input Terminal
Ripple Current (Figure 13), Input Reflected Ripple Current (Figure 14), and
Output Voltage Ripple (Figure 15).


Similar Part No. - SQ60120ETA20

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
SQ60120ETA17 SYNQOR-SQ60120ETA17 Datasheet
2Mb / 14P
   Output current limit and short circuit protection
SQ60120ETA17xyz-G SYNQOR-SQ60120ETA17xyz-G Datasheet
2Mb / 14P
   Output current limit and short circuit protection
More results

Similar Description - SQ60120ETA20

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ60010EML15 SYNQOR-PQ60010EML15 Datasheet
529Kb / 13P
   Industry standard eighth-brick pin-out configuration
PQ60010EGL25 SYNQOR-PQ60010EGL25 Datasheet
544Kb / 13P
   Industry standard eighth-brick pin-out configuration
BQ4H136EEC45 SYNQOR-BQ4H136EEC45 Datasheet
1Mb / 13P
   Industry standard eighth-brick pin-out configuration
BQ57120QEX50 SYNQOR-BQ57120QEX50 Datasheet
2Mb / 14P
   Industry standard quarter-brick pin-out configuration
BQ57090EZB48 SYNQOR-BQ57090EZB48 Datasheet
2Mb / 13P
   Industry standard quarter-brick pin-out configuration
PQ60050SMX10 SYNQOR-PQ60050SMX10 Datasheet
1Mb / 15P
   Industry standard sixteenth-brick pin-out configuration
PQ60018SMX25 SYNQOR-PQ60018SMX25 Datasheet
824Kb / 15P
   Industry standard sixteenth-brick pin-out configuration
BQ55120EZB38 SYNQOR-BQ55120EZB38 Datasheet
2Mb / 13P
   Industry standard quarter-brick pin-out configuration
BQ55120QZB67 SYNQOR-BQ55120QZB67 Datasheet
2Mb / 13P
   Industry standard quarter-brick pin-out configuration
BQ57120QZB67 SYNQOR-BQ57120QZB67 Datasheet
2Mb / 13P
   Industry standard quarter-brick pin-out configuration
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com